Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

HI-3593PCTF Datasheet(PDF) 10 Page - Holt Integrated Circuits

Part # HI-3593PCTF
Description  3.3V ARINC 429 Dual Receiver, Single Transmitter with SPI Interface
Download  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HOLTIC [Holt Integrated Circuits]
Direct Link  http://www.holtic.com
Logo HOLTIC - Holt Integrated Circuits

HI-3593PCTF Datasheet(HTML) 10 Page - Holt Integrated Circuits

Back Button HI-3593PCTF Datasheet HTML 6Page - Holt Integrated Circuits HI-3593PCTF Datasheet HTML 7Page - Holt Integrated Circuits HI-3593PCTF Datasheet HTML 8Page - Holt Integrated Circuits HI-3593PCTF Datasheet HTML 9Page - Holt Integrated Circuits HI-3593PCTF Datasheet HTML 10Page - Holt Integrated Circuits HI-3593PCTF Datasheet HTML 11Page - Holt Integrated Circuits HI-3593PCTF Datasheet HTML 12Page - Holt Integrated Circuits HI-3593PCTF Datasheet HTML 13Page - Holt Integrated Circuits HI-3593PCTF Datasheet HTML 14Page - Holt Integrated Circuits Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 23 page
background image
All three Priority-Label Match Registers are loaded using SPI op-
code 0x18 (Receiver 1) or 0x2C (Receiver 2), followed by three label
match values. The first byte is the match value for Priority-Label
Register #3, the second for Priority-Label Register #2 and the third
for Priority-Label #1. The match values may be checked by reading
the Priority-Label Match Registers using SPI op-code 0x9C
(Receiver 1) or 0xBC (Receiver 2).
When using the Priority-Label feature, all three Priority-Label Match
Registers must be loaded to avoid unintended matches occurring on
un-programmed Priority-Label Match Register random values. If
less than three Priority-Labels are required for a particular
application, duplicate copies of the same match value should be
stored in two (or three) registers.
Note that Priority-Label Registers (mail boxes) are only 24 bits long.
Because the ARINC 429 label byte value is pre-programmed for
each register it is not necessary to store it when words are received.
This allows a shorter and faster access of the data field using SPI
Op-Codes 0xA4, 0xA8 and 0xAC (Receiver 1 Priority-Label
Registers #1, #2 and #3) or 0xC4, 0xC8 and 0xCC (Receiver 2
Priority-Label Registers #1, #2 and #3).
The Receive Status Register bits PL1, PL2 and PL3 indicate when
Priority-Label data is available in the Priority-Label Registers. Six
status output pins MB1-1 through MB2-3 also indicate when data is
available at each of the six Priority-Label Registers. The R1INT and
R2INT interrupt pins can also be triggered when Priority Labels are
captured by programming bits 7, 6, 3 and 2 of the Flag / Interrupt
Assignment Register.
FUNCTIONAL DESCRIPTION (cont.)
DIFFERENTIAL
AMPLIFIERS
COMPARATORS
FIGURE 2. ARINC RECEIVER INPUT
RINA-40
RINA
RINB
RINB-40
VDD
GND
VDD
GND
ONE
NULL
ZERO
HOLT INTEGRATED CIRCUITS
10
3. To validate the receive data bit rate, each bit must follow its
preceding bit by not less than 8 samples and not more than 12
samples.
With exactly 1MHz input clock frequency, the
acceptable data bit rates are:
83K BPS
10.4K BPS
125K BPS
15.6K BPS
4. Following the last data bit of a valid reception, the Word
Gap timer samples the Null shift register every 10 input
clocks (every 80 clocks for low speed). If a Null is present,
the Word Gap counter is incremented. A Word Gap count of
3 enables the next reception.
Receiver parity checking is enabled by setting the Receive Control
register PARITY bit to a “1”. When enabled, the receiver parity
circuit counts Ones received, including the parity bit. If the result is
odd, a "0" is stored in the 32nd bit position, overwriting the received
parity bit. The “0” indicates a parity bit check pass.
If receive parity is enabled and a word is received with bad odd
parity, the 32nd bit is overwritten with a “1” indicating a parity check
fail.
When the Receiver Control Register PARITY bit is a “0”, no parity
checking takes place and all 32 bits of the received word remain
unaltered.
The HI-3593 subjects incoming ARINC 429 messages to three
different data filter checks before data is accepted. First all words are
filtered for matching S/D bits, if enabled. Secondly, the word label
byte must match one of the three programmed Priority-Label Match
Register Values for the word to be stored in a Priority-Label Register,
and/or the label memory filter bit corresponding to the label must be
set to a “1” for the word to be stored in the Receiver FIFO.
S/D filtering is enabled by setting the Receive Control Register
SDON bit to a “1”. When enabled, bits 9 and 10 of the incoming
ARINC 429 word are compared with Receive Control Register bits
SD9 and SD10. If they match, the word is accepted for the next
phase of filtering. If the bits do not match, the word is discarded and
never stored. The S/D filtering function may be disabled by
programming the SDON bit to a “0”. When disbled, all incoming
words are accepted for subsequent filtering.
The three Priority Label Registers store received data if the Priority
Label feature is enabled, and the incoming ARINC 429 word’s label
byte matches the value stored in Pririty-Label Match Register #1, # 2
or #3.
Priority-Label capture is enabled by setting the Receive Control
Register PLON bit to “1”. When PLON = “0” the Priority-Label feature
is disabled and no ARINC 429 words are stored in the Priority-Label
Registers.
HIGH SPEED
LOW SPEED
DATA BIT RATE MIN
DATA BIT RATE MAX
RECEIVER PARITY
RECEIVED DATA ACCEPTANCE AND STORAGE
S/D FILTERING
PRIORITY LABELS
HI-3593
LABREC
ARINC word
SDON
ARINC word
FIFO
matches
bits 10, 9
Enabled
match
SD10, SD9
label
0
X
0
X
Load FIFO
1
No
0
X
Ignore data
1
Yes
0
X
Load FIFO
0
X
1
No
Ignore data
0
X
1
Yes
Load FIFO
1
Yes
1
No
Ignore data
1
No
1
Yes
Ignore data
1
No
1
No
Ignore data
1
Yes
1
Yes
Load FIFO
TABLE 3. FIFO LOADING CONTROL


Similar Part No. - HI-3593PCTF

ManufacturerPart #DatasheetDescription
logo
Holt Integrated Circuit...
HI-3593PCTF HOLTIC-HI-3593PCTF Datasheet
140Kb / 23P
   3.3V ARINC 429 Dual Receiver,Single Transmitter with SPI Interface
More results

Similar Description - HI-3593PCTF

ManufacturerPart #DatasheetDescription
logo
Holt Integrated Circuit...
HI-3593 HOLTIC-HI-3593_13 Datasheet
140Kb / 23P
   3.3V ARINC 429 Dual Receiver,Single Transmitter with SPI Interface
HI-3587 HOLTIC-HI-3587 Datasheet
96Kb / 11P
   ARINC 429 Transmitter with SPI Interface
HI-3588 HOLTIC-HI-3588_12 Datasheet
98Kb / 13P
   ARINC 429 Receiver with SPI Interface
HI-3588 HOLTIC-HI-3588 Datasheet
101Kb / 11P
   ARINC 429 Receiver with SPI Interface
HI-3584 HOLTIC-HI-3584_13 Datasheet
127Kb / 17P
   Enhanced ARINC 429 3.3V Serial Transmitter and Dual Receiver
HI-3584 HOLTIC-HI-3584 Datasheet
313Kb / 15P
   Enhanced ARINC 429 3.3V Serial Transmitter and Dual Receiver
HI-8282A HOLTIC-HI-8282A Datasheet
688Kb / 14P
   ARINC 429 SERIAL TRANSMITTER AND DUAL RECEIVER
HI-8282A HOLTIC-HI-8282A_13 Datasheet
160Kb / 15P
   ARINC 429 Serial Transmitter and Dual Receiver
HI-3282 HOLTIC-HI-3282_06 Datasheet
146Kb / 13P
   ARINC 429 SERIAL TRANSMITTER AND DUAL RECEIVER
HI-3282 HOLTIC-HI-3282 Datasheet
612Kb / 13P
   ARINC 429 SERIAL TRANSMITTER AND DUAL RECEIVER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com