Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

HI-3593PCMF Datasheet(PDF) 11 Page - Holt Integrated Circuits

Part # HI-3593PCMF
Description  3.3V ARINC 429 Dual Receiver, Single Transmitter with SPI Interface
Download  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HOLTIC [Holt Integrated Circuits]
Direct Link  http://www.holtic.com
Logo HOLTIC - Holt Integrated Circuits

HI-3593PCMF Datasheet(HTML) 11 Page - Holt Integrated Circuits

Back Button HI-3593PCMF Datasheet HTML 7Page - Holt Integrated Circuits HI-3593PCMF Datasheet HTML 8Page - Holt Integrated Circuits HI-3593PCMF Datasheet HTML 9Page - Holt Integrated Circuits HI-3593PCMF Datasheet HTML 10Page - Holt Integrated Circuits HI-3593PCMF Datasheet HTML 11Page - Holt Integrated Circuits HI-3593PCMF Datasheet HTML 12Page - Holt Integrated Circuits HI-3593PCMF Datasheet HTML 13Page - Holt Integrated Circuits HI-3593PCMF Datasheet HTML 14Page - Holt Integrated Circuits HI-3593PCMF Datasheet HTML 15Page - Holt Integrated Circuits Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 23 page
background image
RECEIVE DATA FIFO
Following S/D Filtering, accepted ARINC 429 words are
conditionally stored in the Receive FIFO. If label filtering is
disabled, all words are stored. If label filtering is enabled, the
incoming ARINC429 word’s label byte value is checked against its
corresponding bit in the pre-programmed label look-up table. If the
bit is set to a “1” the word is stored in the FIFO. If the bit is a “0” the
word is not stored in the FIFO.
LABEL RECOGNITION
READING THE LABEL LOOK-UP TABLE
The user loads the 256-bit label look-up table to specify which 8-bit
incoming ARINC labels are stored in the Receive FIFO, and which
are not. Setting a “1” in the look-up table enables processing of
received ARINC words containing the corresponding label. A “0”
in the look-up table causes discard of received ARINC words
containing the label. The 256-bit look-up table is loaded using SPI
Op-Codes 0x14 (Receiver 1) and 0x28 (Receiver 2), as described
in Table 1. After the look-up table is initialized, the Control Register
bit LABREC must be set to enable label recognition.
All four bytes of the incoming ARINC429 word are stored in the
FIFO.
Table 3. defines the rules for Receive FIFO loading.
The contents of the Label Look-up table may be read via the SPI
interface using Op-Code 0x98 (Receiver 1) or 0xB8 (Receiver 2) as
described in Table 1.
FUNCTIONAL DESCRIPTION (cont.)
HOLT INTEGRATED CIRCUITS
11
HI-3593
RETRIEVING DATA
Each time a valid ARINC 429 word is loaded into the FIFO, the
Receive FIFO Status Register FFEMPTY, FFHALF and FFFULL bits
are updated. When the FIFO is EMPTY, the FFEMPTY bit is a “1” and
FFHALF and FFFULL are “0”. Once the first received and accepted
ARINC 429 word is loaded into the FIFO, FFEMPTY goes low. Each
received ARINC 429 word is retrieved via the SPI interface using SPI
Op-Code 0xA0 (Receiver 1) or 0xC0 (Receiver 2).
Up to 32 ARINC 429 words may be held in the Receive FIFO.
FFFULL goes high when the Receive FIFO is full. Failure to unload
the Receive FIFO when full causes additional valid ARINC 429
words to overwrite Receive FIFO location 32.
A FIFO half-full flag (FFHALF) is high whenever the Receive FIFO
contains 16 or more words. The FFHALF bit provides a useful
indicator to the host CPU that a sixteen word data retrieval routine
may be performed.
The FFEMPTY, FFHALF or FFFULL status bits can also be output on
the R1FLAG (Receiver 1) and R2FLAG (Receiver 2) pins. Flag /
Interrupt Assignment Register bits 5, 4, 1 and 0 select which flag
appears. Additionally, a FIFO not empty option may be programmed
for the R1FLAG / R2FLAG pins causing the pin to go high any time at
least one word is available in the FIFO.
FIGURE 3.
RECEIVER BLOCK DIAGRAM
WORD
GAP
WORD GAP
TIMER
BIT
CLOCK
END
START
ERROR
ERROR
DETECTION
SHIFT REGISTER
SHIFT REGISTER
NULL
ZEROS
SHIFT REGISTER
ONES
NEW WORD
32 BIT SHIFT REGISTER
RECEIVED ARINC 429 WORD
TO FILTERS (S/D, LABEL, PRIORITY-LABEL)
PARITY
CHECK
32ND
BIT
DATA
EOS
SEQUENCE
CONTROL
1MHz
BIT
COUNTER
AND
END OF
SEQUENCE
1MHz
1MHz
1MHz


Similar Part No. - HI-3593PCMF

ManufacturerPart #DatasheetDescription
logo
Holt Integrated Circuit...
HI-3593PCMF HOLTIC-HI-3593PCMF Datasheet
140Kb / 23P
   3.3V ARINC 429 Dual Receiver,Single Transmitter with SPI Interface
More results

Similar Description - HI-3593PCMF

ManufacturerPart #DatasheetDescription
logo
Holt Integrated Circuit...
HI-3593 HOLTIC-HI-3593_13 Datasheet
140Kb / 23P
   3.3V ARINC 429 Dual Receiver,Single Transmitter with SPI Interface
HI-3587 HOLTIC-HI-3587 Datasheet
96Kb / 11P
   ARINC 429 Transmitter with SPI Interface
HI-3588 HOLTIC-HI-3588_12 Datasheet
98Kb / 13P
   ARINC 429 Receiver with SPI Interface
HI-3588 HOLTIC-HI-3588 Datasheet
101Kb / 11P
   ARINC 429 Receiver with SPI Interface
HI-3584 HOLTIC-HI-3584_13 Datasheet
127Kb / 17P
   Enhanced ARINC 429 3.3V Serial Transmitter and Dual Receiver
HI-3584 HOLTIC-HI-3584 Datasheet
313Kb / 15P
   Enhanced ARINC 429 3.3V Serial Transmitter and Dual Receiver
HI-8282A HOLTIC-HI-8282A Datasheet
688Kb / 14P
   ARINC 429 SERIAL TRANSMITTER AND DUAL RECEIVER
HI-8282A HOLTIC-HI-8282A_13 Datasheet
160Kb / 15P
   ARINC 429 Serial Transmitter and Dual Receiver
HI-3282 HOLTIC-HI-3282_06 Datasheet
146Kb / 13P
   ARINC 429 SERIAL TRANSMITTER AND DUAL RECEIVER
HI-3282 HOLTIC-HI-3282 Datasheet
612Kb / 13P
   ARINC 429 SERIAL TRANSMITTER AND DUAL RECEIVER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com