Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

HI-8192PCI Datasheet(PDF) 4 Page - Holt Integrated Circuits

Part # HI-8192PCI
Description  12, Quad, SPST, 3.3V / 5.0V compatible Analog Switch
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HOLTIC [Holt Integrated Circuits]
Direct Link  http://www.holtic.com
Logo HOLTIC - Holt Integrated Circuits

HI-8192PCI Datasheet(HTML) 4 Page - Holt Integrated Circuits

  HI-8192PCI Datasheet HTML 1Page - Holt Integrated Circuits HI-8192PCI Datasheet HTML 2Page - Holt Integrated Circuits HI-8192PCI Datasheet HTML 3Page - Holt Integrated Circuits HI-8192PCI Datasheet HTML 4Page - Holt Integrated Circuits HI-8192PCI Datasheet HTML 5Page - Holt Integrated Circuits HI-8192PCI Datasheet HTML 6Page - Holt Integrated Circuits HI-8192PCI Datasheet HTML 7Page - Holt Integrated Circuits HI-8192PCI Datasheet HTML 8Page - Holt Integrated Circuits HI-8192PCI Datasheet HTML 9Page - Holt Integrated Circuits  
Zoom Inzoom in Zoom Outzoom out
 4 / 9 page
background image
HOLT INTEGRATED CIRCUITS
4
Figure 1 - On Resistance
Figure 3. Switching Times
V
(HI-8191)
IN
VOUT
V
(HI-8190)
IN
50%
50%
t ON
t OFF
50%
90%
TEST CIRCUITS
HI-8190, HI-8191, HI-8192
+
-
VS
IDS
R= V /I
ON
1 DS
V1
Figure 2 - Off Leakage
+
-
VS
I (OFF)
S
VD
AA
-
+
I (OFF)
D
+
-
VS
35pF
300W
+5V
+15V
-15V
VLOGIC
V+
V-
GND
0.1 F
µ
0.1 F
µ
0.1 F
µ
VOUT
SA
SB
SA
SB
SA
SB
IN
50%
50%
Figure 4. Break-Before-Make Time Delay (HI-8192)
35pF
300W
+5V
+15V
-15V
VLOGIC
V+
V-
GND
0.1 F
µ
0.1 F
µ
0.1 F
µ
VOUT1
S1A
S1B
IN
S2A
S2B
VS1
VS2
VOUT2
300W
35pF
VIN
VOUT1
5V
0V
50%
50%
VOUT2
50%
90%
t D
t D
50%
90%


Similar Part No. - HI-8192PCI

ManufacturerPart #DatasheetDescription
logo
Holt Integrated Circuit...
HI-8192PSF HOLTIC-HI-8192PSF Datasheet
83Kb / 9P
   12, Quad, SPST, 3.3V / 5.0V compatible
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com