Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

HI-8191PDT Datasheet(PDF) 9 Page - Holt Integrated Circuits

Part # HI-8191PDT
Description  12, Quad, SPST, 3.3V / 5.0V compatible Analog Switch
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HOLTIC [Holt Integrated Circuits]
Direct Link  http://www.holtic.com
Logo HOLTIC - Holt Integrated Circuits

HI-8191PDT Datasheet(HTML) 9 Page - Holt Integrated Circuits

  HI-8191PDT Datasheet HTML 1Page - Holt Integrated Circuits HI-8191PDT Datasheet HTML 2Page - Holt Integrated Circuits HI-8191PDT Datasheet HTML 3Page - Holt Integrated Circuits HI-8191PDT Datasheet HTML 4Page - Holt Integrated Circuits HI-8191PDT Datasheet HTML 5Page - Holt Integrated Circuits HI-8191PDT Datasheet HTML 6Page - Holt Integrated Circuits HI-8191PDT Datasheet HTML 7Page - Holt Integrated Circuits HI-8191PDT Datasheet HTML 8Page - Holt Integrated Circuits HI-8191PDT Datasheet HTML 9Page - Holt Integrated Circuits  
Zoom Inzoom in Zoom Outzoom out
 9 / 9 page
background image
HOLT INTEGRATED CIRCUITS
9
HI-8190 PACKAGE DIMENSIONS
inches (millimeters)
Package Type:
16-PIN PLASTIC DIP
16P
0.745 (18.923)
0.810 (20.574)
0.240 (6.096)
0.260 (6.604)
0.300 (7.620)
0.370 (9.398)
0.125 (3.175)
0.150 (3.810)
0.015 (0.381)
0.035 (0.889)
0.100 (2.54) BSC.
0.045 (1.143)
0.065 (1.651)
0.015 (0.381)
0.023 (0.584)
0.120 (3.048)
0.150 (3.810)
0.290 (7.366)
0.310 (7.874)
0.008 (0.203)
0.015 (0.381)


Similar Part No. - HI-8191PDT

ManufacturerPart #DatasheetDescription
logo
Holt Integrated Circuit...
HI-8191PSF HOLTIC-HI-8191PSF Datasheet
83Kb / 9P
   12, Quad, SPST, 3.3V / 5.0V compatible
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com