Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

HI-8197PSM Datasheet(PDF) 4 Page - Holt Integrated Circuits

Part # HI-8197PSM
Description  28 QUAD SPST ANALOG SWITCH Open Circuit when Power Off
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HOLTIC [Holt Integrated Circuits]
Direct Link  http://www.holtic.com
Logo HOLTIC - Holt Integrated Circuits

HI-8197PSM Datasheet(HTML) 4 Page - Holt Integrated Circuits

  HI-8197PSM Datasheet HTML 1Page - Holt Integrated Circuits HI-8197PSM Datasheet HTML 2Page - Holt Integrated Circuits HI-8197PSM Datasheet HTML 3Page - Holt Integrated Circuits HI-8197PSM Datasheet HTML 4Page - Holt Integrated Circuits HI-8197PSM Datasheet HTML 5Page - Holt Integrated Circuits HI-8197PSM Datasheet HTML 6Page - Holt Integrated Circuits HI-8197PSM Datasheet HTML 7Page - Holt Integrated Circuits HI-8197PSM Datasheet HTML 8Page - Holt Integrated Circuits HI-8197PSM Datasheet HTML 9Page - Holt Integrated Circuits  
Zoom Inzoom in Zoom Outzoom out
 4 / 9 page
background image
HOLT INTEGRATED CIRCUITS
4
Figure 1 - On Resistance
Figure 3. Switching Times
V
(HI-8196)
IN
VOUT
V
(HI-8195)
IN
50%
50%
t ON
t OFF
50%
90%
TEST CIRCUITS
HI-8195, HI-8196, HI-8197
+
-
VS
IDS
R= V /I
ON
1 DS
V1
Figure 2 - Off Leakage
+
-
VS
I (OFF)
S
VD
AA
-
+
I (OFF)
D
+
-
VS
35pF
300W
+5V
+15V
-15V
VLOGIC
V+
V-
GND
0.1 F
μ
0.1 F
μ
0.1 F
μ
VOUT
SA
SB
SA
SB
SA
SB
IN
50%
50%
Figure 4. Break-Before-Make Time Delay (HI-8197)
35pF
300W
+5V
+15V
-15V
VLOGIC
V+
V-
GND
0.1 F
μ
0.1 F
μ
0.1 F
μ
VOUT1
S1A
S1B
IN
S2A
S2B
VS1
VS2
VOUT2
300W
35pF
VIN
VOUT1
5V
0V
50%
50%
VOUT2
50%
90%
t D
t D
50%
90%


Similar Part No. - HI-8197PSM

ManufacturerPart #DatasheetDescription
logo
Holt Integrated Circuit...
HI-8190 HOLTIC-HI-8190 Datasheet
79Kb / 9P
   12, Quad, SPST, 3.3V / 5.0V compatible Analog Switch
HI-8190CRH HOLTIC-HI-8190CRH Datasheet
83Kb / 9P
   12, Quad, SPST, 3.3V / 5.0V compatible
HI-8190H HOLTIC-HI-8190H Datasheet
83Kb / 9P
   12, Quad, SPST, 3.3V / 5.0V compatible
HI-8190PCI HOLTIC-HI-8190PCI Datasheet
79Kb / 9P
   12, Quad, SPST, 3.3V / 5.0V compatible Analog Switch
HI-8190PCIF HOLTIC-HI-8190PCIF Datasheet
79Kb / 9P
   12, Quad, SPST, 3.3V / 5.0V compatible Analog Switch
More results

Similar Description - HI-8197PSM

ManufacturerPart #DatasheetDescription
logo
NTE Electronics
NTE861 NTE-NTE861 Datasheet
26Kb / 3P
   Integrated Circuit Quad, Normally Open, SPST JFET Analog Switch w/Disable
logo
Maxim Integrated Produc...
MAX4613 MAXIM-MAX4613_07 Datasheet
247Kb / 10P
   Quad, SPST Analog Switch
Rev 3; 6/07
MAX4613 MAXIM-MAX4613 Datasheet
122Kb / 8P
   Quad, SPST Analog Switch
Rev 0; 4/98
logo
Analog Devices
SW06 AD-SW06 Datasheet
271Kb / 12P
   Quad SPST JFET Analog Switch
REV. A
SW201 AD-SW201 Datasheet
413Kb / 6P
   QUAD SPST JFET ANALOG SWITCH
logo
Renesas Technology Corp
HI-201 RENESAS-HI-201 Datasheet
561Kb / 11P
   Quad SPST CMOS Analog Switch
April 9, 2012
logo
Intersil Corporation
DG201 INTERSIL-DG201 Datasheet
85Kb / 7P
   CMOS Quad SPST Analog Switch
January 2000
logo
Maxim Integrated Produc...
HI-201 MAXIM-HI-201 Datasheet
199Kb / 8P
   Quad SPST CMOS Analog Switch
logo
Intersil Corporation
DG201 INTERSIL-DG201_01 Datasheet
173Kb / 7P
   CMOS Quad SPST Analog Switch
logo
Analog Devices
AD7516 AD-AD7516_15 Datasheet
730Kb / 2P
   CMOS QUAD SPST ANALOG SWITCH
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com