Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

HI-8195PCIF Datasheet(PDF) 1 Page - Holt Integrated Circuits

Part # HI-8195PCIF
Description  28 QUAD SPST ANALOG SWITCH Open Circuit when Power Off
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HOLTIC [Holt Integrated Circuits]
Direct Link  http://www.holtic.com
Logo HOLTIC - Holt Integrated Circuits

HI-8195PCIF Datasheet(HTML) 1 Page - Holt Integrated Circuits

  HI-8195PCIF Datasheet HTML 1Page - Holt Integrated Circuits HI-8195PCIF Datasheet HTML 2Page - Holt Integrated Circuits HI-8195PCIF Datasheet HTML 3Page - Holt Integrated Circuits HI-8195PCIF Datasheet HTML 4Page - Holt Integrated Circuits HI-8195PCIF Datasheet HTML 5Page - Holt Integrated Circuits HI-8195PCIF Datasheet HTML 6Page - Holt Integrated Circuits HI-8195PCIF Datasheet HTML 7Page - Holt Integrated Circuits HI-8195PCIF Datasheet HTML 8Page - Holt Integrated Circuits HI-8195PCIF Datasheet HTML 9Page - Holt Integrated Circuits  
Zoom Inzoom in Zoom Outzoom out
 1 / 9 page
background image
HOLT INTEGRATED CIRCUITS
www.holtic.com
GENERAL DESCRIPTION
The HI-8195 is a quad analog CMOS switch fabricated with Sili-
con-on-Insulator (SOI) technology for latch-up free operation
and maximum switch isolation. These switches are ideally
suited for applications demanding low switch leakage when the
power pins are 0V.
(-40°C to
+85°C) and extended (-55°C to +125°C) temperature range op-
tions.
The logic supply (VLOGIC) can be independently set from 2.5V
to 5V without changing the switch resistance (RON).
With
V+/V- set at +/-15V and a signal range from +5V to -5V, the RON
maximum is 28
at 25°C and the maximum deviation from flat
is typically less than 10%.
These switches conduct equally well in either direction. Power
down and Off state leakages are less than 10nA maximum.
Charge injection is less than 10pC. Switching times with a 3.3V
VLOGIC supply are typically 55ns to the On state and 35ns to
the Off state.
The HI-8195 provides four each normally open switches when
the switch control inputs are low. The HI-8196 provides four
each normally closed switches when the switch control inputs
are low. The HI-8197 provides a combination of two normally
closed and two normally open switches.
Industry-standard plastic package options include 16-pin
SOIC, DIP and QFN. Ceramic packaging is available on re-
quest. All three products are offered in both industrial
W
FEATURES
·
·
·
·
·
·
·
·
·
CMOS analog switches with up to +/-10V Common Mode Range
28
max at 25°C with Common Mode < +/-5V
Robust CMOS Silicon-on-Insulator (SOI) technology
Switch nodes are open-circuit when chip is powered down
SOI switch isolation with 1nA typical Off leakage
Superior ESD protection > 4KV HBM
Fast switching time with break-before-make
Low power
Extended Temperature Range (-55°C to +125°C)
W
PIN CONFIGURATIONS (Top Views)
December 2011
(DS8195 Rev. New)
12/11
HI-8195, HI-8196, HI-8197
28
QUAD SPST ANALOG SWITCH
Open Circuit when Power Off
Ω
S1B 1
V- 2
GND 3
S4B 4
12 S2B
11 V+
10 VLOGIC
9
S3B
16-pin 5mm x 5mm Chip-scale package
HI-8195PCx
APPLICATIONS
·
·
·
·
·
Avionics
Data bus isolation
Sample-and-Hold circuits
Test Equipment
Communications Systems
IN1 1
S1A 2
S1B 3
V- 4
GND 5
S4B 6
S4A 7
IN4 8
16 IN2
15 S2A
14 S2B
13 V+
12 VLOGIC
11 S3B
10 S3A
9 IN3
16-Pin SO or DIP package
HI-8195PSx, HI-8195PDx
PRODUCT OPTIONS
PART TYPE IN1 Switch 1 IN2 Switch 2 IN3 Switch 3 IN4 Switch 4
HI-8195
0
Open
0
Open
0
Open
0
Open
1
Closed
1
Closed
1
Closed
1
Closed
HI-8196
0
Closed
0
Closed
0
Closed
0
Closed
1
Open
1
Open
1
Open
1
Open
HI-8197
0
Open
0
Closed
0
Closed
0
Open
1
Closed
1
Open
1
Open
1
Closed


Similar Part No. - HI-8195PCIF

ManufacturerPart #DatasheetDescription
logo
Holt Integrated Circuit...
HI-8190 HOLTIC-HI-8190 Datasheet
79Kb / 9P
   12, Quad, SPST, 3.3V / 5.0V compatible Analog Switch
HI-8190CRH HOLTIC-HI-8190CRH Datasheet
83Kb / 9P
   12, Quad, SPST, 3.3V / 5.0V compatible
HI-8190H HOLTIC-HI-8190H Datasheet
83Kb / 9P
   12, Quad, SPST, 3.3V / 5.0V compatible
HI-8190PCI HOLTIC-HI-8190PCI Datasheet
79Kb / 9P
   12, Quad, SPST, 3.3V / 5.0V compatible Analog Switch
HI-8190PCIF HOLTIC-HI-8190PCIF Datasheet
79Kb / 9P
   12, Quad, SPST, 3.3V / 5.0V compatible Analog Switch
More results

Similar Description - HI-8195PCIF

ManufacturerPart #DatasheetDescription
logo
NTE Electronics
NTE861 NTE-NTE861 Datasheet
26Kb / 3P
   Integrated Circuit Quad, Normally Open, SPST JFET Analog Switch w/Disable
logo
Maxim Integrated Produc...
MAX4613 MAXIM-MAX4613_07 Datasheet
247Kb / 10P
   Quad, SPST Analog Switch
Rev 3; 6/07
MAX4613 MAXIM-MAX4613 Datasheet
122Kb / 8P
   Quad, SPST Analog Switch
Rev 0; 4/98
logo
Analog Devices
SW06 AD-SW06 Datasheet
271Kb / 12P
   Quad SPST JFET Analog Switch
REV. A
SW201 AD-SW201 Datasheet
413Kb / 6P
   QUAD SPST JFET ANALOG SWITCH
logo
Renesas Technology Corp
HI-201 RENESAS-HI-201 Datasheet
561Kb / 11P
   Quad SPST CMOS Analog Switch
April 9, 2012
logo
Intersil Corporation
DG201 INTERSIL-DG201 Datasheet
85Kb / 7P
   CMOS Quad SPST Analog Switch
January 2000
logo
Maxim Integrated Produc...
HI-201 MAXIM-HI-201 Datasheet
199Kb / 8P
   Quad SPST CMOS Analog Switch
logo
Intersil Corporation
DG201 INTERSIL-DG201_01 Datasheet
173Kb / 7P
   CMOS Quad SPST Analog Switch
logo
Analog Devices
AD7516 AD-AD7516_15 Datasheet
730Kb / 2P
   CMOS QUAD SPST ANALOG SWITCH
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com