Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

HI-8196PSIF Datasheet(PDF) 8 Page - Holt Integrated Circuits

Part # HI-8196PSIF
Description  28 QUAD SPST ANALOG SWITCH Open Circuit when Power Off
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HOLTIC [Holt Integrated Circuits]
Direct Link  http://www.holtic.com
Logo HOLTIC - Holt Integrated Circuits

HI-8196PSIF Datasheet(HTML) 8 Page - Holt Integrated Circuits

  HI-8196PSIF Datasheet HTML 1Page - Holt Integrated Circuits HI-8196PSIF Datasheet HTML 2Page - Holt Integrated Circuits HI-8196PSIF Datasheet HTML 3Page - Holt Integrated Circuits HI-8196PSIF Datasheet HTML 4Page - Holt Integrated Circuits HI-8196PSIF Datasheet HTML 5Page - Holt Integrated Circuits HI-8196PSIF Datasheet HTML 6Page - Holt Integrated Circuits HI-8196PSIF Datasheet HTML 7Page - Holt Integrated Circuits HI-8196PSIF Datasheet HTML 8Page - Holt Integrated Circuits HI-8196PSIF Datasheet HTML 9Page - Holt Integrated Circuits  
Zoom Inzoom in Zoom Outzoom out
 8 / 9 page
background image
HOLT INTEGRATED CIRCUITS
8
HI-8195 PACKAGE DIMENSIONS
16-PIN PLASTIC CHIP-SCALE PACKAGE
millimeters
Package Type: 16PCS1
BSC = “Basic Spacing between Centers”
is theoretical true position dimension and
has no tolerance. (JEDEC Standard 95)
Top View
Bottom
View
Electrically isolated metal
heat sink on bottom of
package
Connect to any ground or
power plane for optimum
thermal dissipation
16-PIN PLASTIC SMALL OUTLINE (SOIC) - NB
(Narrow Body)
inches (millimeters)
Package Type: 16HN
BSC = “Basic Spacing between Centers”
is theoretical true position dimension and
has no tolerance. (JEDEC Standard 95)
0
° to 8°
Detail A
.0069 ± .0029
(.176 ± .074)
.033 ± .017
(.838 ± .432)
.061 ± .007
(1.549 ± .178)
.0165 ± .003
(.419 ± .089)
.390 ± .004
(9.90 ± .10)
.236
±.008
(5.99
±.20)
.0087 ± .0012
(.220 ± .029)
See Detail A
.1525 ± .0025
(3.87 ± .06)
Top View
.050
(1.27)
BSC
5.00 ± 0.05
(0.197 ± 0.002)
3.38 ± 0.05
(0.133 ± 0.002)
0.75 ± 0.05
(0.03 ± 0.002)
0.025 ± 0.025
(0.001 ± 0.001)
0.203
(0.008)
REF.
0.80
(0.031) BSC
0.30
0.012
± 0.05
(
± 0.002)
.50 ± 0.05
(0.020 ± 0.002)
0.20
(0.008)
min.


Similar Part No. - HI-8196PSIF

ManufacturerPart #DatasheetDescription
logo
Holt Integrated Circuit...
HI-8190 HOLTIC-HI-8190 Datasheet
79Kb / 9P
   12, Quad, SPST, 3.3V / 5.0V compatible Analog Switch
HI-8190CRH HOLTIC-HI-8190CRH Datasheet
83Kb / 9P
   12, Quad, SPST, 3.3V / 5.0V compatible
HI-8190H HOLTIC-HI-8190H Datasheet
83Kb / 9P
   12, Quad, SPST, 3.3V / 5.0V compatible
HI-8190PCI HOLTIC-HI-8190PCI Datasheet
79Kb / 9P
   12, Quad, SPST, 3.3V / 5.0V compatible Analog Switch
HI-8190PCIF HOLTIC-HI-8190PCIF Datasheet
79Kb / 9P
   12, Quad, SPST, 3.3V / 5.0V compatible Analog Switch
More results

Similar Description - HI-8196PSIF

ManufacturerPart #DatasheetDescription
logo
NTE Electronics
NTE861 NTE-NTE861 Datasheet
26Kb / 3P
   Integrated Circuit Quad, Normally Open, SPST JFET Analog Switch w/Disable
logo
Maxim Integrated Produc...
MAX4613 MAXIM-MAX4613_07 Datasheet
247Kb / 10P
   Quad, SPST Analog Switch
Rev 3; 6/07
MAX4613 MAXIM-MAX4613 Datasheet
122Kb / 8P
   Quad, SPST Analog Switch
Rev 0; 4/98
logo
Analog Devices
SW06 AD-SW06 Datasheet
271Kb / 12P
   Quad SPST JFET Analog Switch
REV. A
SW201 AD-SW201 Datasheet
413Kb / 6P
   QUAD SPST JFET ANALOG SWITCH
logo
Renesas Technology Corp
HI-201 RENESAS-HI-201 Datasheet
561Kb / 11P
   Quad SPST CMOS Analog Switch
April 9, 2012
logo
Intersil Corporation
DG201 INTERSIL-DG201 Datasheet
85Kb / 7P
   CMOS Quad SPST Analog Switch
January 2000
logo
Maxim Integrated Produc...
HI-201 MAXIM-HI-201 Datasheet
199Kb / 8P
   Quad SPST CMOS Analog Switch
logo
Intersil Corporation
DG201 INTERSIL-DG201_01 Datasheet
173Kb / 7P
   CMOS Quad SPST Analog Switch
logo
Analog Devices
AD7516 AD-AD7516_15 Datasheet
730Kb / 2P
   CMOS QUAD SPST ANALOG SWITCH
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com