Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

HI-8190PSMF Datasheet(PDF) 3 Page - Holt Integrated Circuits

Part # HI-8190PSMF
Description  12, Quad, SPST, 3.3V / 5.0V compatible Analog Switch
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HOLTIC [Holt Integrated Circuits]
Direct Link  http://www.holtic.com
Logo HOLTIC - Holt Integrated Circuits

HI-8190PSMF Datasheet(HTML) 3 Page - Holt Integrated Circuits

  HI-8190PSMF Datasheet HTML 1Page - Holt Integrated Circuits HI-8190PSMF Datasheet HTML 2Page - Holt Integrated Circuits HI-8190PSMF Datasheet HTML 3Page - Holt Integrated Circuits HI-8190PSMF Datasheet HTML 4Page - Holt Integrated Circuits HI-8190PSMF Datasheet HTML 5Page - Holt Integrated Circuits HI-8190PSMF Datasheet HTML 6Page - Holt Integrated Circuits HI-8190PSMF Datasheet HTML 7Page - Holt Integrated Circuits HI-8190PSMF Datasheet HTML 8Page - Holt Integrated Circuits HI-8190PSMF Datasheet HTML 9Page - Holt Integrated Circuits  
Zoom Inzoom in Zoom Outzoom out
 3 / 9 page
background image
ELECTRICAL CHARACTERISTICS
V+ = 15V, V- = -15V, GND = 0V. Operating temperature range (unless otherwise noted).
V
= 3.3V
V
= 5.0V
PARAMETER
CONDITIONS
FIGURE
UNIT
LOGIC
LOGIC
SYMBOL
SWITCH PARAMETERS
Switch Signal Range
V
-15
+15
V
Switch Resistance
R
25°C, 10mA
1
10
22
10
17
-55°C to +125°C, 10mA
1
8
26
8
20
Leakage
I
Switch voltage
2
5
5
nA
LOGIC INPUTS
Input High Voltage
V
70
70
%V
Input Low Voltage
V
30
30
%V
Input Current
I
V
= 0V or V =VLOGIC
-0.5
0.5
-0.5
0.5
SUPPLY
VLOGIC Current
I
Any state
0.5
0.5
V+ Current
I
Any state
0.5
0.5
V- Current
I
Any state
-0.5
-0.5
DYNAMIC PARAMETERS
Turn On Time
T
V+/V- = 10V, 25°C
3
55
35
ns
Turn Off time
T
Break-Before-Make Time
T
10V signal, 25°C
4
8
8
ns
10V signal, -55°C to +125°C
4
4
4
ns
Charge Injection
Q
V =0V, R =0
25°C
5
4
4
pC
Off Isolation
R
f = 1 MHz, 25°C
6
65
65
dB
Crosstalk
C
25°C
7
90
90
dB
Capacitance
C
Switch Off, 25°C
8
5
5
pF
C
Switch On, 25°C
9
20
20
pF
MIN
TYP
MAX
MIN
TYP
MAX
RANGE
ON
SWLEAK
IH
LOGIC
IL
LOGIC
IN
IN
IN
DD1
DD2
EE
ON
OFF
D
SS
R
R
OFF
ON
W
W
W,
|
|
± 15V, 25°C
|I
|
Switch voltage ± 15V, 125°
2
20
20
nA
|I
|
Switch voltage ± 15V, -55°C
2
150
150
nA
µA
µA
µA
µA
±
V = ±10V, -55°C to +125°C
3
75
55
ns
V+/V- = ±10V, 25°C
3
35
20
ns
V = ±10V, -55°C to +125°C
3
40
25
ns
f = 1 MHz,
SWLEAK
SWLEAK
S
S
HI-8190, HI-8191, HI-8192
NOTE: Stresses above those listed under "Absolute Maximum Ratings" may cause permanent damage to the device. These are stress ratings only.
Functional operation of the device at these or any other conditions above those indicated in the operational sections of the specifications is not implied.
Exposure to absolute maximum rating conditions for extended periods may affect device reliability.
ABSOLUTE MAXIMUM RATINGS
Continuous Power Dissipation (TA=70°C):
SO Package (derate 6.7mW/°C above 70°C)...................696mW
Plastic DIP (derate 10.53 mw/°C above 70°C) .................842mW
Thin QFN (derate 21.3mW/°C above 70°C) ...................1702mW
Storage Temperature Range:
......................................-65°C to +150°C
Soldering Temperature:
(Ceramic)......................60 sec. at +300°C
(Plastic - leads).............10 sec. at +280°C
(Plastic - body) .....................+260°C Max.
Supply Voltage, V+: ............................................................................16.5V
Supply Voltage, V-:.............................................................................-16.5V
Supply Volgate, V
.........................................................................5.5V
Switch Current (either direction)
Peak Switch Current (1 ms pulse, 10% duty cycle max.)..................200mA
Digital Input Voltage (IN1-4):.....................................
LOGIC
:.........................................................50mA
-0.3V to V
+ 0.3V
Operating Temperature Range: (Industrial)..........................-40°C to +85°C
(Hi-Temp) ........................-55°C to +125°C
Maximum Junction Temperature ........................................................175°C
LOGIC
(Voltages referenced to GND = 0V)
HOLT INTEGRATED CIRCUITS
3


Similar Part No. - HI-8190PSMF

ManufacturerPart #DatasheetDescription
logo
Holt Integrated Circuit...
HI-8190PSF HOLTIC-HI-8190PSF Datasheet
83Kb / 9P
   12, Quad, SPST, 3.3V / 5.0V compatible
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com