Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SF4002 Datasheet(PDF) 4 Page - Vishay Siliconix

Part # SF4002
Description  Ultra-Fast Avalanche Sinterglass Diode
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

SF4002 Datasheet(HTML) 4 Page - Vishay Siliconix

  SF4002 Datasheet HTML 1Page - Vishay Siliconix SF4002 Datasheet HTML 2Page - Vishay Siliconix SF4002 Datasheet HTML 3Page - Vishay Siliconix SF4002 Datasheet HTML 4Page - Vishay Siliconix SF4002 Datasheet HTML 5Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 4 / 5 page
background image
SF4001, SF4002, SF4003, SF4004, SF4005, SF4006, SF4007
Vishay Semiconductors
Ultra-Fast Avalanche Sinterglass
Diode
www.vishay.com
For technical questions within your region, please contact one of the following:
Document Number: 86060
90
DiodesAmericas@vishay.com, DiodesAsia@vishay.com, DiodesEurope@vishay.com
Rev. 1.8, 04-Aug-10
Fig. 9 - Max. Reverse Power Dissipation vs. Junction Temperature
Fig. 10 - Diode Capacitance vs. Reverse Voltage
PACKAGE DIMENSIONS in millimeters (inches): SOD-57
0
50
100
150
200
250
300
350
400
450
500
25
50
75
100
125
150
175
Tj - Junction Temperature (°C)
16476
V
R = VRRM
SF4004
SF4004
SF4007
P
R - Limit at 100 % VR
SF4007
P
R - Limit at 80 % VR
P
R - Limit at 100 % VR
P
R - Limit at 80 % VR
0
5
10
15
20
25
30
35
40
45
50
0.1
1
10
100
VR - Reverse Voltage (V)
16477
f = 1 MHz
SF4004
SF4007
20543
26 (1.024) min.
4 (0.157) max.
26 (1.024) min.


Similar Part No. - SF4002

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
SF4002 VISHAY-SF4002 Datasheet
49Kb / 5P
   Super Fast Soft Recovery Rectifier
Rev. 3, 24-Jun-98
SF4002 VISHAY-SF4002 Datasheet
128Kb / 6P
   Ultra-Fast Avalanche Sinterglass Diode
Rev. 1.9, 11-Sep-12
logo
SUNMATE electronic Co.,...
SF4002 SUNMATE-SF4002 Datasheet
143Kb / 3P
   1A Axial Leaded Super Fast Soft Recovery Rectifier
logo
Vishay Siliconix
SF4002 VISHAY-SF4002 Datasheet
141Kb / 5P
   Ultra-Fast Avalanche Sinterglass Diode
01-Jan-2022
logo
Gulf Semiconductor
SF4002GP GULFSEMI-SF4002GP Datasheet
183Kb / 2P
   SINTERED GLASS JUNCTION FAST SWITCHING PLASTIC RECTIFIER VOLTAGE:50 TO 1000V CURRENT: 1.0A
More results

Similar Description - SF4002

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
BYV27-600 VISHAY-BYV27-600 Datasheet
115Kb / 4P
   Ultra Fast Avalanche Sinterglass Diode
Rev. 1.6, 04-Aug-10
BYV28-600-TR VISHAY-BYV28-600-TR Datasheet
111Kb / 4P
   Ultra-Fast Avalanche Sinterglass Diode
Rev. 1.7, 04-Sep-12
logo
Digitron Semiconductors
BYV27-50 DIGITRON-BYV27-50 Datasheet
92Kb / 3P
   ULTRA FAST AVALANCHE SINTERGLASS DIODE
logo
Vishay Siliconix
BYV28-50 VISHAY-BYV28-50_V01 Datasheet
126Kb / 4P
   Ultra-Fast Avalanche Sinterglass Diode
01-Jan-2022
BYV26A VISHAY-BYV26A_15 Datasheet
127Kb / 5P
   Ultra-Fast Avalanche Sinterglass Diode
Rev. 1.8, 04-Sep-12
BYV27-50 VISHAY-BYV27-50_15 Datasheet
129Kb / 5P
   Ultra-Fast Avalanche Sinterglass Diode
Rev. 1.8, 04-Sep-12
BYV26E-TR VISHAY-BYV26E-TR Datasheet
121Kb / 4P
   Ultra-Fast Avalanche Sinterglass Diode
Rev. 1.8, 04-Sep-12
BYV26A VISHAY-BYV26A_10 Datasheet
114Kb / 4P
   Ultra Fast Avalanche Sinterglass Diode
Rev. 1.7, 04-Aug-10
logo
Nanjing International G...
BYV26E DGNJDZ-BYV26E Datasheet
175Kb / 2P
   Ultra Fast Avalanche Sinterglass Diode
logo
Vishay Siliconix
BYT53A VISHAY-BYT53A_V01 Datasheet
136Kb / 4P
   Ultra-Fast Avalanche Sinterglass Diode
01-Jan-2022
BYV26A VISHAY-BYV26A_V01 Datasheet
134Kb / 4P
   Ultra-Fast Avalanche Sinterglass Diode
01-Jan-2022
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com