Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MC74LVQ373SD Datasheet(PDF) 3 Page - Motorola, Inc

Part # MC74LVQ373SD
Description  LOW-VOLTAGE CMOS OCTAL TRANSPARENT LATCH
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MOTOROLA [Motorola, Inc]
Direct Link  http://www.freescale.com
Logo MOTOROLA - Motorola, Inc

MC74LVQ373SD Datasheet(HTML) 3 Page - Motorola, Inc

  MC74LVQ373SD Datasheet HTML 1Page - Motorola, Inc MC74LVQ373SD Datasheet HTML 2Page - Motorola, Inc MC74LVQ373SD Datasheet HTML 3Page - Motorola, Inc MC74LVQ373SD Datasheet HTML 4Page - Motorola, Inc MC74LVQ373SD Datasheet HTML 5Page - Motorola, Inc MC74LVQ373SD Datasheet HTML 6Page - Motorola, Inc MC74LVQ373SD Datasheet HTML 7Page - Motorola, Inc MC74LVQ373SD Datasheet HTML 8Page - Motorola, Inc  
Zoom Inzoom in Zoom Outzoom out
 3 / 8 page
background image
MC74LVQ373
LCX DATA
BR1339 — REV 2
3
MOTOROLA
ABSOLUTE MAXIMUM RATINGS*
Symbol
Parameter
Value
Condition
Unit
VCC
DC Supply Voltage
–0.5 to +7.0
V
VI
DC Input Voltage
–0.5
≤ VI ≤ VCC + 0.5V
V
VO
DC Output Voltage
–0.5
≤ VO ≤ VCC + 0.5
Output in HIGH or LOW State
V
IIK
DC Input Diode Current
–20
VI = –0.5V
mA
+20
VI = VCC + 0.5V
mA
IOK
DC Output Diode Current
–20
VO = –0.5V
mA
+20
VI = VCC + 0.5V
mA
IO
DC Output Source/Sink Current
±50
mA
ICC
DC Supply Current
±400
mA
IGND
DC Ground Current
±400
mA
TSTG
Storage Temperature Range
–65 to +150
°C
* Absolute maximum continuous ratings are those values beyond which damage to the device may occur. Exposure to these conditions or
conditions beyond those indicated may adversely affect device reliability. Functional operation under absolute–maximum–rated conditions is
not implied.
RECOMMENDED OPERATING CONDITIONS
Symbol
Parameter
Min
Typ
Max
Unit
VCC
Supply Voltage
2.0
3.3
3.6
V
VI
Input Voltage
0
VCC
V
VO
Output Voltage
0
VCC
V
TA
Operating Free–Air Temperature
–40
+85
°C
∆V/∆t
Input Transition Rise or Fall Rate, VIN from 0.8V to 2.0V, VCC = 3.0V
0
125
mV/ns
DC ELECTRICAL CHARACTERISTICS
TA = –40°C to +85°C
Symbol
Characteristic
Condition
Min
Max
Unit
VIH
HIGH Level Input Voltage (Note 1)
2.7V
≤ VCC ≤ 3.6V,
VO = 0.1V or VCC – 0.1V
2.0
V
VIL
LOW Level Input Voltage (Note 1)
2.7V
≤ VCC ≤ 3.6V,
VO = 0.1V or VCC – 0.1V
0.8
V
VOH
HIGH Level Output Voltage
2.7V
≤ VCC ≤ 3.6V; IOH = –50µA
VCC – 0.1
V
VCC = 2.7V; IOH = –12mA
2.2
VCC = 3.0V; IOH = –12mA
2.48
VOL
LOW Level Output Voltage
2.7V
≤ VCC ≤ 3.6V; IOL = 50µA
0.1
V
2.7V
≤ VCC ≤ 3.6V; IOL= 12mA
0.4
II
Input Leakage Current
2.7V
≤ VCC ≤3.6V; VI= VCC, GND
±1.0
µA
IOZ
Maximum 3–State Leakage Current
VI(OE) = VIL, VIH; VI, VO= VCC, GND
±2.5
µA
IOLD
Minimum Dynamic Output Current (Note 2)
VCC = 3.6V; VOLD = 0.8V Max
36
mA
IOHD
VCC = 3.6V; VOHD = 2.0V Min
–25
mA
ICC
Quiescent Supply Current
2.7V
≤ VCC ≤3.6V; VI = VCC, GND
10
µA
1. These values of VI are used to test DC electrical characteristics only. Functional test should use VIH ≥ 2.4V, VIL ≤ 0.5V.
2. Incident wave switching on transmission lines with impedances as low as 75
Ω for commercial temperature range is guaranteed. Maximum test
duration is 2ms, one output loaded at a time.


Similar Part No. - MC74LVQ373SD

ManufacturerPart #DatasheetDescription
logo
Motorola, Inc
MC74LVQ374 MOTOROLA-MC74LVQ374 Datasheet
212Kb / 8P
   LOW-VOLTAGE CMOS OCTAL D-TYPE FLIP-FLOP
MC74LVQ374DT MOTOROLA-MC74LVQ374DT Datasheet
212Kb / 8P
   LOW-VOLTAGE CMOS OCTAL D-TYPE FLIP-FLOP
MC74LVQ374DW MOTOROLA-MC74LVQ374DW Datasheet
212Kb / 8P
   LOW-VOLTAGE CMOS OCTAL D-TYPE FLIP-FLOP
MC74LVQ374M MOTOROLA-MC74LVQ374M Datasheet
212Kb / 8P
   LOW-VOLTAGE CMOS OCTAL D-TYPE FLIP-FLOP
MC74LVQ374SD MOTOROLA-MC74LVQ374SD Datasheet
212Kb / 8P
   LOW-VOLTAGE CMOS OCTAL D-TYPE FLIP-FLOP
More results

Similar Description - MC74LVQ373SD

ManufacturerPart #DatasheetDescription
logo
Motorola, Inc
MC74LCX373 MOTOROLA-MC74LCX373 Datasheet
158Kb / 8P
   LOW-VOLTAGE CMOS OCTAL TRANSPARENT LATCH
logo
ON Semiconductor
MC74LCX373 ONSEMI-MC74LCX373 Datasheet
158Kb / 8P
   LOW-VOLTAGE CMOS OCTAL TRANSPARENT LATCH
1996 REV 4
MC74LCX573 ONSEMI-MC74LCX573 Datasheet
158Kb / 8P
   LOW-VOLTAGE CMOS OCTAL TRANSPARENT LATCH
1996 REV 3
logo
Motorola, Inc
MC74LVQ573 MOTOROLA-MC74LVQ573 Datasheet
215Kb / 8P
   LOW-VOLTAGE CMOS OCTAL TRANSPARENT LATCH
MC74LCX573 MOTOROLA-MC74LCX573 Datasheet
158Kb / 8P
   LOW-VOLTAGE CMOS OCTAL TRANSPARENT LATCH
logo
ON Semiconductor
MC74LCX373 ONSEMI-MC74LCX373_07 Datasheet
120Kb / 9P
   Low-Voltage CMOS Octal Transparent Latch
November, 2007 - Rev. 8
MC74LCX373 ONSEMI-MC74LCX373_13 Datasheet
137Kb / 9P
   Low-Voltage CMOS Octal Transparent Latch
January, 2013 ??Rev. 12
74LVT573 ONSEMI-74LVT573 Datasheet
342Kb / 13P
   Low Voltage Octal Transparent Latch
January 2008 Rev. 1.7.0
MC74LCX573 ONSEMI-MC74LCX573_13 Datasheet
140Kb / 9P
   Low-Voltage CMOS Octal Transparent Latch Flow Through Pinout
January, 2013 ??Rev. 12
logo
Renesas Technology Corp
IDT74FCT3573 RENESAS-IDT74FCT3573 Datasheet
240Kb / 8P
   3.3V CMOS OCTAL TRANSPARENT LATCH
OCTOBER 2009
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com