Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SI1032X-T1-GE3 Datasheet(PDF) 3 Page - Vishay Siliconix

Part # SI1032X-T1-GE3
Description  N-Channel 1.5 V (G-S) MOSFET
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

SI1032X-T1-GE3 Datasheet(HTML) 3 Page - Vishay Siliconix

  SI1032X-T1-GE3 Datasheet HTML 1Page - Vishay Siliconix SI1032X-T1-GE3 Datasheet HTML 2Page - Vishay Siliconix SI1032X-T1-GE3 Datasheet HTML 3Page - Vishay Siliconix SI1032X-T1-GE3 Datasheet HTML 4Page - Vishay Siliconix SI1032X-T1-GE3 Datasheet HTML 5Page - Vishay Siliconix SI1032X-T1-GE3 Datasheet HTML 6Page - Vishay Siliconix SI1032X-T1-GE3 Datasheet HTML 7Page - Vishay Siliconix SI1032X-T1-GE3 Datasheet HTML 8Page - Vishay Siliconix SI1032X-T1-GE3 Datasheet HTML 9Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 3 / 9 page
background image
Document Number: 71172
S10-2544-Rev. F, 08-Nov-10
www.vishay.com
3
Vishay Siliconix
Si1032R/X
TYPICAL CHARACTERISTICS (TA = 25 °C, unless otherwise noted)
On-Resistance vs. Drain Current
Gate Charge
Surge-Drain Diode Forward Voltage
0
10
20
30
40
50
0
50
100
150
200
250
ID - Drain Current (mA)
VGS = 1.8 V
VGS = 4.5 V
VGS = 2.5 V
0
1
2
3
4
5
0.0
0.2
0.4
0.6
0.8
Qg - Total Gate Charge (nC)
VDS = 10 V
ID = 150 mA
0.0
0.2
0.4
0.6
0.8
1.0
1.2
1.4
1000
1
VSD
)
V
(
e
g
a
t
l
o
V
n
i
a
r
D
-
o
t
-
e
c
r
u
o
- S
TJ = 125 °C
TJ = 25 °C
TJ = 50 °C
10
100
Capacitance
On-Resistance vs. Junction Temperature
On-Resistance vs. Gate-to-Source Voltage
0
20
40
60
80
100
04
8
12
16
20
VDS - Drain-to-Source Voltage (V)
Crss
Coss
Ciss
VGS = 0 V
f = 1 MHz
0.60
0.80
1.00
1.20
1.40
1.60
- 50
- 25
0
25
50
75
100
125
VGS = 4.5 V
ID = 200 mA
TJ - Junction Temperature (°C)
VGS = 1.8 V
ID = 175 mA
0
10
20
30
40
50
0
123
456
ID = 175 mA
VGS - Gate-to-Source Voltage (V)
ID = 200 mA


Similar Part No. - SI1032X-T1-GE3

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
SI1032X-T1-GE3 VISHAY-SI1032X-T1-GE3 Datasheet
121Kb / 5P
   N-Channel 1.5-V (G-S) MOSFET
Rev. E, 07-Jul-08
More results

Similar Description - SI1032X-T1-GE3

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
SI1032R VISHAY-SI1032R_08 Datasheet
121Kb / 5P
   N-Channel 1.5-V (G-S) MOSFET
Rev. E, 07-Jul-08
SI1032R VISHAY-SI1032R_V01 Datasheet
135Kb / 7P
   N-Channel 1.5 V (G-S) MOSFET
01-Jan-2022
SI8404DB VISHAY-SI8404DB Datasheet
260Kb / 8P
   N-Channel 1.5-V (G-S) MOSFET
Rev. C, 08-Sep-08
SI5920DC VISHAY-SI5920DC Datasheet
111Kb / 7P
   Dual N-Channel 1.5-V (G-S) MOSFET
Rev. C, 07-May-07
SI3499DV VISHAY-SI3499DV Datasheet
91Kb / 6P
   P-Channel 1.5-V (G-S) MOSFET
Rev. A, 18-Oct-04
SI5499DC VISHAY-SI5499DC Datasheet
143Kb / 8P
   P-Channel 1.5-V (G-S) MOSFET
Rev. B, 04-Feb-08
SI3499DV VISHAY-SI3499DV_08 Datasheet
91Kb / 6P
   P-Channel 1.5-V (G-S) MOSFET
Rev. A, 18-Oct-04
SI8435DB VISHAY-SI8435DB Datasheet
120Kb / 8P
   P-Channel 1.5-V (G-S) MOSFET
Rev. D, 08-Sep-08
SI3499DV VISHAY-SI3499DV_V01 Datasheet
235Kb / 10P
   P-Channel 1.5 V (G-S) MOSFET
01-Jan-2022
SI3495DV VISHAY-SI3495DV_08 Datasheet
98Kb / 6P
   P-Channel 20-V (D-S), 1.5-V (G-S) MOSFET
Rev. B, 02-Jul-07
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com