Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

HDP-240 Datasheet(PDF) 1 Page - Mean Well Enterprises Co., Ltd.

Part # HDP-240
Description  240W Dual Output with PFC Function
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MEANWELL [Mean Well Enterprises Co., Ltd.]
Direct Link  http://www.meanwell.com
Logo MEANWELL - Mean Well Enterprises Co., Ltd.

HDP-240 Datasheet(HTML) 1 Page - Mean Well Enterprises Co., Ltd.

  HDP-240 Datasheet HTML 1Page - Mean Well Enterprises Co., Ltd. HDP-240 Datasheet HTML 2Page - Mean Well Enterprises Co., Ltd.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Universal AC input / Full range
Built-in active PFC function, PF
0.94
High efficiency up to 84%
Protections: Short circuit / Overload / Over voltage / Over temperature
Conformal coated
years warranty
Forced air cooling by built-in DC fan
1U low profile 36mm
Built-in cooling fan ON-OFF control
ZVS technology to reduce power dissipation
LED indicator for power on
3
SPECIFICATION
HDP-240
MODEL
OUTPUT
VOLTAGERANGE
Note.5
FREQUENCY RANGE
POWERFACTOR (Typ.)
EFFICIENCY (Typ.)
INPUT
ENVIRONMENT
INRUSHCURRENT (Typ.)
LEAKAGECURRENT
OVERTEMPERATURE
SAFETY STANDARDS
SAFETY &
EMC
(Note4)
WITHSTANDVOLTAGE
ISOLATIONRESISTANCE
WORKINGTEMP.
WORKINGHUMIDITY
STORAGETEMP.,HUMIDITY
TEMP.COEFFICIENT
VIBRATION
MTBF
DIMENSION
OTHERS
NOTE
PACKING
OVERLOAD
OVERVOLTAGE
PROTECTION
ACCURRENT (Typ.)
+3.8V
+2.8V
41.5A
25A
0~50A
0~27.5A
227.7W (typ.)241W(max.)
241Wcontinue.V1totalpoweroutputshallnotexceed200W(max.50A);V2totalpoweroutputshallnotexceed82.5W(max.27.5A)
100mVp-p
(TheV1&V2combinetotalpoweroutputshallnotexceed241W)
100mVp-p
3.6~4V
2.5~3V
2.0%
2.0%
0.5%
0.5%
2.0%
2.0%
V2:3.22~3.78V
1000ms,50ms/230VAC2500ms,50ms/115VACatfullload
16ms/230VAC16ms/115VACatfullload
90~264VAC127~370VDC
47~63Hz
PF 0.94/230VACPF 0.98/115VACatfullload
3.3A/115VAC1.3A/230VAC
30A/115VAC45A/230VAC
<2mA /240VAC
V1+V2:105~150%max.outputpower;or V2:125~170%ratedcurrent
V1:4.37~5.13V
Protectiontype: Hiccupmode,recoversautomaticallyafterfaultconditionisremoved
Protectiontype:Shutdowno/pvoltage,re-powerontorecover
Protectiontype:Shutdowno/pvoltage,re-powerontorecovery
UL60950-1, TUVEN60950-1approved
CompliancetoEN55022(CISPR22)classB, EN61000-3-2,-3
CompliancetoEN61000-4-2,3,4,5,6,8,11,EN55024,EN61000-6-2, heavyindustrylevel,criteria A
I/P-O/P:3KVACI/P-FG:1.5KVACO/P-FG:0.5KVAC
I/P-O/P,I/P-FG,O/P-FG:100MOhms/500VDC/25
/70%RH
-30~+70
(Referto"DeratingCurve")
20~90%RHnon-condensing
-40~+85
,10~95%RH
0.03%/
(0~50
)
10~500Hz,2G10min./1cycle,60min.eachalongX, Y,Zaxes
111.3Khrsmin.MIL-HDBK-217F(25
)
215*115*36mm(L*W*H)
Features :
1. All parameters NOT specially mentioned are measured at 230VAC input, rated load and 25
of ambient temperature.
2. Ripple & noise are measured at 20MHz of bandwidth by using a 12" twisted pair-wire terminated with a 0.1uf & 47uf parallel capacitor.
3. Tolerance : includes set up tolerance, line regulation and load regulation.
4. The power supply is considered a component which will be installed into a final equipment. The final equipment must be re-confirmed that it still meets
EMC directives.
5. Derating may be needed under low input voltages. Please check the derating curve for more details.
6. Output voltage between V1 and V2 should be higher than 0.8V(V1-V2
0.8V).
H D P - 2 4 0
240WDualOutputwithPFCFunction
1Kg;15pcs/16Kg/0.7CUFT
84%
80
5
(TSW1) detectonheatsinkofpowertransistor
FileName:HDP-240-SPEC2011-12-28
FUNCTION
FANCONTROL (Typ.)
RTH4
50
Fanon;RTH4
45
Fanoff
V1
V2
OUTPUTNUMBER
DCVOLTAGE
RATEDCURRENT
CURRENTRANGE(max.)
RATEDPOWER
OUTPUTPOWER(max.)
VOLTAGE ADJ.RANGE Note.6
LINEREGULATION
LOADREGULATION
SETUP,RISETIME
HOLDUP TIME (Typ.)
RIPPLE&NOISE(max.) Note.2
VOLTAGETOLERANCE Note.3
EMCIMMUNITY
EMCEMISSION


Similar Part No. - HDP-240

ManufacturerPart #DatasheetDescription
logo
Mean Well Enterprises C...
HDP-240 MEANWELL-HDP-240_12 Datasheet
323Kb / 2P
   240W Dual Output with PFC Function
More results

Similar Description - HDP-240

ManufacturerPart #DatasheetDescription
logo
Mean Well Enterprises C...
HDP-240 MEANWELL-HDP-240_12 Datasheet
323Kb / 2P
   240W Dual Output with PFC Function
logo
Total Power Internation...
SP-240 TOTAL-POWER-SP-240 Datasheet
298Kb / 2P
   240W Single Output with PFC Function
logo
Mean Well Enterprises C...
SP-240 MEANWELL-SP-240_10 Datasheet
288Kb / 2P
   240W Single Output with PFC Function
SP-240-5 MEANWELL-SP-240-5 Datasheet
288Kb / 2P
   240W Single Output with PFC Function
SP-240_1109 MEANWELL-SP-240_1109 Datasheet
288Kb / 2P
   240W Single Output with PFC Function
SDR-240 MEANWELL-SDR-240_10 Datasheet
463Kb / 3P
   240W Single Output Industrial DIN RAIL with PFC Function
SDR-240 MEANWELL-SDR-240_11 Datasheet
461Kb / 3P
   240W Single Output Industrial DIN RAIL with PFC Function
SDR-240 MEANWELL-SDR-240 Datasheet
298Kb / 3P
   240W Single Output Industrial DIN RAIL with PFC Function
logo
Total Power Internation...
SDR-240 TOTAL-POWER-SDR-240 Datasheet
493Kb / 3P
   240W Single Output Industrial DIN RAIL with PFC Function
logo
Mean Well Enterprises C...
HDP-190 MEANWELL-HDP-190 Datasheet
335Kb / 2P
   190W Dual Output with PFC Function
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com