Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

Q62702-A118 Datasheet(PDF) 3 Page - Siemens Semiconductor Group

Part # Q62702-A118
Description  Silicon Schottky Diode (Rectifier Schottky diode for mobile communication Low voltage high inductane For power supply
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SIEMENS [Siemens Semiconductor Group]
Direct Link  http://www.siemens.com/
Logo SIEMENS - Siemens Semiconductor Group

Q62702-A118 Datasheet(HTML) 3 Page - Siemens Semiconductor Group

  Q62702-A118 Datasheet HTML 1Page - Siemens Semiconductor Group Q62702-A118 Datasheet HTML 2Page - Siemens Semiconductor Group Q62702-A118 Datasheet HTML 3Page - Siemens Semiconductor Group  
Zoom Inzoom in Zoom Outzoom out
 3 / 3 page
background image
BAT 60B
Semiconductor Group
Sep-04-1998
3
Forward current
IF = f (TA*;TS)
* Package mounted on epoxy
0
20
40
60
80
100
120 °C
150
TA,TS
0
400
800
1200
1600
2000
2400
mA
3200
TS
TA
Reverse current
IR = f (TA)
VR = 8V
-20
0
20
40
60
80
100 120 °C
160
TA
-7
10
-6
10
-5
10
-4
10
-3
10
-2
10
-1
10
0
10
A
Permissible Pulse Load
RthJS = f(tp)
10
-6
10
-5
10
-4
10
-3
10
-2
10
0
s
tp
-1
10
0
10
1
10
2
10
K/W
0.5
0.2
0.1
0.05
0.02
0.01
0.005
D = 0
Permissible Pulse Load
IFmax / IFDC = f(tp)
10
-6
10
-5
10
-4
10
-3
10
-2
10
0
s
tp
0
10
1
10
2
10
-
D = 0
0.005
0.01
0.02
0.05
0.1
0.2
0.5
Semiconductor Group
3
1998-11-01


Similar Part No. - Q62702-A118

ManufacturerPart #DatasheetDescription
logo
Siemens Semiconductor G...
Q62702-A118 SIEMENS-Q62702-A118 Datasheet
108Kb / 5P
   Silicon Schottky Diodes (General-purpose diodes for high-speed switching Circuit protection Voltage clamping High-level detecting and mixing)
Q62702-A1186 SIEMENS-Q62702-A1186 Datasheet
42Kb / 4P
   Silicon Schottky Diode (General-purpose diode for high-speed switching Circuit protection Voltage clamping High-level detecting and mixing)
Q62702-A1188 SIEMENS-Q62702-A1188 Datasheet
24Kb / 3P
   Silicon Schottky Diode (Rectifier Schottky diode with extreme low VF drop for mobile communication For power supply
More results

Similar Description - Q62702-A118

ManufacturerPart #DatasheetDescription
logo
Siemens Semiconductor G...
BAT60A SIEMENS-BAT60A Datasheet
24Kb / 3P
   Silicon Schottky Diode (Rectifier Schottky diode with extreme low VF drop for mobile communication For power supply
BAT240A SIEMENS-BAT240A Datasheet
24Kb / 3P
   Silicon Schottky Diode (Rectifier Schottky diode for modem applications High reverse voltage For power supply)
BAT65 SIEMENS-BAT65 Datasheet
149Kb / 4P
   Silicon Schottky Diode (Low-power Schottky rectifier diode)
BAT66-05 SIEMENS-BAT66-05 Datasheet
66Kb / 3P
   Silicon Schottky Diode (Low-power Schottky rectifier diode)
BAT165 SIEMENS-BAT165 Datasheet
23Kb / 3P
   Silicon Schottky Diode (Low-power Schottky rectifier diode Miniature plastic package for surface mounting SMD)
logo
Renesas Technology Corp
HRB0103A RENESAS-HRB0103A Datasheet
86Kb / 6P
   Silicon Schottky Barrier Diode for Low Voltage High Speed Switching, Rectifying
HRB0103B RENESAS-HRB0103B Datasheet
86Kb / 6P
   Silicon Schottky Barrier Diode for Low Voltage High Speed Switching , Rectifying
logo
Hitachi Semiconductor
HRB0103A HITACHI-HRB0103A Datasheet
34Kb / 6P
   Silicon Schottky Barrier Diode for Low Voltage High Speed Switching , Rectifying
HRB0103B HITACHI-HRB0103B Datasheet
34Kb / 6P
   Silicon Schottky Barrier Diode for Low Voltage High Speed Switching , Rectifying
logo
Central Semiconductor C...
CMOD6263 CENTRAL-CMOD6263_15 Datasheet
494Kb / 2P
   HIGH VOLTAGE SILICON SCHOTTKY DIODE
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com