Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SI1926DL Datasheet(PDF) 1 Page - Vishay Siliconix

Part # SI1926DL
Description  Dual N-Channel 60 V (D-S) MOSFET
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

SI1926DL Datasheet(HTML) 1 Page - Vishay Siliconix

  SI1926DL Datasheet HTML 1Page - Vishay Siliconix SI1926DL Datasheet HTML 2Page - Vishay Siliconix SI1926DL Datasheet HTML 3Page - Vishay Siliconix SI1926DL Datasheet HTML 4Page - Vishay Siliconix SI1926DL Datasheet HTML 5Page - Vishay Siliconix SI1926DL Datasheet HTML 6Page - Vishay Siliconix SI1926DL Datasheet HTML 7Page - Vishay Siliconix SI1926DL Datasheet HTML 8Page - Vishay Siliconix SI1926DL Datasheet HTML 9Page - Vishay Siliconix Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 11 page
background image
Vishay Siliconix
Si1926DL
Document Number: 73684
S10-0792-Rev. D, 05-Apr-10
www.vishay.com
1
Dual N-Channel 60 V (D-S) MOSFET
PRODUCT SUMMARY
VDS (V)
RDS(on) (Ω)ID (A)
Qg (Typ.)
60
1.4 at VGS = 10 V
0.37
0.47
3.0 at VGS = 4.5 V
0.25
Notes:
a. Based on TC = 25 °C.
b. Surface mounted on 1" x 1" FR4 board.
c. t = 5 s.
d. Maximum under steady state conditions is 400 °C/W.
ABSOLUTE MAXIMUM RATINGS TA = 25 °C, unless otherwise noted
Parameter
Symbol
Limit
Unit
Drain-Source Voltage
VDS
60
V
Gate-Source Voltage
VGS
± 20
Continuous Drain Current (TJ = 150 °C)
TC = 25 °C
ID
0.37
A
TC = 70 °C
0.30
TA = 25 °C
0.34b, c
TA = 70 °C
0.27b, c
Pulsed Drain Current
IDM
0.65
Continuous Source-Drain Diode Current
TC = 25 °C
IS
0.43
TA = 25 °C
0.25b, c
Maximum Power Dissipation
TC = 25 °C
PD
0.51
W
TC = 70 °C
0.33
TA = 25 °C
0.30b, c
TA = 70 °C
0.20b, c
Operating Junction and Storage Temperature Range
TJ, Tstg
- 55 to 150
°C
THERMAL RESISTANCE RATINGS
Parameter
Symbol
Typical
Maximum
Unit
Maximum Junction-to-Ambientb, d
t
≤ 5 s
RthJA
360
415
°C/W
Maximum Junction-to-Foot (Drain)
Steady State
RthJF
300
350
Ordering Information: Si1926DL-T1-E3 (Lead (Pb)-free)
Si1926DL-T1-GE3 (Lead (Pb)-free and Halogen-free)
Marking Code
PD
XX
Lot Traceability
and Date Code
Part # Code
SOT-363
SC-70 (6-LEADS)
6
4
1
2
3
5
Top View
S1
G1
D2
D1
G2
S2
N-Channel MOSFET
G1
D1
S1
N-Channel MOSFET
G2
D2
S2
FEATURES
Halogen-free According to IEC 61249-2-21
Definition
•TrenchFET® Power MOSFET
100 % Rg Tested
ESD Protected: 1800 V
Compliant to RoHS Directive 2002/95/EC
APPLICATIONS
Low Power Load Switch


Similar Part No. - SI1926DL

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
SI1926DL VISHAY-SI1926DL Datasheet
142Kb / 7P
   Dual N-Channel 60-V (D-S) MOSFET
Rev. B, 22-Oct-07
logo
Vishay Telefunken
SI1926DL TFUNK-SI1926DL Datasheet
249Kb / 11P
   Dual N-Channel 60 V (D-S) MOSFET
logo
Vishay Siliconix
SI1926DL VISHAY-SI1926DL Datasheet
252Kb / 11P
   Dual N-Channel 60 V (D-S) MOSFET
01-Jan-2022
SI1926DL-T1-E3 VISHAY-SI1926DL-T1-E3 Datasheet
142Kb / 7P
   Dual N-Channel 60-V (D-S) MOSFET
Rev. B, 22-Oct-07
logo
VBsemi Electronics Co.,...
SI1926DL-T1-GE3 VBSEMI-SI1926DL-T1-GE3 Datasheet
945Kb / 6P
   Dual N-Channel 60 V (D-S) MOSFET
More results

Similar Description - SI1926DL

ManufacturerPart #DatasheetDescription
logo
Analog Power
AMA960N ANALOGPOWER-AMA960N Datasheet
354Kb / 5P
   Dual N-Channel 60-V (D-S) MOSFET
AM7962N ANALOGPOWER-AM7962N Datasheet
69Kb / 2P
   Dual N-Channel 60-V (D-S) MOSFET
logo
Vishay Siliconix
SI9945BDY VISHAY-SI9945BDY Datasheet
271Kb / 10P
   Dual N-Channel 60-V (D-S) MOSFET
Rev. A, 02-Mar-09
logo
VBsemi Electronics Co.,...
2N7002KDW VBSEMI-2N7002KDW Datasheet
945Kb / 6P
   Dual N-Channel 60 V (D-S) MOSFET
VBK362K VBSEMI-VBK362K Datasheet
494Kb / 6P
   Dual N-Channel 60 V (D-S) MOSFET
SI1926DL-T1-GE3 VBSEMI-SI1926DL-T1-GE3 Datasheet
945Kb / 6P
   Dual N-Channel 60 V (D-S) MOSFET
logo
Vishay Siliconix
SI1926DL VISHAY-SI1926DL_V01 Datasheet
252Kb / 11P
   Dual N-Channel 60 V (D-S) MOSFET
01-Jan-2022
logo
VBsemi Electronics Co.,...
435YW VBSEMI-435YW Datasheet
945Kb / 6P
   Dual N-Channel 60 V (D-S) MOSFET
UM6K31NTN VBSEMI-UM6K31NTN Datasheet
945Kb / 6P
   Dual N-Channel 60 V (D-S) MOSFET
UM6K33NTN VBSEMI-UM6K33NTN Datasheet
945Kb / 6P
   Dual N-Channel 60 V (D-S) MOSFET
logo
Vishay Siliconix
SIS9634LDN VISHAY-SIS9634LDN Datasheet
209Kb / 7P
   Dual N-Channel 60-V (D-S) MOSFET
Rev. A, 26-Sep-2022
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com