Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SI2319CDS Datasheet(PDF) 1 Page - Vishay Siliconix

Part # SI2319CDS
Description  P-Channel 40 V (D-S) MOSFET
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

SI2319CDS Datasheet(HTML) 1 Page - Vishay Siliconix

  SI2319CDS Datasheet HTML 1Page - Vishay Siliconix SI2319CDS Datasheet HTML 2Page - Vishay Siliconix SI2319CDS Datasheet HTML 3Page - Vishay Siliconix SI2319CDS Datasheet HTML 4Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
Document Number: 66855
www.vishay.com
S10-1602-Rev. A, 19-Jul-10
1
P-Channel 40 V (D-S) MOSFET
SPICE Device Model Si2319CDS
Vishay Siliconix
DESCRIPTION
The attached SPICE model describes the typical electrical
characteristics of the p-channel vertical DMOS. The
subcircuit model is extracted and optimized over the - 55 °C
to + 125 °C temperature ranges under the pulsed 0 V to 10 V
gate drive. The saturated output impedance is best fit at the
gate bias near the threshold voltage. A novel gate-to-drain
feedback capacitance network is used to model the gate
charge
characteristics
while
avoiding
convergence
difficulties of the switched Cgd model. All model parameter
values are optimized to provide a best fit to the measured
electrical data and are not intended as an exact physical
interpretation of the device.
CHARACTERISTICS
• P-Channel Vertical DMOS
• Macro Model (Subcircuit Model)
•Level 3 MOS
• Apply for both Linear and Switching Application
• Accurate over the - 55 °C to + 125 °C Temperature Range
• Model the Gate Charge, Transient, and Diode Reverse
Recovery Characteristics
SUBCIRCUIT MODEL SCHEMATIC
Note
This document is intended as a SPICE modeling guideline and does not constitute a commercial product datasheet. Designers should refer to
the appropriate datasheet of the same number for guaranteed specification limits.
D
S
DBD
CGS
M1
G
3
R1
M2
Gx
RG
CGD
Gy
ETCV
+ –


Similar Part No. - SI2319CDS

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
SI2319CDS VISHAY-SI2319CDS Datasheet
230Kb / 10P
   P-Channel 40 V (D-S) MOSFET
Rev. A, 31-May-10
SI2319CDS-T1-GE3 VISHAY-SI2319CDS-T1-GE3 Datasheet
230Kb / 10P
   P-Channel 40 V (D-S) MOSFET
Rev. A, 31-May-10
logo
VBsemi Electronics Co.,...
SI2319CDS-T1-GE3 VBSEMI-SI2319CDS-T1-GE3 Datasheet
1Mb / 9P
   P-Channel 30 V (D-S) MOSFET
logo
Vishay Siliconix
SI2319CDS VISHAY-SI2319CDS_15 Datasheet
226Kb / 11P
   P-Channel 40 V (D-S) MOSFET
Rev. A, 31-May-10
More results

Similar Description - SI2319CDS

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
SI4401DY-T1 VISHAY-SI4401DY-T1 Datasheet
250Kb / 8P
   P-Channel 40-V (D-S) MOSFET
Rev. D, 02-Mar-09
SI2319CDS VISHAY-SI2319CDS_15 Datasheet
226Kb / 11P
   P-Channel 40 V (D-S) MOSFET
Rev. A, 31-May-10
logo
Analog Power
AM3949P ANALOGPOWER-AM3949P Datasheet
184Kb / 3P
   P-Channel 40-V (D-S) MOSFET
logo
Vishay Siliconix
SI7611DN VISHAY-SI7611DN Datasheet
578Kb / 13P
   P-Channel 40-V (D-S) MOSFET
Rev. B, 21-Apr-08
logo
Analog Power
AM40P04-20DE ANALOGPOWER-AM40P04-20DE Datasheet
241Kb / 5P
   P-Channel 40-V (D-S) MOSFET
AM90P04-03P ANALOGPOWER-AM90P04-03P Datasheet
60Kb / 2P
   P-Channel 40-V (D-S) MOSFET
logo
Vishay Siliconix
SUD50P04-40P VISHAY-SUD50P04-40P Datasheet
143Kb / 7P
   P-Channel 40-V (D-S) MOSFET
Rev. B, 21-Jan-08
logo
VBsemi Electronics Co.,...
15P04SC VBSEMI-15P04SC Datasheet
1Mb / 9P
   P-Channel 40 V (D-S) MOSFET
9563GM VBSEMI-9563GM Datasheet
1,002Kb / 9P
   P-Channel 40 V (D-S) MOSFET
AFP4637WS8RG VBSEMI-AFP4637WS8RG Datasheet
1,002Kb / 9P
   P-Channel 40 V (D-S) MOSFET
FDS4685-NL VBSEMI-FDS4685-NL Datasheet
1Mb / 9P
   P-Channel 40 V (D-S) MOSFET
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com