Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

DS1216E Datasheet(PDF) 2 Page - Maxim Integrated Products

Part # DS1216E
Description  SmartWatch RAM (DS1216B/C/D/H); SmartWatch ROM (DS1216E/F)
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

DS1216E Datasheet(HTML) 2 Page - Maxim Integrated Products

  DS1216E Datasheet HTML 1Page - Maxim Integrated Products DS1216E Datasheet HTML 2Page - Maxim Integrated Products DS1216E Datasheet HTML 3Page - Maxim Integrated Products DS1216E Datasheet HTML 4Page - Maxim Integrated Products DS1216E Datasheet HTML 5Page - Maxim Integrated Products DS1216E Datasheet HTML 6Page - Maxim Integrated Products DS1216E Datasheet HTML 7Page - Maxim Integrated Products DS1216E Datasheet HTML 8Page - Maxim Integrated Products DS1216E Datasheet HTML 9Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 15 page
background image
DS1216 SmartWatch RAM/SmartWatch ROM
2 of 15
PIN DESCRIPTION
RST
- Reset, Active Low
DQ0
- Data Input/Output 0 (RAM)
A2
- Address Bit 2 (Read/Write [ROM])
A0
- Address Bit 0 (Data Input [ROM])
GND - Ground
CE
- Conditioned Chip Enable, Active Low
OE
- Output Enable, Active Low
WE
- Write Enable, Active Low
VCC
- Switched VCC for 28-/32-Pin RAM
VCCB - Switched VCC for 24-Pin RAM
VCCD - Switched VCC for 28-Pin RAM
PIN CONFIGURATIONS
SELECTOR GUIDE
PART
RAM/ROM
RAM DENSITY
PC BOARD MODIFICATION
REQUIRED FOR DENSITY
UPGRADE?
DS1216B
RAM
16K/64K
No/Yes
DS1216C
RAM
64K/256K
No
DS1216D
RAM
256K/1M
No/Yes
DS1216E
ROM
64K/256K
No
DS1216F
ROM
64K/256K/1M
No
DS1216H
RAM
1M/4M
No
DS1216B/C/E
28-Pin Intelligent Socket
2
27 WE
4
25
5
24
[A2] 8
21
6
23
9
20 CE
7
22 OE
[A0] 10
19
DQ0 11
18
12
17
13
16
GND 14
15
RST
1
28 VCC
3
26 VCCB
TOP VIEW
DS1216D/F/H
32-Pin Intelligent Socket
[A0] 12
DQ0
VCC
WE
OE
CE
1
2
3
4
5
6
7
8
9
[A2] 10
11
13
14
15
16
32
31
29
28
27
26
25
24
23
22
21
20
19
18
17
GND
RST
30 VCCD


Similar Part No. - DS1216E

ManufacturerPart #DatasheetDescription
logo
Dallas Semiconductor
DS1216E DALLAS-DS1216E Datasheet
334Kb / 13P
   SmartWatch RAM DS1216B/C/D/H SmartWatch ROM DS1216E/F
More results

Similar Description - DS1216E

ManufacturerPart #DatasheetDescription
logo
Dallas Semiconductor
DS1216 DALLAS-DS1216 Datasheet
334Kb / 13P
   SmartWatch RAM DS1216B/C/D/H SmartWatch ROM DS1216E/F
logo
Vitesse Semiconductor C...
SD799-3 VITESSE-SD799-3 Datasheet
40Kb / 1P
   ADAPTER, F-F, C
logo
Winchester Electronics ...
SD799-3 WINCHESTER-SD799-3 Datasheet
40Kb / 1P
   ADAPTER, F-F, C
logo
Sony Corporation
CXD1812Q SONY-CXD1812Q Datasheet
450Kb / 56P
   ATAPI I/F CD-ROM DECODER
logo
Cypress Semiconductor
FM21LD16 CYPRESS-FM21LD16 Datasheet
438Kb / 15P
   2Mbit F-RAM Memory
FM22LD16 CYPRESS-FM22LD16 Datasheet
434Kb / 14P
   4Mbit F-RAM Memory
logo
Ramtron International C...
FM21LD16 RAMTRON-FM21LD16_11 Datasheet
277Kb / 15P
   2Mbit F-RAM Memory
FM22LD16 RAMTRON-FM22LD16_09 Datasheet
215Kb / 14P
   4Mbit F-RAM Memory
FM21LD16 RAMTRON-FM21LD16 Datasheet
217Kb / 14P
   2Mbit F-RAM Memory
logo
Cypress Semiconductor
FM22LD16 CYPRESS-FM22LD16_13 Datasheet
424Kb / 15P
   4Mbit F-RAM Memory
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com