Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SI2329DS Datasheet(PDF) 3 Page - Vishay Siliconix

Part # SI2329DS
Description  P-Channel 8 V (D-S) MOSFET
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

SI2329DS Datasheet(HTML) 3 Page - Vishay Siliconix

  SI2329DS Datasheet HTML 1Page - Vishay Siliconix SI2329DS Datasheet HTML 2Page - Vishay Siliconix SI2329DS Datasheet HTML 3Page - Vishay Siliconix SI2329DS Datasheet HTML 4Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
Document Number: 63225
www.vishay.com
S11-1274-Rev. A, 04-Jul-11
3
This document is subject to change without notice.
THE PRODUCTS DESCRIBED HEREIN AND THIS DOCUMENT ARE SUBJECT TO SPECIFIC DISCLAIMERS, SET FORTH AT www.vishay.com/doc?91000
SPICE Device Model Si2329DS
Vishay Siliconix
COMPARISON OF MODEL WITH MEASURED DATA (TJ = 25 °C, unless otherwise noted)
Note
• Dots and squares represent measured data.
VDS - Drain-to-Source Voltage (V)
VGS - Gate-to-Source Voltage (V)
ID - Drain Current (A)
VDS - Drain-to-Source Voltage (V)
Qg - Total Gate Charge (nC)
VSD - Source-to-Drain Voltage (V)
0
5
10
15
20
0.0
0.5
1.0
1.5
2.0
VGS = 1.5 V
VGS = 1 V
VGS = 5 V, 3 V, 2.5 V, 2 V
0
1
2
3
4
5
0.0
0.3
0.6
0.9
1.2
1.5
TJ = 25 °C
TJ = - 55 °C
TJ = 125 °C
0.015
0.030
0.045
0.060
0.075
0.090
0
5
10
15
20
VGS = 4.5 V
VGS = 2.5 V
0
700
1400
2100
2800
02468
Ciss
Coss
Crss
0
1
2
3
4
5
0
5
10
15
20
VDS = 4 V
ID = 5.3 A
0.1
1
10
00.2
0.4
0.6
0.8
1
TJ = 150 °C
TJ = 25 °C


Similar Part No. - SI2329DS

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
SI2329DS VISHAY-SI2329DS Datasheet
196Kb / 9P
   P-Channel 8 V (D-S) MOSFET
01-Jan-2022
logo
TECH PUBLIC Electronics...
SI2329DS TECHPUBLIC-SI2329DS Datasheet
3Mb / 6P
   20V P-Channel Enhancement Mode MOSFET
logo
VBsemi Electronics Co.,...
SI2329DS-T1-GE3 VBSEMI-SI2329DS-T1-GE3 Datasheet
465Kb / 9P
   P-Channel 20-V (D-S) MOSFET
logo
Vishay Siliconix
SI2329DS VISHAY-SI2329DS_V01 Datasheet
196Kb / 9P
   P-Channel 8 V (D-S) MOSFET
01-Jan-2022
More results

Similar Description - SI2329DS

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
SI1315DL-T1-GE3 VISHAY-SI1315DL-T1-GE3 Datasheet
248Kb / 11P
   P-Channel 8 V (D-S) MOSFET
Rev. A, 29-Nov-10
SIA427ADJ VISHAY-SIA427ADJ Datasheet
231Kb / 9P
   P-Channel 8 V (D-S) MOSFET
Rev. B, 21-May-12
SI8439DB VISHAY-SI8439DB Datasheet
252Kb / 11P
   P-Channel 8 V (D-S) MOSFET
Rev. C, 20-Jul-15
SI2305CDS VISHAY-SI2305CDS Datasheet
105Kb / 5P
   P-Channel 8 V (D-S) MOSFET
Rev. A, 07-Sep-09
SI2305CDS VISHAY-SI2305CDS_13 Datasheet
229Kb / 10P
   P-Channel 8 V (D-S) MOSFET
Rev. C, 29-Mar-10
SI8469DB VISHAY-SI8469DB Datasheet
107Kb / 8P
   P-Channel 8 V (D-S) MOSFET
Rev. A, 08-Nov-10
SI2305CD VISHAY-SI2305CD_V01 Datasheet
195Kb / 9P
   P-Channel 8 V (D-S) MOSFET
09-Jul-2021
SI2305ADS VISHAY-SI2305ADS Datasheet
139Kb / 7P
   P-Channel 8-V (D-S) MOSFET
Rev. C, 10-Nov-08
SIB437EDKT VISHAY-SIB437EDKT Datasheet
177Kb / 8P
   P-Channel 8 V (D-S) MOSFET
Rev. A, 14-Feb-11
SI1051X VISHAY-SI1051X Datasheet
138Kb / 6P
   P-Channel 8-V (D-S) MOSFET
Rev. B, 24-Mar-08
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com