Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SI3410DV Datasheet(PDF) 3 Page - Vishay Siliconix

Part # SI3410DV
Description  N-Channel 30-V (D-S) MOSFET
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

SI3410DV Datasheet(HTML) 3 Page - Vishay Siliconix

  SI3410DV Datasheet HTML 1Page - Vishay Siliconix SI3410DV Datasheet HTML 2Page - Vishay Siliconix SI3410DV Datasheet HTML 3Page - Vishay Siliconix SI3410DV Datasheet HTML 4Page - Vishay Siliconix SI3410DV Datasheet HTML 5Page - Vishay Siliconix SI3410DV Datasheet HTML 6Page - Vishay Siliconix SI3410DV Datasheet HTML 7Page - Vishay Siliconix SI3410DV Datasheet HTML 8Page - Vishay Siliconix SI3410DV Datasheet HTML 9Page - Vishay Siliconix Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 11 page
background image
Document Number: 69254
S09-2110-Rev. B, 12-Oct-09
www.vishay.com
3
Vishay Siliconix
Si3410DV
TYPICAL CHARACTERISTICS
25 °C, unless otherwise noted
Output Characteristics
On-Resistance vs. Drain Current and Gate Voltage
Gate Charge
0
6
12
18
24
30
0.0
0.5
1.0
1.5
2.0
2.5
VGS = 10 V thru 4 V
VDS - Drain-to-Source Voltage (V)
VGS = 3 V
0.010
0.014
0.018
0.022
0.026
0.030
0
6
12
18
24
30
ID - Drain Current (A)
VGS = 4.5 V
VGS = 10 V
ID = 5 A
0
2
4
6
8
10
0
5
10
15
20
25
Qg - Total Gate Charge (nC)
VDS = 10 V
VDS = 20 V
VDS = 15 V
Transfer Characteristics
Capacitance
On-Resistance vs. Junction Temperature
0.0
0.3
0.6
0.9
1.2
1.5
012345
VGS - Gate-to-Source Voltage (V)
TC = 25 °C
TC = 125 °C
TC = - 55 °C
Crss
0
320
640
960
1280
1600
06
12
18
24
30
Coss
Ciss
VDS - Drain-to-Source Voltage (V)
- 50
- 25
0
25
50
75
100
125
150
TJ - Junction Temperature (°C)
0.7
0.9
1.1
1.3
1.5
1.7
VGS = 4.5 V
VGS = 10 V
ID = 5 A


Similar Part No. - SI3410DV

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
SI3410DV VISHAY-SI3410DV Datasheet
142Kb / 7P
   N-Channel 30-V (D-S) MOSFET
Rev. A, 08-Oct-07
logo
Vishay Telefunken
SI3410DV TFUNK-SI3410DV Datasheet
197Kb / 11P
   N-Channel 30-V (D-S) MOSFET
logo
Vishay Siliconix
SI3410DV-T1-E3 VISHAY-SI3410DV-T1-E3 Datasheet
142Kb / 7P
   N-Channel 30-V (D-S) MOSFET
Rev. A, 08-Oct-07
logo
VBsemi Electronics Co.,...
SI3410DV-T1-GE3 VBSEMI-SI3410DV-T1-GE3 Datasheet
486Kb / 9P
   N-Channel 30 V (D-S) MOSFET
logo
Vishay Siliconix
SI3410DV VISHAY-SI3410DV_V01 Datasheet
226Kb / 11P
   N-Channel 30-V (D-S) MOSFET
01-Jan-2022
More results

Similar Description - SI3410DV

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
SI3456DV VISHAY-SI3456DV Datasheet
61Kb / 4P
   N-Channel 30-V (D-S) MOSFET
Rev. B, 23-Nov-98
SUU50N03-12P VISHAY-SUU50N03-12P Datasheet
60Kb / 4P
   N-Channel 30-V (D-S) MOSFET
Rev. A, 15-Sep-03
SI4894DY VISHAY-SI4894DY Datasheet
129Kb / 3P
   N-Channel 30-V (D-S) MOSFET
17-May-04
SI4406DY VISHAY-SI4406DY Datasheet
38Kb / 4P
   N-Channel 30-V (D-S) MOSFET
Rev. C, 26-May-03
SI7380DP VISHAY-SI7380DP Datasheet
180Kb / 3P
   N-Channel 30-V (D-S) MOSFET
24-May-04
SI733ADP VISHAY-SI733ADP Datasheet
61Kb / 5P
   N-Channel 30-V (D-S) MOSFET
Rev. A, 25-Oct-04
SI4892DY VISHAY-SI4892DY Datasheet
71Kb / 4P
   N-Channel 30-V (D-S) MOSFET
Rev. F, 01-Aug-05
logo
Vaishali Semiconductor
SI4356ADY VAISH-SI4356ADY Datasheet
143Kb / 3P
   N-Channel 30-V (D-S) MOSFET
logo
Vishay Siliconix
SIRA00DP VISHAY-SIRA00DP Datasheet
513Kb / 13P
   N-Channel 30 V (D-S) MOSFET
Rev. A, 13-Feb-12
SIRA04DP VISHAY-SIRA04DP Datasheet
513Kb / 13P
   N-Channel 30 V (D-S) MOSFET
Rev. A, 13-Feb-12
SIRA14DP VISHAY-SIRA14DP Datasheet
513Kb / 13P
   N-Channel 30 V (D-S) MOSFET
Rev. A, 12-Mar-12
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com