Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SI3552DV Datasheet(PDF) 1 Page - Vishay Siliconix

Part # SI3552DV
Description  N- and P-Channel 30-V (D-S) MOSFET
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

SI3552DV Datasheet(HTML) 1 Page - Vishay Siliconix

  SI3552DV Datasheet HTML 1Page - Vishay Siliconix SI3552DV Datasheet HTML 2Page - Vishay Siliconix SI3552DV Datasheet HTML 3Page - Vishay Siliconix SI3552DV Datasheet HTML 4Page - Vishay Siliconix SI3552DV Datasheet HTML 5Page - Vishay Siliconix SI3552DV Datasheet HTML 6Page - Vishay Siliconix SI3552DV Datasheet HTML 7Page - Vishay Siliconix SI3552DV Datasheet HTML 8Page - Vishay Siliconix SI3552DV Datasheet HTML 9Page - Vishay Siliconix Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 12 page
background image
Vishay Siliconix
Si3552DV
Document Number: 70971
S09-2110-Rev. C, 12-Oct-09
www.vishay.com
1
N- and P-Channel 30-V (D-S) MOSFET
FEATURES
Halogen-free According to IEC 61249-2-21
Definition
TrenchFET® Power MOSFET
•100 % Rg Tested
Compliant to RoHS Directive 2002/95/EC
PRODUCT SUMMARY
VDS (V)
RDS(on) (Ω)ID (A)
N-Channel
30
0.105 at VGS = 10 V
2.5
0.175 at VGS = 4.5 V
2.0
P-Channel
- 30
0.200 at VGS = - 10 V
- 1.8
0.360 at VGS = - 4.5 V
- 1.2
TSOP-6
Top View
6
4
1
2
3
5
2.85 mm
3 mm
D2
G2
S1
S2
D1
G1
Ordering Information: Si3552DV -T1-E3 (Lead (Pb)-free)
Si3552DV-T1-GE3 (Lead (Pb)-free and Halogen-free)
D1
G1
S1
N-Channel MOSFET
S2
G2
D2
P-Channel MOSFET
Notes:
a. Surface Mounted on FR4 board.
b. t
≤ 5 s.
ABSOLUTE MAXIMUM RATINGS TA = 25 °C, unless otherwise noted
Parameter
Symbol
N-Channel
P-Channel
Unit
Drain-Source Voltage
VDS
30
- 30
V
Gate-Source Voltage
VGS
± 20
± 20
Continuous Drain Current (TJ = 150 °C)
a, b
TA = 25 °C
ID
2.5
- 1.8
A
TA = 70 °C
2.0
- 1.2
Pulsed Drain Current
IDM
8- 7
Continuous Source Current (Diode Conduction)a, b
IS
1.05
- 1.05
Maximum Power Dissipationa, b
TA = 25 °C
PD
1.15
W
TA = 70 °C
0.73
Operating Junction and Storage Temperature Range
TJ, Tstg
- 55 to 150
°C
THERMAL RESISTANCE RATINGS
Parameter
Symbol
Typical
Maximum
Unit
Maximum Junction-to-Ambienta
t
≤ 5 s
RthJA
93
110
°C/W
Steady State
130
150
Maximum Junction-to-Lead
Steady State
RthJL
75
90


Similar Part No. - SI3552DV

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
SI3552DV VISHAY-SI3552DV Datasheet
82Kb / 7P
   N- and P-Channel 30-V (D-S) MOSFET
Rev. A, 23-Aug-99
SI3552DV VISHAY-SI3552DV Datasheet
117Kb / 8P
   N- and P-Channel 30-V (D-S) MOSFET
Rev. B, 18-Aug-03
logo
Vishay Telefunken
SI3552DV TFUNK-SI3552DV Datasheet
205Kb / 12P
   N- and P-Channel 30-V (D-S) MOSFET
logo
Vishay Siliconix
SI3552DV VISHAY-SI3552DV Datasheet
281Kb / 13P
   N- and P-Channel 30 V (D-S) MOSFET
01-Jan-2022
SI3552DV-T1 VISHAY-SI3552DV-T1 Datasheet
117Kb / 8P
   N- and P-Channel 30-V (D-S) MOSFET
Rev. B, 18-Aug-03
More results

Similar Description - SI3552DV

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
SI4532DY VISHAY-SI4532DY Datasheet
123Kb / 7P
   N- and P-Channel 30-V (D-S) MOSFET
Rev. D, 23-Nov-93
SI3590DV VISHAY-SI3590DV_09 Datasheet
232Kb / 13P
   N- and P-Channel 30-V (D-S) MOSFET
Rev. C, 28-Sep-09
SI6544BDQ VISHAY-SI6544BDQ Datasheet
66Kb / 8P
   N-and P-Channel 30-V (D-S) MOSFET
Rev. A, 16-Jun-03
SI5511DC VISHAY-SI5511DC Datasheet
164Kb / 12P
   N- and P-Channel 30-V (D-S) MOSFET
Rev. B, 22-Oct-07
SI5504BDC VISHAY-SI5504BDC_10 Datasheet
152Kb / 12P
   N- and P-Channel 30 V (D-S) MOSFET
Rev. B, 08-Mar-10
logo
Guangdong Kexin Industr...
KI4544DY KEXIN-KI4544DY Datasheet
56Kb / 2P
   N- and P-Channel 30-V (D-S) MOSFET
logo
VBsemi Electronics Co.,...
AO4606A VBSEMI-AO4606A Datasheet
1Mb / 14P
   N- and P-Channel 30 V (D-S) MOSFET
FDS8960C-NL VBSEMI-FDS8960C-NL Datasheet
1Mb / 14P
   N- and P-Channel 30 V (D-S) MOSFET
logo
Vishay Telefunken
SI3590DV TFUNK-SI3590DV Datasheet
233Kb / 13P
   N- and P-Channel 30-V (D-S) MOSFET
SI4532CDY TFUNK-SI4532CDY Datasheet
296Kb / 15P
   N- and P-Channel 30 V (D-S) MOSFET
logo
VBsemi Electronics Co.,...
SH8M4TB VBSEMI-SH8M4TB Datasheet
1Mb / 14P
   N- and P-Channel 30 V (D-S) MOSFET
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com