Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

BFU690F Datasheet(PDF) 1 Page - NXP Semiconductors

Part # BFU690F
Description  NPN wideband silicon RF transistor
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

BFU690F Datasheet(HTML) 1 Page - NXP Semiconductors

  BFU690F Datasheet HTML 1Page - NXP Semiconductors BFU690F Datasheet HTML 2Page - NXP Semiconductors BFU690F Datasheet HTML 3Page - NXP Semiconductors BFU690F Datasheet HTML 4Page - NXP Semiconductors BFU690F Datasheet HTML 5Page - NXP Semiconductors BFU690F Datasheet HTML 6Page - NXP Semiconductors BFU690F Datasheet HTML 7Page - NXP Semiconductors BFU690F Datasheet HTML 8Page - NXP Semiconductors BFU690F Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 12 page
background image
1.
Product profile
1.1 General description
NPN silicon microwave transistor for high speed, low noise applications in a plastic, 4-pin
dual-emitter SOT343F package.
1.2 Features and benefits
Low noise high linearity microwave transistor
High output third-order intercept point 34 dBm at 1.8 GHz
40 GHz fT silicon technology
1.3 Applications
Ka band oscillators DRO’s
C-band high output buffer amplifier
ZigBee
LTE, cellular, UMTS
BFU690F
NPN wideband silicon RF transistor
Rev. 1 — 16 December 2010
Product data sheet
CAUTION
This device is sensitive to ElectroStatic Discharge (ESD). Observe precautions for handling
electrostatic sensitive devices.
Such precautions are described in the ANSI/ESD S20.20, IEC/ST 61340-5, JESD625-A or
equivalent standards.


Similar Part No. - BFU690F

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
BFU690F NXP-BFU690F Datasheet
9Mb / 130P
   RF Manual 16th edition
June 2012
BFU690F PHILIPS-BFU690F_15 Datasheet
138Kb / 12P
   NPN wideband silicon RF transistor
Rev. 2-14 March 2014
More results

Similar Description - BFU690F

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
BFU590G PHILIPS-BFU590G_15 Datasheet
283Kb / 19P
   NPN wideband silicon RF transistor
Rev. 1-28 April 2014
BFU590Q PHILIPS-BFU590Q_15 Datasheet
260Kb / 19P
   NPN wideband silicon RF transistor
Rev. 1-28 April 2014
BFU530X PHILIPS-BFU530X_15 Datasheet
307Kb / 22P
   NPN wideband silicon RF transistor
Rev. 1-5 March 2014
BFU550A PHILIPS-BFU550A_15 Datasheet
300Kb / 22P
   NPN wideband silicon RF transistor
Rev. 1-13 January 2014
BFU550W PHILIPS-BFU550W_15 Datasheet
302Kb / 22P
   NPN wideband silicon RF transistor
Rev. 1-13 January 2014
BFU520W PHILIPS-BFU520W_15 Datasheet
302Kb / 22P
   NPN wideband silicon RF transistor
Rev. 1-13 January 2014
BFU610F NXP-BFU610F Datasheet
134Kb / 12P
   NPN wideband silicon RF transistor
Rev. 2-11 January 2011
BFU630F PHILIPS-BFU630F Datasheet
340Kb / 12P
   NPN wideband silicon RF transistor
Rev. 1-15 December 2010
BFU530XR NXP-BFU530XR Datasheet
316Kb / 22P
   NPN wideband silicon RF transistor
Rev. 1 ??5 March 2014
BFU550XR PHILIPS-BFU550XR_15 Datasheet
313Kb / 22P
   NPN wideband silicon RF transistor
Rev. 1-14 March 2014
BFU580G PHILIPS-BFU580G_15 Datasheet
299Kb / 21P
   NPN wideband silicon RF transistor
Rev. 1-28 April 2014
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com