Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

DS2482-100 Datasheet(PDF) 7 Page - Maxim Integrated Products

Part # DS2482-100
Description  Single-Channel 1-Wire Master
Download  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

DS2482-100 Datasheet(HTML) 7 Page - Maxim Integrated Products

Back Button DS2482-100_12 Datasheet HTML 3Page - Maxim Integrated Products DS2482-100_12 Datasheet HTML 4Page - Maxim Integrated Products DS2482-100_12 Datasheet HTML 5Page - Maxim Integrated Products DS2482-100_12 Datasheet HTML 6Page - Maxim Integrated Products DS2482-100_12 Datasheet HTML 7Page - Maxim Integrated Products DS2482-100_12 Datasheet HTML 8Page - Maxim Integrated Products DS2482-100_12 Datasheet HTML 9Page - Maxim Integrated Products DS2482-100_12 Datasheet HTML 10Page - Maxim Integrated Products DS2482-100_12 Datasheet HTML 11Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 24 page
background image
Strong Pullup (SPU)
The SPU bit is used to activate the strong pullup func-
tion prior to a 1-Wire Write Byte or 1-Wire Single Bit
command. Strong pullup is commonly used with 1-Wire
EEPROM devices when copying scratchpad data to the
main memory or when performing an SHA-1 computa-
tion and with parasitically powered temperature sen-
sors or A/D converters. The respective device data
sheets specify the location in the communications pro-
tocol after which the strong pullup should be applied.
The SPU bit must be set immediately prior to issuing
the command that puts the 1-Wire device into the state
where it needs the extra power. The strong pullup uses
the same internal pullup transistor as the active pullup
feature. For cases where the internal strong pullup has
insufficient strength, the PCTLZ pin can be used to con-
trol an external p-channel MOSFET to supply additional
power beyond the drive capability of the DS2482-100 to
the 1-Wire line. See the
ΔVSTRPU parameter in the
Electrical Characteristics to determine if the internal
strong pullup is sufficient given the current load on the
device.
If SPU is 1, the DS2482-100 treats the rising edge of the
time slot in which the strong pullup starts as if the active
pullup was activated. However, in contrast to the active
pullup, the strong pullup, i.e., the internal pullup transistor,
remains conducting, as shown in Figure 3, until one of
three events occurs: the DS2482-100 receives a command
that generates 1-Wire communication (the typical case);
the SPU bit in the Configuration Register is written to 0; or
the DS2482-100 receives the Device Reset command. As
long as the strong pullup is active, the PCTLZ output is low.
When the strong pullup ends, the SPU bit is automati-
cally reset to 0. Using the strong pullup feature does
not change the state of the APU bit in the Configuration
Register. Note: Strong pullup also affects the 1-Wire
Reset command. If enabled, it can cause incorrect
reading of the presence pulse and may cause a viola-
tion of the device’s absolute maximum rating.
1-Wire Speed (1WS)
The 1WS bit determines the timing of any 1-Wire com-
munication generated by the DS2482-100. All 1-Wire
slave devices support standard speed (1WS = 0),
where the transfer of a single bit (tSLOT in Figure 3) is
completed within 65µs. Many 1-Wire devices can also
communicate at a higher data rate, called overdrive
speed. To change from standard to overdrive speed, a
1-Wire device needs to receive an Overdrive-Skip ROM
or Overdrive-Match ROM command, as explained in
the 1-Wire device data sheets. The change in speed
occurs immediately after the 1-Wire device has
received the speed-changing command code. The
DS2482-100 must take part in this speed change to
stay synchronized. This is accomplished by writing to
the Configuration Register with the 1WS bit as 1
imme-
diately after the 1-Wire Byte command that changes the
speed of a 1-Wire device. Writing to the Configuration
Register with the 1WS bit as 0, followed by a 1-Wire
Reset command, changes the DS2482-100 and any
1-Wire devices on the active 1-Wire line back to stan-
dard speed.
DS2482-100 RESISTIVE PULLUP
DS2482-100 PULLDOWN
DS2482-100 STRONG PULLUP
VCC
0V
PCTLZ
WRITE-ZERO CASE
WRITE-ONE CASE
tSLOT
LAST BIT OF 1-Wire WRITE BYTE OR 1-Wire SINGLE BIT FUNCTION
NEXT
TIME SLOT
OR 1-Wire
RESET
Figure 3. Low-Impedance Pullup Timing
Single-Channel 1-Wire Master
_______________________________________________________________________________________
7


Similar Part No. - DS2482-100_12

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
DS2482-100 MAXIM-DS2482-100_15 Datasheet
290Kb / 24P
   Single-Channel 1-Wire Master
Rev 10; 1/15
More results

Similar Description - DS2482-100_12

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
DS2482-100 MAXIM-DS2482-100_15 Datasheet
290Kb / 24P
   Single-Channel 1-Wire Master
Rev 10; 1/15
logo
Dallas Semiconductor
DS2482-100 DALLAS-DS2482-100 Datasheet
255Kb / 21P
   Single-Channel 1-Wire Master
logo
Maxim Integrated Produc...
DS2484 MAXIM-DS2484 Datasheet
1Mb / 29P
   Single-Channel 1-Wire Master
Rev 1; 7/15
DS2482-100 MAXIM-DS2482-100 Datasheet
359Kb / 24P
   Single-Channel 1-Wire Master
Rev 8; 11/09
DS2482-101 MAXIM-DS2482-101_12 Datasheet
424Kb / 24P
   Single-Channel 1-Wire Master with Sleep Mode
Rev 4; 1/12
DS2482-101 MAXIM-DS2482-101 Datasheet
354Kb / 24P
   Single-Channel 1-Wire Master with Sleep Mode
Rev 2; 11/09
DS2482-101 MAXIM-DS2482-101_V01 Datasheet
312Kb / 24P
   Single-Channel 1-Wire Master with Sleep Mode
19-4931; Rev 5; 1/15
DS2482-800 MAXIM-DS2482-800 Datasheet
430Kb / 23P
   Eight-Channel 1-Wire Master
11/09
logo
Dallas Semiconductor
DS2482-800 DALLAS-DS2482-800 Datasheet
261Kb / 22P
   Eight-Channel 1-Wire Master
logo
Maxim Integrated Produc...
DS2482-800 MAXIM-DS2482-800_12 Datasheet
392Kb / 23P
   8-Channel 1-Wire Master
Rev 4; 1/12
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com