Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LPC11U13FBD48 Datasheet(PDF) 1 Page - NXP Semiconductors

Part # LPC11U13FBD48
Description  Low-cost Cortex-M0 USB solutions with Smart Card interface
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

LPC11U13FBD48 Datasheet(HTML) 1 Page - NXP Semiconductors

  LPC11U13FBD48 Datasheet HTML 1Page - NXP Semiconductors LPC11U13FBD48 Datasheet HTML 2Page - NXP Semiconductors  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Low-cost Cortex-M0 USB solutions with
Smart Card interface
Features
`
` ARM`Cortex-M0`processor,`running`at`frequencies`of`up`to`
50`MHz
`
` Memory:
-`Up`to`32`kB`on-chip`flash`program`memory
-``Total`of`6`kB`SRAM`data`memory`(4`kB`main`SRAM`and`
2`kB`USB`SRAM)
-``16`kB`boot`ROM
-``In-System`Programming`(ISP)`and`In-Application`
Programming`(IAP)`via`on-chip`bootloader`software
`
` Debug`options:
-``Standard`JTAG`test/debug`interface.`Serial`Wire`Debug
-``Boundary`scan`for`simplified`board`testing
`
` Up`to`40`General-Purpose`I/O`(GPIO)`pins`with`configurable`
pull-up/pull-down`resistors,`repeater`mode,`and`open-drain`
mode
-``Two`GPIO`grouped`interrupt`modules`enable`an`interrupt`
based`on`a`programmable`pattern`of`input`states`of`a`
group`of`GPIO`pins
Delivering`robust`USB`performance`at`a`low`price`point,`these`low-cost`devices`are`compelling`
replacements`for`8/16-bit`USB`microcontrollers.`The`highly`flexible`USB`architecture`is,`quite`
simply,`a`better`approach`to`USB.`NXP`offers`the`widest`range`of`ARM-based`USB`solutions,`as`
well`as`easy-to-use`software`and`integrated`development`platforms`that`make`NXP`a`one-stop`
shop`for`USB.
-``High-current`source`output`driver`(20`mA)`on`one`pin`(P0_7)
-``High-current`sink`driver`(20`mA)`on`two`true`open-drain`
pins`(P0_4`and`P0_5)
`
` Four`general-purpose`counter/timers`with`a`total`of``
up`to`5`capture`inputs`and`13`match`outputs
`
` Programmable`Windowed`WatchDog`Timer`(WWDT)`with`a`
dedicated,`internal`low-power`WatchDog`Oscillator`(WDO)
`
` Analog`peripherals:
-``10-bit`ADC`with`input`multiplexing`among`eight`pins
`
` Serial`interfaces:
-``USB`2.0`full-speed`device`controller
-``USART`with`fractional`baud-rate`generation
-``USART`supports`an`asynchronous`Smart`Card`interface``
(ISO`7816-3)
-``Two`SSP`controllers`with`FIFO`and`multi-protocol`
capabilities
-``I2C-bus`interface`supporting`the`full`I2C-bus`specification`
and`Fast-mode`Plus`(Fm+)
NXP 50-MHz, 32-bit
ARM Cortex-M0TM
microcontrollers LPC11U00


Similar Part No. - LPC11U13FBD48

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
LPC11U13FBD48 NXP-LPC11U13FBD48 Datasheet
914Kb / 64P
   32-bit ARM Cortex-M0 microcontroller; up to 32 kB flash; 6 kB SRAM; USB device; USART
Rev. 1-11 April 2011
LPC11U13FBD48.201 NXP-LPC11U13FBD48.201 Datasheet
1Mb / 69P
   32-bit ARM Cortex-M0 microcontroller; up to 32 kB flash; 6 kB SRAM; USB device; USART
Rev. 2-11 January 2012
More results

Similar Description - LPC11U13FBD48

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
73S8024RN MAXIM-73S8024RN Datasheet
459Kb / 27P
   Low-Cost Smart Card Interface
Rev 2; 6/12
logo
Teridian Semiconductor ...
73S8024RN TERIDIAN-73S8024RN Datasheet
383Kb / 27P
   Low Cost Smart Card Interface
73S8010R TERIDIAN-73S8010R Datasheet
349Kb / 24P
   Low Cost Smart Card Interface
73S8010R TERIDIAN-73S8010R_V01 Datasheet
348Kb / 25P
   Low Cost Smart Card Interface
August 2009
73S8009R TERIDIAN-73S8009R Datasheet
348Kb / 23P
   Low Cost Versatile Smart Card Interface
logo
List of Unclassifed Man...
TIGER560 ETC-TIGER560 Datasheet
449Kb / 37P
   USB Controller for Low Cost VoIP solutions
logo
ON Semiconductor
NCN6024 ONSEMI-NCN6024 Datasheet
223Kb / 15P
   Compact and Low Cost Smart Card Interface IC
July, 2009 ??Rev. 1
logo
List of Unclassifed Man...
ISD9100 ETC2-ISD9100 Datasheet
864Kb / 26P
   ISD Cortex-M0 ChipCorder
logo
Nuvoton Technology Corp...
ISD9100 NUVOTON-ISD9100 Datasheet
864Kb / 26P
   ISD Cortex??M0 ChipCorder
NUC131 NUVOTON-NUC131 Datasheet
2Mb / 75P
   ARM짰 Cortex??M0 core
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com