Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LPC11U24FBD64 Datasheet(PDF) 11 Page - NXP Semiconductors

Part # LPC11U24FBD64
Description  32-bit ARM Cortex-M0 microcontroller; up to 32 kB flash; up to 10 kB SRAM and 4 kB EEPROM; USB device; USART
Download  67 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

LPC11U24FBD64 Datasheet(HTML) 11 Page - NXP Semiconductors

Back Button LPC11U24FBD64 Datasheet HTML 7Page - NXP Semiconductors LPC11U24FBD64 Datasheet HTML 8Page - NXP Semiconductors LPC11U24FBD64 Datasheet HTML 9Page - NXP Semiconductors LPC11U24FBD64 Datasheet HTML 10Page - NXP Semiconductors LPC11U24FBD64 Datasheet HTML 11Page - NXP Semiconductors LPC11U24FBD64 Datasheet HTML 12Page - NXP Semiconductors LPC11U24FBD64 Datasheet HTML 13Page - NXP Semiconductors LPC11U24FBD64 Datasheet HTML 14Page - NXP Semiconductors LPC11U24FBD64 Datasheet HTML 15Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 67 page
background image
LPC11U2X
All information provided in this document is subject to legal disclaimers.
© NXP B.V. 2011. All rights reserved.
Preliminary data sheet
Rev. 1 — 29 November 2011
11 of 67
NXP Semiconductors
LPC11U2x
32-bit ARM Cortex-M0 microcontroller
PIO0_16/AD5/
CT32B1_MAT3/WAKEUP
26
A6
40
53
[6]
I; PU
I/O
PIO0_16 — General purpose digital input/output pin.
-I
AD5 — A/D converter, input 5.
-O
CT32B1_MAT3 — Match output 3 for 32-bit timer 1.
-I
WAKEUP — Deep power-down mode wake-up pin
with 20 ns glitch filter. Pull this pin HIGH externally to
enter Deep power-down mode. Pull this pin LOW to
exit Deep power-down mode. A LOW-going pulse as
short as 50 ns wakes up the part.
PIO0_17/RTS/
CT32B0_CAP0/SCLK
30
A3
45
60
[3]
I; PU
I/O
PIO0_17 — General purpose digital input/output pin.
-O
RTS — Request To Send output for USART.
-I
CT32B0_CAP0 — Capture input 0 for 32-bit timer 0.
-
I/O
SCLK — Serial clock input/output for USART in
synchronous mode.
PIO0_18/RXD/
CT32B0_MAT0
31
B3
46
61
[3]
I; PU
I/O
PIO0_18 — General purpose digital input/output pin.
-I
RXD — Receiver input for USART. Used in UART ISP
mode.
-O
CT32B0_MAT0 — Match output 0 for 32-bit timer 0.
PIO0_19/TXD/
CT32B0_MAT1
32
B2
47
62
[3]
I; PU
I/O
PIO0_19 — General purpose digital input/output pin.
-O
TXD — Transmitter output for USART. Used in UART
ISP mode.
-O
CT32B0_MAT1 — Match output 1 for 32-bit timer 0.
PIO0_20/CT16B1_CAP0
7
F2
9
11
[3]
I; PU
I/O
PIO0_20 — General purpose digital input/output pin.
-I
CT16B1_CAP0 — Capture input 0 for 16-bit timer 1.
PIO0_21/CT16B1_MAT0/
MOSI1
12
G4
17
22
[3]
I; PU
I/O
PIO0_21 — General purpose digital input/output pin.
-O
CT16B1_MAT0 — Match output 0 for 16-bit timer 1.
-
I/O
MOSI1 — Master Out Slave In for SSP1.
PIO0_22/AD6/
CT16B1_MAT1/MISO1
20
E8
30
40
[6]
I; PU
I/O
PIO0_22 — General purpose digital input/output pin.
-I
AD6 — A/D converter, input 6.
-O
CT16B1_MAT1 — Match output 1 for 16-bit timer 1.
-
I/O
MISO1 — Master In Slave Out for SSP1.
PIO0_23/AD7
27
A5
42
56
[6]
I; PU
I/O
PIO0_23 — General purpose digital input/output pin.
-I
AD7 — A/D converter, input 7.
PIO1_0/CT32B1_MAT0
-
-
-
1
[3]
I; PU
I/O
PIO1_0 — General purpose digital input/output pin.
-O
CT32B1_MAT0 — Match output 0 for 32-bit timer 1.
PIO1_1/CT32B1_MAT1
-
-
-
17
[3]
I; PU
I/O
PIO1_1 — General purpose digital input/output pin.
-O
CT32B1_MAT1 — Match output 1 for 32-bit timer 1.
PIO1_2/CT32B1_MAT2
-
-
-
34
[3]
I; PU
I/O
PIO1_2 — General purpose digital input/output pin.
-O
CT32B1_MAT2 — Match output 2 for 32-bit timer 1.
Table 3.
Pin description
Symbol
Reset
state
[1]
Type
Description


Similar Part No. - LPC11U24FBD64

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
LPC11U24FBD64/401 NXP-LPC11U24FBD64/401 Datasheet
1Mb / 74P
   32-bit ARM Cortex-M0 microcontroller; up to 32 kB flash; up to 10 kB SRAM and 4 kB EEPROM; USB device; USART
Rev. 2.3 - 27 March 2014
More results

Similar Description - LPC11U24FBD64

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
LPC11U2X NXP-LPC11U2X Datasheet
1Mb / 74P
   32-bit ARM Cortex-M0 microcontroller; up to 32 kB flash; up to 10 kB SRAM and 4 kB EEPROM; USB device; USART
Rev. 2.3 - 27 March 2014
LPC11E1X NXP-LPC11E1X Datasheet
1Mb / 62P
   32-bit ARM Cortex-M0 microcontroller; up to 32 kB flash; up to 10 kB SRAM and 4 kB EEPROM; USART
Rev.1.1-24 September 2013
LPC11U14FHI33.201 NXP-LPC11U14FHI33.201 Datasheet
1Mb / 69P
   32-bit ARM Cortex-M0 microcontroller; up to 32 kB flash; 6 kB SRAM; USB device; USART
Rev. 2-11 January 2012
LPC11U34 NXP-LPC11U34 Datasheet
1Mb / 76P
   32-bit ARM Cortex-M0 microcontroller up to 128 kB flash up to 12 kB SRAM and 4 kB EEPROM USB device USART
Rev. 2-25 November 2013
LPC11U3X NXP-LPC11U3X Datasheet
2Mb / 77P
   32-bit ARM Cortex-M0 microcontroller; up to 128 kB flash; up to 12 kB SRAM and 4 kB EEPROM; USB device; USART
Rev. 2.4-March 27, 2020
LPC11U1X NXP-LPC11U1X Datasheet
914Kb / 64P
   32-bit ARM Cortex-M0 microcontroller; up to 32 kB flash; 6 kB SRAM; USB device; USART
Rev. 1-11 April 2011
LPC11E3X NXP-LPC11E3X Datasheet
1Mb / 71P
   32-bit ARM Cortex-M0 microcontroller; up to 128 kB flash; up to 12 kB SRAM and 4 kB EEPROM; USART
Rev.2.3-11 September 2014
LPC11E36 NXP-LPC11E36 Datasheet
1Mb / 66P
   32-bit ARM Cortex-M0 microcontroller up to 128 kB flash up to 12 kB SRAM and 4 kB EEPROM USART
Rev. 2-21 November 2013
LPC1111 NXP-LPC1111 Datasheet
410Kb / 59P
   32-bit ARM Cortex-M0 microcontroller; up to 32 kB flash and 8 kB SRAM
Rev. 01-16 April 2010
LPC1111 NXP-LPC1111_11 Datasheet
621Kb / 64P
   32-bit ARM Cortex-M0 microcontroller; up to 32 kB flash and 8 kB SRAM
Rev. 5-22 June 2011
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com