Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TFA9881_1104 Datasheet(PDF) 3 Page - NXP Semiconductors

Part # TFA9881_1104
Description  3.4 W PDM input class-D audio amplifier
Download  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

TFA9881_1104 Datasheet(HTML) 3 Page - NXP Semiconductors

  TFA9881_1104 Datasheet HTML 1Page - NXP Semiconductors TFA9881_1104 Datasheet HTML 2Page - NXP Semiconductors TFA9881_1104 Datasheet HTML 3Page - NXP Semiconductors TFA9881_1104 Datasheet HTML 4Page - NXP Semiconductors TFA9881_1104 Datasheet HTML 5Page - NXP Semiconductors TFA9881_1104 Datasheet HTML 6Page - NXP Semiconductors TFA9881_1104 Datasheet HTML 7Page - NXP Semiconductors TFA9881_1104 Datasheet HTML 8Page - NXP Semiconductors TFA9881_1104 Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 32 page
background image
TFA9881
All information provided in this document is subject to legal disclaimers.
© NXP B.V. 2011. All rights reserved.
Product data sheet
Rev. 2 — 1 April 2011
3 of 32
NXP Semiconductors
TFA9881
3.4 W PDM input class-D audio amplifier
5.
Ordering information
6.
Block diagram
Table 2.
Ordering information
Type number
Package
Name
Description
Version
TFA9881UK
WLCSP9
wafer level chip-size package; 9 bumps; 1.3 x 1.3 x 0.6 mm
TFA9881UK
Fig 1.
Block diagram
010aaa698
OUTA
OUTB
POWER DOWN
CONTROL
H-BRIDGE
PWM
C3
A3
HP
FILTER
PDM
RECEIVER
DATA
CLK
A1
C1
A2
LRSEL
SILENCE
PATTERN
DECODER
VDDD
TEST
VDDP
TFA9881
PROTECTION
CIRCUITS:
OTP
OVP
UVP
OCP
GND
B1
C2
B2
B3


Similar Part No. - TFA9881_1104

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
TFA9881 PHILIPS-TFA9881_15 Datasheet
413Kb / 32P
   3.4 W PDM input class-D audio amplifier
Rev. 3-23 April 2013
More results

Similar Description - TFA9881_1104

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
TFA9881 NXP-TFA9881 Datasheet
380Kb / 32P
   3.4 W PDM input class-D audio amplifier
Rev. 1-5 January 2011
TFA9881 PHILIPS-TFA9881_15 Datasheet
413Kb / 32P
   3.4 W PDM input class-D audio amplifier
Rev. 3-23 April 2013
TFA9882 PHILIPS-TFA9882_15 Datasheet
996Kb / 31P
   3.4 W I2S input mono class-D audio amplifier
Rev. 2-20 April 2011
TFA9882 NXP-TFA9882 Datasheet
996Kb / 31P
   3.4 W I2S input mono class-D audio amplifier
Rev. 2-20 April 2011
logo
Analog Devices
SSM2537ACBZ-RL AD-SSM2537ACBZ-RL Datasheet
331Kb / 16P
   PDM Digital Input, Mono 2.7 W Class-D Audio Amplifier
REV. 0
SSM2517 AD-SSM2517 Datasheet
429Kb / 16P
   PDM Digital Input, Mono 2.4 W Class-D Audio Amplifier
logo
Maxim Integrated Produc...
MAX98358ETE MAXIM-MAX98358ETE Datasheet
1Mb / 28P
   PDM Input Class D Audio Power Amplifier
19-7734; Rev 4; 3/20
MAX98356 MAXIM-MAX98356 Datasheet
3Mb / 22P
   PDM Input Class D Audio Power Amplifier
Rev 0; 5/12
logo
Analog Devices
SSM2519 AD-SSM2519 Datasheet
1Mb / 28P
   Digital Input 2 W Class-D Audio Power Amplifier
SSM3515 AD-SSM3515 Datasheet
1Mb / 41P
   31 W, Filterless, Class-D Digital Input Audio Amplifier
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com