Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TFA9881 Datasheet(PDF) 6 Page - NXP Semiconductors

Part # TFA9881
Description  3.4 W PDM input class-D audio amplifier
Download  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

TFA9881 Datasheet(HTML) 6 Page - NXP Semiconductors

Back Button TFA9881 Datasheet HTML 2Page - NXP Semiconductors TFA9881 Datasheet HTML 3Page - NXP Semiconductors TFA9881 Datasheet HTML 4Page - NXP Semiconductors TFA9881 Datasheet HTML 5Page - NXP Semiconductors TFA9881 Datasheet HTML 6Page - NXP Semiconductors TFA9881 Datasheet HTML 7Page - NXP Semiconductors TFA9881 Datasheet HTML 8Page - NXP Semiconductors TFA9881 Datasheet HTML 9Page - NXP Semiconductors TFA9881 Datasheet HTML 10Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 32 page
background image
TFA9881
All information provided in this document is subject to legal disclaimers.
© NXP B.V. 2011. All rights reserved.
Product data sheet
Rev. 2 — 1 April 2011
6 of 32
NXP Semiconductors
TFA9881
3.4 W PDM input class-D audio amplifier
8.3 Power up/down sequence
The TFA9881 power-up/power-down sequence is shown in Figure 6. External power
supplies VDDP and VDDD should be within their operating limits before the TFA9881
switches to Operating mode. The TFA9881 should be switched to Power-down mode
before the power supplies are disconnected or turned off.
[1]
RL = load resistance; LL = load inductance.
[2]
Inversely proportional to fclk.
Fig 5.
Digital stereo PDM selection
Table 5.
Left/right selection
LRSEL pin state
Description
LOW
left content amplified
HIGH
right content amplified
010aaa702
CLK
DATA
LEFT
RIGHT
Fig 6.
Power-up/power-down sequence
VDDP,
VDDD
CLK
128·fs or 64·fs clock signal
DATA
OUTA,
OUTB
td(on)
Power-down
Operating
Mute
Operating
Mute
Power-down
td(on)
Operating
td(off)
Power-down
switching
PDM
32 times
0x66
floating
0x66 .......
PDM
switching
32 times
0xAC
96 times
0xAC
128
× 0xAC
floating
0xAC .......
PDM
switching
010aaa710
Table 6.
Power-up/power-down timing
All parameters are guaranteed for VTEST =VDDP = 3.6 V; VDDD = 1.8 V; RL =4 Ω[1]; LL =20 μH[1];
fi = 1 kHz; fclk = 6.144 MHz; Tamb = 25 °C; default settings, unless otherwise specified.
Symbol
Parameter
Conditions
Min
Typ
Max
Unit
td(on)
turn-on delay time
[2] --
2
ms
td(off)
turn-off delay time
[2] --
5
μs


Similar Part No. - TFA9881

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
TFA9881 NXP-TFA9881 Datasheet
380Kb / 32P
   3.4 W PDM input class-D audio amplifier
Rev. 1-5 January 2011
TFA9881UK NXP-TFA9881UK Datasheet
380Kb / 32P
   3.4 W PDM input class-D audio amplifier
Rev. 1-5 January 2011
TFA9881 PHILIPS-TFA9881_15 Datasheet
413Kb / 32P
   3.4 W PDM input class-D audio amplifier
Rev. 3-23 April 2013
More results

Similar Description - TFA9881

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
TFA9881 NXP-TFA9881 Datasheet
380Kb / 32P
   3.4 W PDM input class-D audio amplifier
Rev. 1-5 January 2011
TFA9881 PHILIPS-TFA9881_15 Datasheet
413Kb / 32P
   3.4 W PDM input class-D audio amplifier
Rev. 3-23 April 2013
TFA9882 PHILIPS-TFA9882_15 Datasheet
996Kb / 31P
   3.4 W I2S input mono class-D audio amplifier
Rev. 2-20 April 2011
TFA9882 NXP-TFA9882 Datasheet
996Kb / 31P
   3.4 W I2S input mono class-D audio amplifier
Rev. 2-20 April 2011
logo
Analog Devices
SSM2537ACBZ-RL AD-SSM2537ACBZ-RL Datasheet
331Kb / 16P
   PDM Digital Input, Mono 2.7 W Class-D Audio Amplifier
REV. 0
SSM2517 AD-SSM2517 Datasheet
429Kb / 16P
   PDM Digital Input, Mono 2.4 W Class-D Audio Amplifier
logo
Maxim Integrated Produc...
MAX98358ETE MAXIM-MAX98358ETE Datasheet
1Mb / 28P
   PDM Input Class D Audio Power Amplifier
19-7734; Rev 4; 3/20
MAX98356 MAXIM-MAX98356 Datasheet
3Mb / 22P
   PDM Input Class D Audio Power Amplifier
Rev 0; 5/12
logo
Analog Devices
SSM2519 AD-SSM2519 Datasheet
1Mb / 28P
   Digital Input 2 W Class-D Audio Power Amplifier
SSM3515 AD-SSM3515 Datasheet
1Mb / 41P
   31 W, Filterless, Class-D Digital Input Audio Amplifier
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com