Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

UBA2080P Datasheet(PDF) 7 Page - NXP Semiconductors

Part # UBA2080P
Description  Half-bridge driver IC
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

UBA2080P Datasheet(HTML) 7 Page - NXP Semiconductors

Back Button UBA2080P Datasheet HTML 3Page - NXP Semiconductors UBA2080P Datasheet HTML 4Page - NXP Semiconductors UBA2080P Datasheet HTML 5Page - NXP Semiconductors UBA2080P Datasheet HTML 6Page - NXP Semiconductors UBA2080P Datasheet HTML 7Page - NXP Semiconductors UBA2080P Datasheet HTML 8Page - NXP Semiconductors UBA2080P Datasheet HTML 9Page - NXP Semiconductors UBA2080P Datasheet HTML 10Page - NXP Semiconductors UBA2080P Datasheet HTML 11Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 15 page
background image
UBA2080_UBA2081
All information provided in this document is subject to legal disclaimers.
© NXP B.V. 2011. All rights reserved.
Objective data sheet
Rev. 1.1 — 6 December 2011
7 of 15
NXP Semiconductors
UBA2080/1
Half-bridge driver IC
10. Characteristics
Table 8.
Characteristics
Tj = 25 C; all voltages are measured with respect to SGND; VDD = 12.8 V; positive currents flow into the IC.
Symbol
Parameter
Conditions
Min
Typ
Max
Unit
High-voltage supply
Ileak
leakage current
FS = GH = SH = 600 V
-
-
10
A
Start-up state
IVDD
current on pin VDD
420
520
620
A
VDD(start)
start supply voltage
11
12
13
V
VDD(stop)
stop supply voltage
8
8.5
9
V
VDD(hys)
hysteresis of supply voltage
start to stop
3
3.5
4
V
Pin LIN input
VIH
HIGH-level input voltage
1.6
2.2
2.8
V
Vhys(LIN)
hysteresis voltage on pin LIN
-
400
-
mV
II(LIN)
input current on pin LIN
-
0
1
A
Pin HIN input
VIH
HIGH-level input voltage
1.6
2.2
2.8
V
Vhys(HIN)
hysteresis voltage on pin HIN
-
400
-
mV
II(HIN)
input current on pin HIN
-
0
1
A
Pin CLK input
VIH
HIGH-level input voltage
2.7
-
-
V
VIL
LOW-level input voltage
-
-
0.8
V
II(CLK)
input current on pin CLK
-
0
1
A
Pin SD input
VIH
HIGH-level input voltage
to activate shutdown
1.6
2.2
2.8
V
Vhys(SD)
hysteresis voltage on pin SD
-
400
-
mV
tno
non-overlap time
RSD = 100 k; typical minimum
-
140
-
ns
RSD =3M; typical maximum
-
2.4
-
s
gate drivers
IO(source)
output source current
VFS =VVDD =12V; VSH =0V;
VGH =VGL =8V
-200
-
mA
IO(sink)
output sink current
VFS =VVDD =12V; VSH =0V;
VGH =VGL =4V
-400
-
mA
Vd(bs)
bootstrap diode voltage
Id(bs) =20mA
-
2.3
-
V
VUVLO
undervoltage lockout voltage
reset
3.6
4.2
4.8
V
IFS
current on pin FS
VFS =VVDD =12V; VSH =0V
27
32
37
A
Timing
td
delay time
UBA2080
-
50
-
ns
ton
turn-on time
UBA2080
-
240
-
ns
toff
turn-off time
UBA2080
-
180
-
ns
fmax
maximum frequency
800
-
-
kHz


Similar Part No. - UBA2080P

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
UBA2000T PHILIPS-UBA2000T Datasheet
102Kb / 16P
   Electronic TL-lamp starter
1996 Jan 03
logo
Texas Instruments
UBA2007 TI-UBA2007 Datasheet
115Kb / 19P
[Old version datasheet]   Charge switch
UBA2007TK/N2 TI-UBA2007TK/N2 Datasheet
115Kb / 19P
[Old version datasheet]   Charge switch
logo
NXP Semiconductors
UBA2014 PHILIPS-UBA2014 Datasheet
111Kb / 20P
   600 V driver IC for HF fluorescent lamps
2002 May 16
UBA2014 NXP-UBA2014 Datasheet
112Kb / 19P
   600 V driver IC for HF fluorescent lamps
Rev. 04-16 October 2008
More results

Similar Description - UBA2080P

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
NWP2081T PHILIPS-NWP2081T Datasheet
105Kb / 12P
   Half-bridge driver IC
Rev. 1-3 September 2013
logo
Infineon Technologies A...
TLE4208G INFINEON-TLE4208G_16 Datasheet
1Mb / 16P
   Quad Half-Bridge Driver IC
Rev. 1.4, 2016-02-02
TLE84110EL INFINEON-TLE84110EL Datasheet
775Kb / 33P
   Deca-Half-Bridge Driver IC
Rev. 1.0, April 2010
TLE84106EL INFINEON-TLE84106EL Datasheet
746Kb / 31P
   Hex-Half-Bridge Driver IC
Rev. 1.0, April 2010
TLE6282G INFINEON-TLE6282G_11 Datasheet
312Kb / 16P
   Dual Half Bridge Driver IC
Rev 2.5 2011-05-24
logo
International Rectifier
IR21141SS IRF-IR21141SS Datasheet
721Kb / 34P
   HALF-BRIDGE GATE DRIVER IC
logo
Infineon Technologies A...
IR2114SSPBF INFINEON-IR2114SSPBF Datasheet
887Kb / 33P
   HALF-BRIDGE GATE DRIVER IC
06-Jan-2020
logo
International Rectifier
IR2114SSPBF IRF-IR2114SSPBF Datasheet
666Kb / 33P
   HALF-BRIDGE GATE DRIVER IC
logo
Infineon Technologies A...
IPN10EL-S INFINEON-IPN10EL-S_14 Datasheet
1Mb / 18P
   PN Half Bridge Driver IC
Rev 1.1, 2014-01-21
TLE6282G INFINEON-TLE6282G Datasheet
220Kb / 14P
   Dual Half Bridge Driver IC
Rev 2.2 2006-03-07
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com