Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

DS3231M_1112 Datasheet(PDF) 9 Page - Maxim Integrated Products

Part # DS3231M_1112
Description  ±5ppm, I2C Real-Time Clock
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

DS3231M_1112 Datasheet(HTML) 9 Page - Maxim Integrated Products

Back Button DS3231M_1112 Datasheet HTML 5Page - Maxim Integrated Products DS3231M_1112 Datasheet HTML 6Page - Maxim Integrated Products DS3231M_1112 Datasheet HTML 7Page - Maxim Integrated Products DS3231M_1112 Datasheet HTML 8Page - Maxim Integrated Products DS3231M_1112 Datasheet HTML 9Page - Maxim Integrated Products DS3231M_1112 Datasheet HTML 10Page - Maxim Integrated Products DS3231M_1112 Datasheet HTML 11Page - Maxim Integrated Products DS3231M_1112 Datasheet HTML 12Page - Maxim Integrated Products DS3231M_1112 Datasheet HTML 13Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 20 page
background image
±5ppm, I2C Real-Time Clock
9
High-Accuracy Time Base
The temperature sensor, oscillator, and digital adjust-
ment controller logic form the highly accurate time base.
The controller reads the output of the on-board tempera-
ture sensor and adjusts the final 1Hz output to maintain
the required accuracy. The device is trimmed at the
factory to maintain a tight accuracy over the operating
temperature range. When the device is powered by VCC,
the adjustment occurs once a second. When the device
is powered by VBAT, the adjustment occurs once every
10s to conserve power. Adjusting the 1Hz time base less
often does not affect the device’s long-term timekeeping
accuracy. The device also contains an Aging Offset reg-
ister that allows a constant offset (positive or negative) to
be added to the factory-trimmed adjustment value.
Power-Supply Configurations
The DS3231M can be configured to operate on a single
power supply (using either VCC or VBAT) or in a dual-
supply configuration, which provides a backup supply
source to keep the timekeeping circuits alive during
absence of primary system power.
Figure 4 illustrates a single-supply configuration using
VCC only, with the VBAT input grounded. When VCC < VPF,
the RST output is asserted (active low). Temperature
conversions are executed once per second.
Figure 5 illustrates a single-supply configuration using
VBAT only, with the VCC input grounded. The RST output
is disabled and is held at ground through the connection
of the internal pullup resistor. Temperature conversions
are executed once every 10s.
Figure 6 illustrates a dual-supply configuration, using
the VCC supply for normal system operation and the
VBAT supply for backup power. In this configuration, the
power-selection function is provided by a temperature-
compensated voltage reference and a comparator circuit
that monitors the VCC level. When VCC is greater than
VPF, the device is powered by VCC. When VCC is less
than VPF but greater than VBAT, the device is powered
Figure 4. Single Supply (VCC Only)
Figure 5. Single Supply (VBAT Only)
Figure 6. Dual Power Supply
Table_1._Power_Control
VBAT
VCC
+3.3V
VBAT
VCC
VBAT
VCC
+3.3V
CONFIGURATION
CONDITION
I/O_ACTIVE
I/O_INACTIVE
RST
VCC Only
(Figure 4)
VCC > VPF
ICCA
ICCS
Inactive (High)
VCC < VPF
Active (Low)
VBAT Only
(Figure 5)
EOSC = 0
IBATA
IBATT
Disabled (Low)
EOSC = 1
IBATDR
Dual Supply
(Figure 6)
VCC > VPF
ICCA
ICCS
Inactive (High)
VCC < VPF
VCC > VBAT
ICCA
VCC > VBAT
ICCS
Active (Low)
VCC < VBAT
IBATA
VCC < VBAT
IBATT


Similar Part No. - DS3231M_1112

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
DS3231M MAXIM-DS3231M_11 Datasheet
1Mb / 20P
   5ppm, I2C Real-Time Clock Battery Backup for Continuous Timekeeping
Rev 1; 5/11
More results

Similar Description - DS3231M_1112

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
DS3231M MAXIM-DS3231M_12 Datasheet
1Mb / 20P
   ±5ppm, I2C Real-Time Clock
Rev 4; 9/12
DS3232M_V1 MAXIM-DS3232M_V1 Datasheet
2Mb / 23P
   ±5ppm, I2C Real-Time Clock with SRAM
Rev 1; 8/12
DS3232M MAXIM-DS3232M Datasheet
2Mb / 23P
   ±5ppm, I2C Real-Time Clock with SRAM
Rev 0; 3/12
DS3231M MAXIM-DS3231M_11 Datasheet
1Mb / 20P
   5ppm, I2C Real-Time Clock Battery Backup for Continuous Timekeeping
Rev 1; 5/11
logo
ARTSCHIP ELECTRONICS CO...
DS1307 ARTSCHIP-DS1307 Datasheet
249Kb / 14P
   I2C Real-Time Clock
logo
Dallas Semiconductor
DS1339 DALLAS-DS1339 Datasheet
279Kb / 18P
   I2C Serial Real-Time Clock
logo
Maxim Integrated Produc...
DS3231M MAXIM-DS3231M Datasheet
1Mb / 20P
   짹5ppm, I2C Real-Time Clock
19-5312; Rev 0; 6/10
DS1339 MAXIM-DS1339_06 Datasheet
560Kb / 19P
   I2C Serial Real-Time Clock
REV: 092006
DS1339U-33TR MAXIM-DS1339U-33TR Datasheet
260Kb / 20P
   I2C Serial Real-Time Clock
Rev 4/11
logo
Golledge Electronics Lt...
RV1805C3 GOLLEDGE-RV1805C3 Datasheet
156Kb / 1P
   Real Time Clock - I2C Bus
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com