Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

DS3231M Datasheet(PDF) 7 Page - Maxim Integrated Products

Part # DS3231M
Description  ±5ppm, I2C Real-Time Clock
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

DS3231M Datasheet(HTML) 7 Page - Maxim Integrated Products

Back Button DS3231M Datasheet HTML 3Page - Maxim Integrated Products DS3231M Datasheet HTML 4Page - Maxim Integrated Products DS3231M Datasheet HTML 5Page - Maxim Integrated Products DS3231M Datasheet HTML 6Page - Maxim Integrated Products DS3231M Datasheet HTML 7Page - Maxim Integrated Products DS3231M Datasheet HTML 8Page - Maxim Integrated Products DS3231M Datasheet HTML 9Page - Maxim Integrated Products DS3231M Datasheet HTML 10Page - Maxim Integrated Products DS3231M Datasheet HTML 11Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 20 page
background image
±5ppm, I2C Real-Time Clock
7
Pin Configuration
Pin Description
16
15
14
13
12
11
10
9
1
2
3
4
5
6
7
8
32KHZ
SCL
SDA
VBAT
GND
N.C.
N.C.
N.C.
N.C.
TOP VIEW
SO
VCC
INT/SQW
N.C.
RST
N.C.
N.C.
N.C.
DS3231M
DS3231M
+
VBAT
GND
RST
1
2
8
7
SCL
SDA
VCC
INT/SQW
32KHZ
SO
TOP VIEW
3
4
6
5
+
PIN
NAME
FUNCTION
8_SO
16_SO
1
1
32KHZ
32.768kHz Output (50% Duty Cycle). This open-drain pin requires an external pullup resistor.
When enabled with the EN32KHZ bit in the Status register (0Fh), this output operates on either
power supply. This pin can be left open circuit if not used.
2
2
VCC
DC Power Pin for Primary Power Supply. This pin should be decoupled using a 0.1FF to 1.0FF
capacitor. Connect to ground if not used.
3
3
INT/
SQW
Active-Low Interrupt or 1Hz Square-Wave Output. This open-drain pin requires an external pullup
resistor connected to a supply at 5.5V or less. It can be left open if not used. This multifunction
pin is determined by the state of the INTCN bit in the Control register (0Eh). When INTCN is set to
logic 0, this pin outputs a 1Hz square wave. When INTCN is set to logic 1, a match between the
timekeeping registers and either of the alarm registers activates the INT/SQW pin (if the alarm is
enabled). Because the INTCN bit is set to logic 1 when power is first applied, the pin defaults to
an interrupt output with alarms disabled.
4
4
RST
Active-Low Reset. This pin is an open-drain input/output. It indicates the status of VCC relative
to the VPF specification. As VCC falls below VPF, the RST pin is driven low. When VCC exceeds
VPF, for tRST, the RST pin is pulled high by the internal pullup resistor. The active-low, open-drain
output is combined with a debounced pushbutton input function. This pin can be activated by a
pushbutton reset request. It has an internal 50kI (RPU) nominal value pullup resistor to VCC. No
external pullup resistors should be connected. If the oscillator is disabled, tREC is bypassed and
RST immediately goes high.
5–12
N.C.
No Connection. These pins must be connected to ground.
5
13
GND
Ground
6
14
VBAT
Backup Power-Supply Input. When using the device with the VBAT input as the primary power
source, this pin should be decoupled using a 0.1FF to 1.0FF low-leakage capacitor. When using the
device with the VBAT input as the backup power source, the capacitor is not required. If VBAT is not
used, connect to ground. The device is UL recognized to ensure against reverse charging when
used with a primary lithium battery. Go to www.maxim-ic.com/qa/info/ul for more information.


Similar Part No. - DS3231M

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
DS3231M MAXIM-DS3231M Datasheet
1Mb / 20P
   짹5ppm, I2C Real-Time Clock
19-5312; Rev 0; 6/10
DS3231M MAXIM-DS3231M Datasheet
1Mb / 20P
   5ppm, I2C Real-Time Clock Battery Backup for Continuous Timekeeping
Rev 1; 5/11
DS3231M MAXIM-DS3231M Datasheet
1Mb / 20P
   ±5ppm, I2C Real-Time Clock
Rev 4; 9/12
DS3231M++ MAXIM-DS3231M+ Datasheet
1Mb / 20P
   짹5ppm, I2C Real-Time Clock
19-5312; Rev 0; 6/10
DS3231M++ MAXIM-DS3231M+ Datasheet
1Mb / 20P
   ±5ppm, I2C Real-Time Clock
Rev 4; 9/12
More results

Similar Description - DS3231M

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
DS3231M MAXIM-DS3231M_12 Datasheet
1Mb / 20P
   ±5ppm, I2C Real-Time Clock
Rev 4; 9/12
DS3232M_V1 MAXIM-DS3232M_V1 Datasheet
2Mb / 23P
   ±5ppm, I2C Real-Time Clock with SRAM
Rev 1; 8/12
DS3232M MAXIM-DS3232M Datasheet
2Mb / 23P
   ±5ppm, I2C Real-Time Clock with SRAM
Rev 0; 3/12
DS3231M MAXIM-DS3231M_11 Datasheet
1Mb / 20P
   5ppm, I2C Real-Time Clock Battery Backup for Continuous Timekeeping
Rev 1; 5/11
logo
ARTSCHIP ELECTRONICS CO...
DS1307 ARTSCHIP-DS1307 Datasheet
249Kb / 14P
   I2C Real-Time Clock
logo
Dallas Semiconductor
DS1339 DALLAS-DS1339 Datasheet
279Kb / 18P
   I2C Serial Real-Time Clock
logo
Maxim Integrated Produc...
DS3231M MAXIM-DS3231M Datasheet
1Mb / 20P
   짹5ppm, I2C Real-Time Clock
19-5312; Rev 0; 6/10
DS1339 MAXIM-DS1339_06 Datasheet
560Kb / 19P
   I2C Serial Real-Time Clock
REV: 092006
DS1339U-33TR MAXIM-DS1339U-33TR Datasheet
260Kb / 20P
   I2C Serial Real-Time Clock
Rev 4/11
logo
Golledge Electronics Lt...
RV1805C3 GOLLEDGE-RV1805C3 Datasheet
156Kb / 1P
   Real Time Clock - I2C Bus
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com