Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MAX4245 Datasheet(PDF) 10 Page - Maxim Integrated Products

Part # MAX4245
Description  Ultra-Small, Rail-to-Rail I/O with Disable, Single-/Dual-Supply, Low-Power Op Amps
Download  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX4245 Datasheet(HTML) 10 Page - Maxim Integrated Products

Back Button MAX4245_11 Datasheet HTML 6Page - Maxim Integrated Products MAX4245_11 Datasheet HTML 7Page - Maxim Integrated Products MAX4245_11 Datasheet HTML 8Page - Maxim Integrated Products MAX4245_11 Datasheet HTML 9Page - Maxim Integrated Products MAX4245_11 Datasheet HTML 10Page - Maxim Integrated Products MAX4245_11 Datasheet HTML 11Page - Maxim Integrated Products MAX4245_11 Datasheet HTML 12Page - Maxim Integrated Products MAX4245_11 Datasheet HTML 13Page - Maxim Integrated Products MAX4245_11 Datasheet HTML 14Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 17 page
background image
Ultra-Small, Rail-to-Rail I/O with Disable,
Single-/Dual-Supply, Low-Power Op Amps
10
______________________________________________________________________________________
Package Information
For the latest package outline information and land patterns (footprints), go to www.maxim-ic.com/packages. Note that a “+”, “#”,
or “-” in the package code indicates RoHS status only. Package drawings may show a different suffix character, but the drawing
pertains to the package regardless of RoHS status.
PACKAGE TYPE
PACKAGE CODE
DOCUMENT NO.
LAND PATTERN NO.
6 SOT23
U6+4
21-0058
90-0175
6 SC70
X6SN+1
21-0077
90-0189
8 SOT23
K8+5
21-0078
90-0176
8 SO
S8+4
21-0041
90-0096
8 µMAX
U8+1
21-0036
90-0092
10 µMAX
U10+2
21-0061
90-0330


Similar Part No. - MAX4245_11

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX4245AUT+T MAXIM-MAX4245AUT+T Datasheet
2Mb / 11P
   Ultra-Small, Rail-to-Rail I/O with Disable, Single-/Dual-Supply, Low-Power Op Amps
2014
MAX4245AUT-T MAXIM-MAX4245AUT-T Datasheet
495Kb / 11P
   Ultra-Small, Rail-to-Rail I/O with Disable, Single-/Dual-Supply, Low-Power Op Amps
MAX4245AXT+T MAXIM-MAX4245AXT+T Datasheet
2Mb / 11P
   Ultra-Small, Rail-to-Rail I/O with Disable, Single-/Dual-Supply, Low-Power Op Amps
2014
MAX4245AXT-T MAXIM-MAX4245AXT-T Datasheet
495Kb / 11P
   Ultra-Small, Rail-to-Rail I/O with Disable, Single-/Dual-Supply, Low-Power Op Amps
MAX4245 MAXIM-MAX4245_V01 Datasheet
2Mb / 11P
   Ultra-Small, Rail-to-Rail I/O with Disable, Single-/Dual-Supply, Low-Power Op Amps
2014
More results

Similar Description - MAX4245_11

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX4245 MAXIM-MAX4245 Datasheet
495Kb / 11P
   Ultra-Small, Rail-to-Rail I/O with Disable, Single-/Dual-Supply, Low-Power Op Amps
MAX4245 MAXIM-MAX4245_V01 Datasheet
2Mb / 11P
   Ultra-Small, Rail-to-Rail I/O with Disable, Single-/Dual-Supply, Low-Power Op Amps
2014
MAX4330 MAXIM-MAX4330 Datasheet
176Kb / 16P
   Single/Dual/Quad, Low-Power, Single-Supply, Rail-to-Rail I/O Op Amps with Shutdown
Rev 3; 2/98
MAX4380 MAXIM-MAX4380 Datasheet
755Kb / 16P
   Ultra-Small, Low-Cost, 210MHz, Single-Supply Op Amps with Rail-to-Rail Outputs and Disable
Rev 2; 4/03
MAX4291 MAXIM-MAX4291 Datasheet
397Kb / 16P
   Ultra-Small, 1.8V, μPower, Rail-to-Rail I/O Op Amps
Rev 0; 3/00
MAX44259 MAXIM-MAX44259 Datasheet
969Kb / 14P
   Low-Power, Rail-to-Rail I/O Op Amps
Rev 7; 9/14
MAX4122 MAXIM-MAX4122 Datasheet
285Kb / 16P
   Single/Dual/Quad, Wide-Bandwidth, Low-Power, Single-Supply Rail-to-Rail I/O Op Amps
19-1087; Rev 1; 8/97
MAX4130 MAXIM-MAX4130_V01 Datasheet
256Kb / 16P
   Single/Dual/Quad, Wide-Bandwidth, Low-Power, Single-Supply, Rail-to-Rail I/O Op Amps
2014
MAX4124EUK-T MAXIM-MAX4124EUK-T Datasheet
287Kb / 16P
   Single/Dual/Quad, Wide-Bandwidth, Low-Power, Single-Supply Rail-to-Rail I/O Op Amps
Rev 1; 8/97
MAX4130 MAXIM-MAX4130 Datasheet
194Kb / 16P
   Single/Dual/Quad, Wide-Bandwidth, Low-Power, Single-Supply, Rail-to-Rail I/O Op Amps
19-1089; Rev 2; 8/97
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com