Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MAX4253 Datasheet(PDF) 8 Page - Maxim Integrated Products

Part # MAX4253
Description  UCSP, Single-Supply, Low-Noise, Low-Distortion, Rail-to-Rail Op Amps
Download  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX4253 Datasheet(HTML) 8 Page - Maxim Integrated Products

Back Button MAX4253 Datasheet HTML 4Page - Maxim Integrated Products MAX4253 Datasheet HTML 5Page - Maxim Integrated Products MAX4253 Datasheet HTML 6Page - Maxim Integrated Products MAX4253 Datasheet HTML 7Page - Maxim Integrated Products MAX4253 Datasheet HTML 8Page - Maxim Integrated Products MAX4253 Datasheet HTML 9Page - Maxim Integrated Products MAX4253 Datasheet HTML 10Page - Maxim Integrated Products MAX4253 Datasheet HTML 11Page - Maxim Integrated Products MAX4253 Datasheet HTML 12Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 21 page
background image
UCSP, Single-Supply, Low-Noise,
Low-Distortion, Rail-to-Rail Op Amps
8
_______________________________________________________________________________________
0.0001
0.001
0.01
0.1
10
1k
100
10k
MAX4250–MAX4254
TOTAL HARMONIC DISTORTION
PLUS NOISE vs. FREQUENCY
FREQUENCY (Hz)
FILTER BW = 80kHz
AV = 1
RL = 1k
VOUT = 2VP-P
RL TO VDD/2
RL TO GND
RL TO VDD
VOUT
200mV/div
1.5V
0.5V
2
µs/div
MAX4250–MAX4254
LARGE-SIGNAL PULSE RESPONSE
VDD = 3V
RL = 10k
CL = 100pF
VIN = 1V PULSE
0.6V
0.5V
MAX4250–MAX4254
SMALL-SIGNAL PULSE RESPONSE
VOUT
20mV/div
VDD = 3V
RL = 10k
CL = 100pF
VIN = 100V PULSE
2
µs/div
2V
1V
MAX4249/MAX4255/MAX4256/MAX4257
LARGE-SIGNAL PULSE RESPONSE
VOUT
200mV/div
VDD = 3V
RL = 10k
CL = 100pF
VIN = 100mV PULSE
AV = 10
2
µs/div
1.6V
1.5V
MAX4249/MAX4255/MAX4256/MAX4257
SMALL-SIGNAL PULSE RESPONSE
VOUT
50mV/div
VDD = 3V
RL = 10k
CL = 100pF
VIN = 10mV PULSE
AV = 10
2
µs/div
140
130
0
CHANNEL SEPARATION vs. FREQUENCY
FREQUENCY (Hz)
100
110
120
90
80
70
1k
100k
1M
10k
10M
Typical Operating Characteristics (continued)
(VDD = 5V, VSS = 0V, VCM = VOUT = VDD/2, input noise floor of test equipment =10nV/√Hz for all distortion measurements,
TA = +25°C, unless otherwise noted.)


Similar Part No. - MAX4253

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX4253 MAXIM-MAX4253 Datasheet
238Kb / 16P
   SOT23, Single-Supply, Low-Noise, Low-Distortion, Rail-to-Rail Op Amps
19-1295; Rev 2; 4/98
MAX4253 MAXIM-MAX4253 Datasheet
738Kb / 16P
   UCSP, Single-Supply, Low-Noise, Low-Distortion, Rail-to-Rail Op Amps
Rev 9; 12/12
MAX4253EBC+T MAXIM-MAX4253EBC+T Datasheet
738Kb / 16P
   UCSP, Single-Supply, Low-Noise, Low-Distortion, Rail-to-Rail Op Amps
Rev 9; 12/12
MAX4253ESD++ MAXIM-MAX4253ESD+ Datasheet
738Kb / 16P
   UCSP, Single-Supply, Low-Noise, Low-Distortion, Rail-to-Rail Op Amps
Rev 9; 12/12
MAX4253EUB++ MAXIM-MAX4253EUB+ Datasheet
738Kb / 16P
   UCSP, Single-Supply, Low-Noise, Low-Distortion, Rail-to-Rail Op Amps
Rev 9; 12/12
More results

Similar Description - MAX4253

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX4249 MAXIM-MAX4249_V01 Datasheet
1Mb / 16P
   UCSP, Single-Supply, Low-Noise, Low-Distortion, Rail-to-Rail Op Amps
2021
MAX4257 MAXIM-MAX4257_12 Datasheet
738Kb / 16P
   UCSP, Single-Supply, Low-Noise, Low-Distortion, Rail-to-Rail Op Amps
Rev 9; 12/12
MAX4249 MAXIM-MAX4249 Datasheet
238Kb / 16P
   SOT23, Single-Supply, Low-Noise, Low-Distortion, Rail-to-Rail Op Amps
19-1295; Rev 2; 4/98
MAX4475 MAXIM-MAX4475 Datasheet
585Kb / 15P
   SOT23, Low-Noise, Low-Distortion, Wide-Band, Rail-to-Rail Op Amps
Rev 1; 10/02
MAX4475 MAXIM-MAX4475_12 Datasheet
755Kb / 21P
   SOT23, Low-Noise, Low-Distortion, Wide-Band, Rail-to-Rail Op Amps
Rev 6; 6/12
MAX4478AUD MAXIM-MAX4478AUD Datasheet
755Kb / 21P
   SOT23, Low-Noise, Low-Distortion, Wide-Band, Rail-to-Rail Op Amps
Rev 6; 6/12
MAX4475 MAXIM-MAX4475_V01 Datasheet
2Mb / 17P
   SOT23, Low-Noise, Low-Distortion, Wide-Band, Rail-to-Rail Op Amps
2019
logo
Linear Technology
LT1806 LINER-LT1806_15 Datasheet
343Kb / 28P
   Rail-to-Rail Input and Output, Low Distortion, Low Noise Precision Op Amps
LT1807 LINER-LT1807_15 Datasheet
343Kb / 28P
   Rail-to-Rail Input and Output, Low Distortion, Low Noise Precision Op Amps
logo
Maxim Integrated Produc...
MAX4162 MAXIM-MAX4162_10 Datasheet
329Kb / 13P
   UCSP, Micropower, Single-Supply, 10V, Rail-to-Rail I/O Op Amps
Rev 3; 1/10
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com