Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MAX6800 Datasheet(PDF) 4 Page - Maxim Integrated Products

Part # MAX6800
Description  3-Pin, Low-Power uP Reset Circuits
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX6800 Datasheet(HTML) 4 Page - Maxim Integrated Products

  MAX6800_11 Datasheet HTML 1Page - Maxim Integrated Products MAX6800_11 Datasheet HTML 2Page - Maxim Integrated Products MAX6800_11 Datasheet HTML 3Page - Maxim Integrated Products MAX6800_11 Datasheet HTML 4Page - Maxim Integrated Products MAX6800_11 Datasheet HTML 5Page - Maxim Integrated Products MAX6800_11 Datasheet HTML 6Page - Maxim Integrated Products MAX6800_11 Datasheet HTML 7Page - Maxim Integrated Products  
Zoom Inzoom in Zoom Outzoom out
 4 / 7 page
background image
3-Pin, Low-Power
µP Reset Circuits
4
_______________________________________________________________________________________
VCC
VCC
GND
MAX6802
RESET
VCC
GND
RESET
MOTOROLA
68HCXX
μP
100k
Ω
Applications Information
Interfacing to µPs with Bidirectional
Reset Pins
Since the RESET output on the MAX6802 is open-drain,
this device interfaces easily with µPs that have bidirec-
tional reset pins, such as the Motorola 68HC11.
Connecting the µP supervisor’s RESET output directly
to the microcontroller’s (µC’s) RESET pin with a single
pullup resistor allows either device to assert reset
(Figure 1).
Negative-Going VCC Transients
In addition to issuing a reset to the µP during power-up,
power-down, and brownout conditions, these devices are
relatively immune to short-duration, negative-going VCC
transients (glitches). The
Typical Operating Characteristics
show the Maximum Transient Duration vs. Reset
Comparator Overdrive graph. The graph shows the maxi-
mum pulse width that a negative-going VCC transient may
typically have without issuing a reset signal. As the ampli-
tude of the transient increases, the maximum allowable
pulse width decreases.
Figure 1. Interfacing to µPs with Bidirectional Reset Pins
TOP VIEW
1
2
3 VCC
RESET (RESET)
MAX6800
MAX6801
MAX6802
SOT23-3
( ) ARE FOR MAX6800
GND
Pin Configuration
Figure 2. Ensuring Reset Valid Down to VCC = 0V
VCC
GND
MAX6801
RESET
100k
Ω
(a)
VCC
GND
MAX6800
RESET
100k
Ω*
(b)
*ASSUMES HIGH-Z RESET INPUT TO THE
μP
MAX6801
VCC
VCC
RESET
RESET
GND
VCC
GND
μP
Typical Operating Circuit


Similar Part No. - MAX6800_11

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX6800 MAXIM-MAX6800_12 Datasheet
123Kb / 7P
   3-Pin, Low-Power μP Reset Circuits
Rev 4; 3/12
More results

Similar Description - MAX6800_11

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX6800 MAXIM-MAX6800_05 Datasheet
550Kb / 7P
   3-Pin, Low-Power uP Reset Circuits
19-1933 Rev 2; 12/05
MXD1810-MXD1818 MAXIM-MXD1810-MXD1818 Datasheet
198Kb / 11P
   Low-Power UP Reset Circuits in 3-Pin
Rev 0; 10/01
MAX6332 MAXIM-MAX6332_05 Datasheet
147Kb / 6P
   3-Pin, Ultra-Low-Voltage, Low-Power uP Reset Circuits
Rev 2; 12/05
MAX6803 MAXIM-MAX6803_05 Datasheet
554Kb / 8P
   4-Pin, Low-Power uP Reset Circuits with Manual Reset
19-1946; Rev 2; 12/05
MAX6800 MAXIM-MAX6800_12 Datasheet
123Kb / 7P
   3-Pin, Low-Power μP Reset Circuits
Rev 4; 3/12
logo
Vishay Siliconix
GS6332 VISHAY-GS6332 Datasheet
56Kb / 6P
   3 Pin, Low-Power, P Reset Circuits
22-May-02
logo
Maxim Integrated Produc...
MAX6800 MAXIM-MAX6800 Datasheet
147Kb / 7P
   3-Pin, Low-Power 關P Reset Circuits
Rev 1; 2/01
MAX6800 MAXIM-MAX6800_V01 Datasheet
901Kb / 8P
   3-Pin, Low-Power 關P Reset Circuits
2016
MAX6335 MAXIM-MAX6335_05 Datasheet
181Kb / 7P
   4-Pin, Ultra-Low-Voltage, Low-Power uP Reset Circuits with Manual Reset
Rev 2; 12/05
logo
TelCom Semiconductor, I...
TCM809 TELCOM-TCM809 Datasheet
60Kb / 4P
   3-PIN UP RESET MONITORS
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com