Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MAX6732 Datasheet(PDF) 10 Page - Maxim Integrated Products

Part # MAX6732
Description  Single-/Dual-/Triple-Voltage uP Supervisory Circuits with Independent Watchdog Output
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX6732 Datasheet(HTML) 10 Page - Maxim Integrated Products

Back Button MAX6732 Datasheet HTML 6Page - Maxim Integrated Products MAX6732 Datasheet HTML 7Page - Maxim Integrated Products MAX6732 Datasheet HTML 8Page - Maxim Integrated Products MAX6732 Datasheet HTML 9Page - Maxim Integrated Products MAX6732 Datasheet HTML 10Page - Maxim Integrated Products MAX6732 Datasheet HTML 11Page - Maxim Integrated Products MAX6732 Datasheet HTML 12Page - Maxim Integrated Products MAX6732 Datasheet HTML 13Page - Maxim Integrated Products MAX6732 Datasheet HTML 14Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 15 page
background image
The RSTIN comparator derives power from VCC1, and
the input voltage must remain less than or equal to
VCC1. Low leakage current at RSTIN allows the use of
large-valued resistors, resulting in reduced power con-
sumption of the system.
Watchdog
The watchdog feature monitors µP activity through
the watchdog input (WDI). A rising or falling edge on
WDI within the watchdog timeout period (tWD) indi-
cates normal µP operation. WDO asserts low if WDI
remains high or low for longer than the watchdog
timeout period. Leaving WDI unconnected does not
disable the watchdog timer.
The MAX6730–MAX6735 include a dual-mode watch-
dog timer to monitor µP activity. The flexible timeout
architecture provides a long-period initial watchdog
mode, allowing complicated systems to complete
lengthy boots, and a short-period normal watchdog
mode, allowing the supervisor to provide quick alerts
when processor activity fails. After each reset event
(VCC power-up, brownout, or manual reset), there is a
long initial watchdog period of 35s (min). The long
watchdog period mode provides an extended time for
the system to power up and fully initialize all µP and
system components before assuming responsibility for
routine watchdog updates.
The usual watchdog timeout period (1.12s min) begins
after the initial watchdog timeout period (tWD-L) expires
or after the first transition on WDI (Figure 3). During nor-
mal operating mode, the supervisor asserts the WDO
output if the µP does not update the WDI with a valid
transition (high to low or low to high) within the standard
timeout period (tWD-S) (1.12s min).
Connect MR to WDO to force a system reset in the
event that no rising or falling edge is detected at WDI
within the watchdog timeout period. WDO asserts low
when no edge is detected by WDI, the RST output
asserts low, the watchdog counter immediately clears,
and WDO returns high. The watchdog counter restarts,
using the long watchdog period, when the reset timeout
period ends (Figure 4).
Ensuring a Valid RESET
Output Down to VCC = 0V
The MAX6730–MAX6735 guarantee proper operation
down to VCC = +0.8V. In applications that require valid
reset levels down to VCC = 0V, use a 100k
Ω pulldown
resistor from RST to GND. The resistor value used is not
critical, but it must be large enough not to load the
reset output when VCC is above the reset threshold. For
most applications, 100k
Ω is adequate. Note that this
configuration does not work for the open-drain outputs
of MAX6730/MAX6732/MAX6734.
Single-/Dual-/Triple-Voltage µP Supervisory
Circuits with Independent Watchdog Output
10
______________________________________________________________________________________
tRP
VTH
VCC
(MIN)
VCC1,
VCC2
RSTIN
RST
WDO
WDI
< tWD-S
< tWD-S
> tWD-S
tWD-S
< tWD-S
< tWD-S
< tWD-L
Figure 3. Watchdog Input/Output Timing Diagram (MR and WDO Not Connected)


Similar Part No. - MAX6732

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX6732 MAXIM-MAX6732 Datasheet
244Kb / 16P
   Single-/Dual-/Triple-Voltage uP Supervisory Circuits with Independent Watchdog Output
Rev 2; 1/03
MAX6732 MAXIM-MAX6732 Datasheet
205Kb / 15P
   Single-/Dual-/Triple-Voltage 關P Supervisory Circuits with Independent Watchdog Output
Rev 5; 3/09
MAX6732AUT MAXIM-MAX6732AUT Datasheet
459Kb / 16P
   Single-/Dual-/Triple-Voltage μP Supervisory Circuits with Independent Watchdog Output
Rev 0; 8/06
MAX6732AUTD MAXIM-MAX6732AUTD Datasheet
459Kb / 16P
   Single-/Dual-/Triple-Voltage μP Supervisory Circuits with Independent Watchdog Output
Rev 0; 8/06
MAX6732AUTD-T MAXIM-MAX6732AUTD-T Datasheet
459Kb / 16P
   Single-/Dual-/Triple-Voltage μP Supervisory Circuits with Independent Watchdog Output
Rev 0; 8/06
More results

Similar Description - MAX6732

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX6730 MAXIM-MAX6730 Datasheet
244Kb / 16P
   Single-/Dual-/Triple-Voltage uP Supervisory Circuits with Independent Watchdog Output
Rev 2; 1/03
MAX6730A MAXIM-MAX6730A Datasheet
459Kb / 16P
   Single-/Dual-/Triple-Voltage μP Supervisory Circuits with Independent Watchdog Output
Rev 0; 8/06
MAX6730 MAXIM-MAX6730_09 Datasheet
205Kb / 15P
   Single-/Dual-/Triple-Voltage 關P Supervisory Circuits with Independent Watchdog Output
Rev 5; 3/09
logo
Analog Devices
ADM6316DZ26ARJZ-R7 AD-ADM6316DZ26ARJZ-R7 Datasheet
254Kb / 16P
   Supervisory Circuits with Watchdog
Rev. F
logo
Maxim Integrated Produc...
MAX6736 MAXIM-MAX6736_05 Datasheet
664Kb / 16P
   Low-Power Dual-/Triple-Voltage SC70 uP Supervisory Circuits
19-2531; Rev 2; 12/05
MAX6715A MAXIM-MAX6715A Datasheet
184Kb / 18P
   Dual/Triple, Ultra-Low-Voltage, SOT23 uP Supervisory Circuits
Rev 3; 9/08
logo
Analog Devices
ADM6316CY29ARJZ-R7 AD-ADM6316CY29ARJZ-R7 Datasheet
254Kb / 16P
   Supervisory Circuits with Watchdog
Rev. F
logo
ams AG
AS1910 AMSCO-AS1910 Datasheet
158Kb / 2P
   Dual-Voltage Microprocessor Supervisory Circuits with Reset and Watchdog
logo
Maxim Integrated Produc...
MAX6715 MAXIM-MAX6715_05 Datasheet
720Kb / 19P
   Dual/Triple Ultra-Low-Voltage SOT23 uP Supervisory Circuits
19-2325; Rev 5; 12/05
MAX6718UKTGD3 MAXIM-MAX6718UKTGD3 Datasheet
720Kb / 19P
   Dual/Triple Ultra-Low-Voltage SOT23 uP Supervisory Circuits
Rev 5; 12/05
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com