Electronic Components Datasheet Search |
|
MAX6320 Datasheet(PDF) 2 Page - Maxim Integrated Products |
|
MAX6320 Datasheet(HTML) 2 Page - Maxim Integrated Products |
2 / 14 page ELECTRICAL CHARACTERISTICS (VCC = 2.5V to 5.5V, TA = -40°C to +125°C, unless otherwise noted. Typical values are at TA = +25°C.) (Note 1) 5-Pin µP Supervisory Circuits with Watchdog and Manual Reset 2 _______________________________________________________________________________________ ABSOLUTE MAXIMUM RATINGS Stresses beyond those listed under “Absolute Maximum Ratings” may cause permanent damage to the device. These are stress ratings only, and functional operation of the device at these or any other conditions beyond those indicated in the operational sections of the specifications is not implied. Exposure to absolute maximum rating conditions for extended periods may affect device reliability. Voltage (with respect to GND) VCC......................................................................-0.3V to +6V RESET (MAX6320/MAX6321/MAX6322 only)...... -0.3V to +6V All Other Pins.........................................-0.3V to (VCC + 0.3V) Input/Output Current, All Pins .............................................20mA Continuous Power Dissipation (TA = +70°C) SOT23 (derate 7.1mW/°C above +70°C)...............571mW Operating Temperature Range..........................-40°C to +125°C Junction Temperature ......................................................+150°C Storage Temperature Range..............................-65°C to +160°C Lead Temperature (soldering, 10s) .................................+300°C Soldering Temperature (reflow) Leaded Package .........................................................+240°C Lead-Free Package .....................................................+260°C Note 1: Overtemperature limits are guaranteed by design, not production tested. Note 2: A factory-trimmed voltage divider programs the nominal reset threshold (VTH). Factory-trimmed reset thresholds are available in 100mV increments from 2.5V to 5V (see Table 1 at end of data sheet). Note 3: Guaranteed by design. PARAMETER SYMBOL CONDITIONS MIN TYP MAX UNITS Operating Voltage Range VCC TA = -40°C to +125°C 1.0 5.5 V VCC = 5.5V 10 20 MAX6316/MAX6317/MAX 6318/MAX6320/MAX6321 VCC = 3.6V 5 12 VCC = 5.5V 3 12 Supply Current ICC MAX6319/MAX6322: MR unconnected VCC = 3.6V 3 8 µA Reset Threshold Temperature Coefficient ∆VTH/°C 40 ppm/°C TA = +25°C VTH - 1.5% VTH VTH + 1.5% Reset Threshold (Note 2) VRST TA = -40°C to +125°C VTH - 2.5% VTH VTH + 2.5% V Reset Threshold Hysteresis 3mV MAX63_ _ A_-T 1 1.4 2 MAX63_ _ B_-T 20 28 40 MAX63_ _ C_-T 140 200 280 Reset Active Timeout Period tRP MAX63_ _ D_-T 1120 1600 2240 ms VCC to RESET Delay tRD VCC falling at 1mV/µs 40 µs PUSH/PULL RESET OUTPUT (MAX6316L/MAX6317H/MAX6318_H/MAX6319_H/MAX6321HP/MAX6322HP) VCC ≥ 1.0V, ISINK = 50µA 0.3 VCC ≥ 1.2V, ISINK = 100µA 0.3 VCC ≥ 2.7V, ISINK = 1.2mA 0.3 VOL VCC ≥ 4.5V, ISINK = 3.2mA 0.4 VCC ≥ 2.7V, ISOURCE = 500µA 0.8 x VCC RESET Output Voltage VOH VCC ≥ 4.5V, ISOURCE = 800µA VCC - 1.5 V RESET Rise Time (MAX6316L, MAX6318LH, MAX6319LH) tR Rise time is measured from 10% to 90% of VCC; CL = 5pF, VCC = 3.3V (Note 3) 525 ns VCC ≥ 2.7V, ISINK = 1.2mA 0.3 VOL VCC ≥ 4.5V, ISINK = 3.2mA 0.4 VCC ≥ 1.8V, ISOURCE = 150µA 0.8 x VCC VCC ≥ 2.7V, ISOURCE = 500µA 0.8 x VCC RESET Output Voltage VOH VCC ≥ 4.5V, ISOURCE = 800µA VCC - 1.5 V |
Similar Part No. - MAX6320 |
|
Similar Description - MAX6320 |
|
|
Link URL |
Privacy Policy |
ALLDATASHEET.NET |
Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |