Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MAX4256 Datasheet(PDF) 10 Page - Maxim Integrated Products

Part # MAX4256
Description  UCSP, Single-Supply, Low-Noise, Low-Distortion, Rail-to-Rail Op Amps
Download  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX4256 Datasheet(HTML) 10 Page - Maxim Integrated Products

Back Button MAX4256 Datasheet HTML 6Page - Maxim Integrated Products MAX4256 Datasheet HTML 7Page - Maxim Integrated Products MAX4256 Datasheet HTML 8Page - Maxim Integrated Products MAX4256 Datasheet HTML 9Page - Maxim Integrated Products MAX4256 Datasheet HTML 10Page - Maxim Integrated Products MAX4256 Datasheet HTML 11Page - Maxim Integrated Products MAX4256 Datasheet HTML 12Page - Maxim Integrated Products MAX4256 Datasheet HTML 13Page - Maxim Integrated Products MAX4256 Datasheet HTML 14Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 21 page
background image
UCSP, Single-Supply, Low-Noise,
Low-Distortion, Rail-to-Rail Op Amps
10
______________________________________________________________________________________
Low Distortion
Many factors can affect the noise and distortion that the
device contributes to the input signal. The following
guidelines offer valuable information on the impact of
design choices on Total Harmonic Distortion (THD).
Choosing proper feedback and gain resistor values for
a particular application can be a very important factor
in reducing THD. In general, the smaller the closed-
loop gain, the smaller the THD generated, especially
when driving heavy resistive loads. Large-value feed-
back resistors can significantly improve distortion. The
THD of the part normally increases at approximately
20dB per decade, as a function of frequency.
Operating the device near or above the full-power
bandwidth significantly degrades distortion.
Referencing the load to either supply also improves the
part’s distortion performance, because only one of the
MOSFETs of the push-pull output stage drives the out-
put. Referencing the load to midsupply increases the
part’s distortion for a given load and feedback setting.
(See the Total Harmonic Distortion vs. Frequency graph
in the
Typical Operating Characteristics.)
For gains
≥ 10V/V, the decompensated devices
MAX4249/MAX4255/MAX4256/MAX4257 deliver the
best distortion performance, since they have a higher
slew rate and provide a higher amount of loop gain for
a given closed-loop gain setting. Capacitive loads
below 400pF, do not significantly affect distortion
results. Distortion performance remains relatively con-
stant over supply voltages.
Low Noise
The amplifier’s input-referred, noise-voltage density is
dominated by flicker noise at lower frequencies, and by
thermal noise at higher frequencies. Because the ther-
mal noise contribution is affected by the parallel combi-
nation of the feedback resistive network (RF || RG,
Figure 1), these resistors should be reduced in cases
where the system bandwidth is large and thermal noise
is dominant. This noise contribution factor decreases,
however, with increasing gain settings.
For example, the input noise-voltage density of the cir-
cuit with RF = 100kΩ, RG = 11kΩ (AV = 10V/V) is en =
15nV/
√Hz, en can be reduced to 9nV/√Hz by choosing
RF = 10kΩ, RG = 1.1kΩ (AV = 10V/V), at the expense
of greater current consumption and potentially higher
distortion. For a gain of 100V/V with RF = 100kΩ, RG =
1.1k
Ω, the en is low (9nV/√Hz).
CZ
RF
VOUT
VIN
RG
0
100mV
AV = 2V/V
RF = RG = 10k
VIN =
50mV/div
VOUT =
100mV/div
2
µs/div
0
100mV
AV = 2
RF = RG = 100k
CZ = 11pF
50mV/div
100mV/div
VIN
VOUT
2
µs/div
Figure 1. Adding Feed-Forward Compensation
Figure 2a. Pulse Response with No Feed-Forward
Compensation
Figure 2b. Pulse Response with 10pF Feed-Forward
Compensation


Similar Part No. - MAX4256

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX4256 MAXIM-MAX4256 Datasheet
238Kb / 16P
   SOT23, Single-Supply, Low-Noise, Low-Distortion, Rail-to-Rail Op Amps
19-1295; Rev 2; 4/98
MAX4256 MAXIM-MAX4256 Datasheet
738Kb / 16P
   UCSP, Single-Supply, Low-Noise, Low-Distortion, Rail-to-Rail Op Amps
Rev 9; 12/12
MAX4256ESA++ MAXIM-MAX4256ESA+ Datasheet
738Kb / 16P
   UCSP, Single-Supply, Low-Noise, Low-Distortion, Rail-to-Rail Op Amps
Rev 9; 12/12
MAX4256EUA++ MAXIM-MAX4256EUA+ Datasheet
738Kb / 16P
   UCSP, Single-Supply, Low-Noise, Low-Distortion, Rail-to-Rail Op Amps
Rev 9; 12/12
More results

Similar Description - MAX4256

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX4249 MAXIM-MAX4249_V01 Datasheet
1Mb / 16P
   UCSP, Single-Supply, Low-Noise, Low-Distortion, Rail-to-Rail Op Amps
2021
MAX4257 MAXIM-MAX4257_12 Datasheet
738Kb / 16P
   UCSP, Single-Supply, Low-Noise, Low-Distortion, Rail-to-Rail Op Amps
Rev 9; 12/12
MAX4249 MAXIM-MAX4249 Datasheet
238Kb / 16P
   SOT23, Single-Supply, Low-Noise, Low-Distortion, Rail-to-Rail Op Amps
19-1295; Rev 2; 4/98
MAX4475 MAXIM-MAX4475 Datasheet
585Kb / 15P
   SOT23, Low-Noise, Low-Distortion, Wide-Band, Rail-to-Rail Op Amps
Rev 1; 10/02
MAX4475 MAXIM-MAX4475_12 Datasheet
755Kb / 21P
   SOT23, Low-Noise, Low-Distortion, Wide-Band, Rail-to-Rail Op Amps
Rev 6; 6/12
MAX4478AUD MAXIM-MAX4478AUD Datasheet
755Kb / 21P
   SOT23, Low-Noise, Low-Distortion, Wide-Band, Rail-to-Rail Op Amps
Rev 6; 6/12
MAX4475 MAXIM-MAX4475_V01 Datasheet
2Mb / 17P
   SOT23, Low-Noise, Low-Distortion, Wide-Band, Rail-to-Rail Op Amps
2019
logo
Linear Technology
LT1806 LINER-LT1806_15 Datasheet
343Kb / 28P
   Rail-to-Rail Input and Output, Low Distortion, Low Noise Precision Op Amps
LT1807 LINER-LT1807_15 Datasheet
343Kb / 28P
   Rail-to-Rail Input and Output, Low Distortion, Low Noise Precision Op Amps
logo
Maxim Integrated Produc...
MAX4162 MAXIM-MAX4162_10 Datasheet
329Kb / 13P
   UCSP, Micropower, Single-Supply, 10V, Rail-to-Rail I/O Op Amps
Rev 3; 1/10
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com