Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MAX9632ASA Datasheet(PDF) 7 Page - Maxim Integrated Products

Part # MAX9632ASA
Description  36V, Precision, Low-Noise, Wide-Band Amplifier
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX9632ASA Datasheet(HTML) 7 Page - Maxim Integrated Products

Back Button MAX9632ASA Datasheet HTML 3Page - Maxim Integrated Products MAX9632ASA Datasheet HTML 4Page - Maxim Integrated Products MAX9632ASA Datasheet HTML 5Page - Maxim Integrated Products MAX9632ASA Datasheet HTML 6Page - Maxim Integrated Products MAX9632ASA Datasheet HTML 7Page - Maxim Integrated Products MAX9632ASA Datasheet HTML 8Page - Maxim Integrated Products MAX9632ASA Datasheet HTML 9Page - Maxim Integrated Products MAX9632ASA Datasheet HTML 10Page - Maxim Integrated Products MAX9632ASA Datasheet HTML 11Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 15 page
background image
_______________________________________________________________________________________ 7
36V, Precision, Low-Noise,
Wide-Band Amplifier
Pin Configuration
Pin Description
TOP VIEW
NOT TO SCALE
OUT
N.C.
VEE
1
2
8
7
SHDN
VCC
OUT
N.C.
SHDN
VCC
IN-
IN+
N.C.
VEE
IN-
IN+
N.C.
SO/µMAX
TDFN
3
4
6
5
MAX9632
MAX9632
+
+
1
3
2
4
8
6
7
5
EP
PIN
NAME
FUNCTION
1, 5
N.C.
Not Connected
2
IN-
Negative Input
3
IN+
Positive Input
4
VEE
Negative Supply Voltage
6
OUT
Output
7
VCC
Positive Supply Voltage
8
SHDN
Active-High Shutdown
EP
Exposed Pad (TDFN Only). Connect to a large VEE plane to maximize thermal performance. Not
intended as an electrical connection point.


Similar Part No. - MAX9632ASA

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX9632ASA MAXIM-MAX9632ASA Datasheet
2Mb / 14P
   36V, Precision, Low-Noise, Wide-Band Amplifier 8-Pin SO and TDFN Packages
Rev 1; 4/11
MAX9632ASA++ MAXIM-MAX9632ASA+ Datasheet
1Mb / 14P
   36V, Precision, Low-Noise, Wide-Band Amplifier
Rev 2; 8/11
MAX9632ASA++ MAXIM-MAX9632ASA+ Datasheet
646Kb / 11P
   36V, Precision, Low-Noise, Wide-Band Amplifier
2014
More results

Similar Description - MAX9632ASA

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX9632_1108 MAXIM-MAX9632_1108 Datasheet
1Mb / 14P
   36V, Precision, Low-Noise, Wide-Band Amplifier
Rev 2; 8/11
MAX9632 MAXIM-MAX9632_V01 Datasheet
646Kb / 11P
   36V, Precision, Low-Noise, Wide-Band Amplifier
2014
MAX9632 MAXIM-MAX9632 Datasheet
2Mb / 14P
   36V, Precision, Low-Noise, Wide-Band Amplifier 8-Pin SO and TDFN Packages
Rev 1; 4/11
logo
NEC
UPG100B NEC-UPG100B Datasheet
57Kb / 4P
   LOW NOISE WIDE-BAND AMPLIFIER
logo
New Japan Radio
NJG1140KA1 NJRC-NJG1140KA1 Datasheet
318Kb / 9P
   WIDE BAND LOW NOISE AMPLIFIER GaAs MMIC
NJG1152KA1 NJRC-NJG1152KA1 Datasheet
578Kb / 28P
   Wide Band Low Noise Amplifier GaAs MMIC
logo
Sanyo Semicon Device
55GN01MA SANYO-55GN01MA_12 Datasheet
418Kb / 8P
   UHF Wide-band Low-noise Amplifier Applications
55GN01M SANYO-55GN01M Datasheet
29Kb / 5P
   UHF Wide-band Low-noise Amplifier Applications
55GN01S SANYO-55GN01S Datasheet
31Kb / 6P
   UHF Wide-band Low-noise Amplifier Applications
55GN01C SANYO-55GN01C Datasheet
46Kb / 6P
   UHF Wide-band Low-noise Amplifier Applications
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com