Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MAX6730UTVD3-T Datasheet(PDF) 7 Page - Maxim Integrated Products

Part # MAX6730UTVD3-T
Description  Single-/Dual-/Triple-Voltage uP Supervisory Circuits with Independent Watchdog Output
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX6730UTVD3-T Datasheet(HTML) 7 Page - Maxim Integrated Products

Back Button MAX6730UTVD3-T Datasheet HTML 3Page - Maxim Integrated Products MAX6730UTVD3-T Datasheet HTML 4Page - Maxim Integrated Products MAX6730UTVD3-T Datasheet HTML 5Page - Maxim Integrated Products MAX6730UTVD3-T Datasheet HTML 6Page - Maxim Integrated Products MAX6730UTVD3-T Datasheet HTML 7Page - Maxim Integrated Products MAX6730UTVD3-T Datasheet HTML 8Page - Maxim Integrated Products MAX6730UTVD3-T Datasheet HTML 9Page - Maxim Integrated Products MAX6730UTVD3-T Datasheet HTML 10Page - Maxim Integrated Products MAX6730UTVD3-T Datasheet HTML 11Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 15 page
background image
Single-/Dual-/Triple-Voltage µP Supervisory
Circuits with Independent Watchdog Output
_______________________________________________________________________________________
7
Pin Description
PIN
MAX6730
MAX6731
MAX6732
MAX6733
MAX6734
MAX6735
NAME
FUNCTION
11
1
RST
Active-Low Reset Output. The MAX6730/MAX6732/MAX6734 provide an open-drain
output. The MAX6731/MAX6733/MAX6735 provide a push-pull output. RST asserts
low when any of the following conditions occur: VCC1 or VCC2 drops below its
preset threshold, RSTIN drops below its reset threshold, or MR is driven low. Open-
drain versions require an external pullup resistor.
2
2
2
GND
Ground
33
4
WDO
Active-Low Watchdog Output. The MAX6730/MAX6732/MAX6734 provide an open-
drain WDO output. The MAX6731/MAX6733/MAX6735 provide a push-pull WDO
output. WDO asserts low when no low-to-high or high-to-low transition occurs on
WDI within the watchdog timeout period (tWD) or if an undervoltage lockout
condition exists for VCC1, VCC2, or RSTIN. WDO deasserts without a timeout period
when VCC1, VCC2, and RSTIN exceed their reset thresholds, or when the manual
reset input is asserted. Open-drain versions require an external pullup resistor.
4—
5
MR
Active-Low Manual Reset Input. Drive MR low to force a reset. RST remains
asserted as long as MR is low and for the reset timeout period after MR releases
high. MR has a 50k
Ω pullup resistor to VCC1; leave MR open or connect to VCC1 if
unused.
5
5
3
WDI
Watchdog Input. If WDI remains high or low for longer than the watchdog timeout
period, the internal watchdog timer expires and the watchdog output asserts low.
The internal watchdog timer clears whenever RST asserts or a rising or falling edge
on WDI is detected. The watchdog has an initial watchdog timeout period (35s min)
after each reset event and a short timeout period (1.12s min) after the first valid
WDI transition. Leaving WDI unconnected does not disable the watchdog timer
function.
66
8
VCC1
Primary Supply-Voltage Input. VCC1 provides power to the device when it is greater
than VCC2. VCC1 is the input to the primary reset threshold monitor.
—4
6
VCC2
Secondary Supply-Voltage Input. VCC2 provides power to the device when it is
greater than VCC1. VCC2 is the input to the secondary reset threshold monitor.
7
RSTIN
Undervoltage Reset Comparator Input. RSTIN provides a high-impedance
comparator input for the adjustable reset monitor. RST asserts low if the voltage at
RSTIN drops below the 626mV internal reference voltage. Connect a resistive
voltage-divider to RSTIN to monitor voltages higher than 626mV. Connect RSTIN to
VCC1 or VCC2 if unused.


Similar Part No. - MAX6730UTVD3-T

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX6730UTVD3-T MAXIM-MAX6730UTVD3-T Datasheet
244Kb / 16P
   Single-/Dual-/Triple-Voltage uP Supervisory Circuits with Independent Watchdog Output
Rev 2; 1/03
More results

Similar Description - MAX6730UTVD3-T

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX6730 MAXIM-MAX6730 Datasheet
244Kb / 16P
   Single-/Dual-/Triple-Voltage uP Supervisory Circuits with Independent Watchdog Output
Rev 2; 1/03
MAX6730A MAXIM-MAX6730A Datasheet
459Kb / 16P
   Single-/Dual-/Triple-Voltage μP Supervisory Circuits with Independent Watchdog Output
Rev 0; 8/06
MAX6730 MAXIM-MAX6730_09 Datasheet
205Kb / 15P
   Single-/Dual-/Triple-Voltage 關P Supervisory Circuits with Independent Watchdog Output
Rev 5; 3/09
logo
Analog Devices
ADM6316DZ26ARJZ-R7 AD-ADM6316DZ26ARJZ-R7 Datasheet
254Kb / 16P
   Supervisory Circuits with Watchdog
Rev. F
logo
Maxim Integrated Produc...
MAX6736 MAXIM-MAX6736_05 Datasheet
664Kb / 16P
   Low-Power Dual-/Triple-Voltage SC70 uP Supervisory Circuits
19-2531; Rev 2; 12/05
MAX6715A MAXIM-MAX6715A Datasheet
184Kb / 18P
   Dual/Triple, Ultra-Low-Voltage, SOT23 uP Supervisory Circuits
Rev 3; 9/08
logo
Analog Devices
ADM6316CY29ARJZ-R7 AD-ADM6316CY29ARJZ-R7 Datasheet
254Kb / 16P
   Supervisory Circuits with Watchdog
Rev. F
logo
ams AG
AS1910 AMSCO-AS1910 Datasheet
158Kb / 2P
   Dual-Voltage Microprocessor Supervisory Circuits with Reset and Watchdog
logo
Maxim Integrated Produc...
MAX6715 MAXIM-MAX6715_05 Datasheet
720Kb / 19P
   Dual/Triple Ultra-Low-Voltage SOT23 uP Supervisory Circuits
19-2325; Rev 5; 12/05
MAX6718UKTGD3 MAXIM-MAX6718UKTGD3 Datasheet
720Kb / 19P
   Dual/Triple Ultra-Low-Voltage SOT23 uP Supervisory Circuits
Rev 5; 12/05
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com