Electronic Components Datasheet Search |
|
MAX9646 Datasheet(PDF) 3 Page - Maxim Integrated Products |
|
MAX9646 Datasheet(HTML) 3 Page - Maxim Integrated Products |
3 / 11 page Low-Power Comparators with Precision Reference in 4-Bump UCSP _______________________________________________________________________________________ 3 Note 1: All devices are 100% production tested at TA = +25°C. Temperature limits are guaranteed by design. Note 2: Too small to be measured in an ATE test environment. Only gross test to catch failures is implemented. Note 3: Overdrive is defined as the voltage above or below the switching points. Note 4: Guaranteed by ATE and/or bench characterization over temperature. VREF is the average of the trip points. Note 5: Hysteresis is half the input voltage difference between the two switching points. Note 6: Includes reference error along with comparator offset voltage error. ELECTRICAL CHARACTERISTICS (VCC = 3.3V, RPULLUP = 10kΩ to VPULLUP = 3.3V for MAX9644/MAX9645, TA = -40°C to +85°C. Typical values at TA = +25°C, unless otherwise noted.) (Note 1) PARAMETER SYMBOL CONDITIONS MIN TYP MAX UNITS POWER SUPPLY Supply Voltage VCC Guaranteed by VOL/VOH tests 1.0 5.5 V VCC = 1.0V 0.4 0.7 Supply Current ICC VCC = 5.5V 0.6 1.1 µA Power-Up Time tON 3ms Typical Operating Characteristics (VCC = 3.3V, VREF = 1.8V, RPULLUP = 10kΩ to VPULLUP = 3.3V for MAX9644/MAX9645, GND = 0, TA = +25°C, unless otherwise noted.) SUPPLY CURRENT vs. SUPPLY VOLTAGE SUPPLY VOLTAGE (V) 5 4 3 2 1 200 400 600 800 1000 0 06 +85 °C -40 °C +25 °C SUPPLY CURRENT vs. OUTPUT TRANSITION FREQUENCY OUTPUT TRANSITION FREQUENCY (kHz) 110 10 100 1 0.1 100 VCC = 5V VCC = 3.3V VCC = 1.8V OUTPUT VOLTAGE LOW vs. SINK CURRENT SINK CURRENT (mA) 6 2 0.5 1.0 0.1 0.6 0.4 0.9 0.3 0.8 0.2 0.7 0 048 VREF = 3.3V VREF = 1.8V VREF = 5V |
Similar Part No. - MAX9646 |
|
Similar Description - MAX9646 |
|
|
Link URL |
Privacy Policy |
ALLDATASHEET.NET |
Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |