Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MAX11040K Datasheet(PDF) 3 Page - Maxim Integrated Products

Part # MAX11040K
Description  24-/16-Bit, 4-Channel, Simultaneous-Sampling, Cascadable, Sigma-Delta ADCs
Download  35 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX11040K Datasheet(HTML) 3 Page - Maxim Integrated Products

  MAX11040K Datasheet HTML 1Page - Maxim Integrated Products MAX11040K Datasheet HTML 2Page - Maxim Integrated Products MAX11040K Datasheet HTML 3Page - Maxim Integrated Products MAX11040K Datasheet HTML 4Page - Maxim Integrated Products MAX11040K Datasheet HTML 5Page - Maxim Integrated Products MAX11040K Datasheet HTML 6Page - Maxim Integrated Products MAX11040K Datasheet HTML 7Page - Maxim Integrated Products MAX11040K Datasheet HTML 8Page - Maxim Integrated Products MAX11040K Datasheet HTML 9Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 35 page
background image
24-/16-Bit, 4-Channel, Simultaneous-Sampling,
Cascadable, Sigma-Delta ADCs
_______________________________________________________________________________________
3
PARAMETER
SYMBOL
CONDITIONS
MIN
TYP
MAX
UNITS
Bandwidth
-3dB
3.4
kHz
Latency
(Note 8)
405
μs
Passband Flatness
From DC to 1.4kHz
< 0.1
dB
Amplitude-Dependent Phase Error
FS vs. 0.1% FS
< 0.01
0.12
Degrees
Channel-to-Channel Phase Matching
0.0001
Degrees
Phase-Error Drift
0.001
Degrees
Channel-to-Channel Isolation
-130
dB
Common-Mode Rejection
CMRR
109
dB
ANALOG INPUTS (AIN_+, AIN_-)
Differential FS Input Range
VIN
VAIN_+ - VAIN_-
-2.2
+2.2
V
Single-Ended Positive Input Range
VAIN_+
Referenced to AGND
-2.2
+2.2
V
Single-Ended Negative Input Range
VAIN_-
Referenced to AGND
-2.2
+2.2
V
Positive Fault Threshold
VPFT
VAIN_+ or VAIN_- (Note 9)
2.25
2.65
V
Negative Fault Threshold
VNFT
VAIN_+ or VAIN_- (Note 9)
-2.65
-2.25
V
Fault Pin Response Time
2.5
μs
VNFT
≤ VIN ≤ VPFT
130
Input Impedance
ZIN
VIN < VNFT or VIN > VPFT
> 0.5
k
Ω
DC Leakage Current
IIN
VAIN_+ = VAIN_-
±0.01
±1
μA
Input Sampling Rate
fS
fS = fXINCLOCK/8
3.072
Msps
Input Sampling Capacitance
4.0
pF
INTERNAL REFERENCE
REFIO Output Voltage
VREF
TA = TMAX
2.4
2.5
2.6
V
REFIO Output Resistance
1k
Ω
REFIO Temp Drift
50
ppm/°C
REFIO Long-Term Stability
200
ppm/
1000hr
REFIO Output Noise
3μVRMS
REFIO Power-Supply Rejection
PSRR
75
dB
EXTERNAL REFERENCE
REFIO Input Voltage
VREF
2.3
2.7
V
REFIO Sink Current
200
μA
REFIO Source Current
200
μA
REFIO Input Capacitance
10
pF
CRYSTAL OSCILLATOR (XIN, XOUT)
Tested Resonant Frequency
(Note 10)
24.576
MHz
Maximum Crystal ESR
30
Ω
Oscillator Startup Time
< 2
ms
Oscillator Stability
VDVDD = 3.3V, excluding crystal
10
ppm/°C
Maximum Oscillator Load
10
pF
ELECTRICAL CHARACTERISTICS (continued)
(VAVDD = +3.0V to +3.6V, VDVDD = +2.7V to VAVDD, fXIN CLOCK = 24.576MHz, fOUT = 16ksps, VREFIO = +2.5V (external), CREFIO =
CREF0 = CREF1 = CREF2 = CREF3 = 1μF to AGND, TA = TMIN to TMAX, unless otherwise noted. Typical values are at TA = +25°C.) (Note 1)


Similar Part No. - MAX11040K

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX11040K MAXIM-MAX11040K Datasheet
505Kb / 35P
   24-/16-Bit, 4-Channel, Simultaneous-Sampling, Cascadable, Sigma-Delta ADCs
Rev 1; 4/11
MAX11040K MAXIM-MAX11040K Datasheet
1Mb / 32P
   MAX11040K Evaluation Kit/Daughterboard
Rev 0; 11/11
MAX11040KDBEVKIT MAXIM-MAX11040KDBEVKIT Datasheet
1Mb / 32P
   MAX11040K Evaluation Kit/Daughterboard
Rev 0; 11/11
MAX11040KEVKIT MAXIM-MAX11040KEVKIT Datasheet
1Mb / 32P
   MAX11040K Evaluation Kit/Daughterboard
Rev 0; 11/11
MAX11040KGUU MAXIM-MAX11040KGUU Datasheet
505Kb / 35P
   24-/16-Bit, 4-Channel, Simultaneous-Sampling, Cascadable, Sigma-Delta ADCs
Rev 1; 4/11
More results

Similar Description - MAX11040K

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX11040K MAXIM-MAX11040K Datasheet
505Kb / 35P
   24-/16-Bit, 4-Channel, Simultaneous-Sampling, Cascadable, Sigma-Delta ADCs
Rev 1; 4/11
MAX11040 MAXIM-MAX11040 Datasheet
363Kb / 31P
   24-Bit, 4-Channel, Simultaneous-Sampling, Cascadable, Sigma-Delta ADC
Rev 0; 5/09
MAX11040 MAXIM-MAX11040_10 Datasheet
343Kb / 32P
   24-Bit, 4-Channel, Simultaneous-Sampling,Cascadable,Sigma-Delta ADC
Rev 2; 6/10
MAX11040K MAXIM-MAX11040K_V01 Datasheet
2Mb / 35P
   24-/16-Bit, 4-Channel, Simultaneous-Sampling, 24-/16-Bit, 4-Channel, Simultaneous-Sampling,
2015
logo
Analog Devices
AD7789 AD-AD7789_15 Datasheet
382Kb / 20P
   Low Power, 16-/24-Bit, Sigma-Delta ADCs
REV. B
AD7788 AD-AD7788_15 Datasheet
382Kb / 20P
   Low Power, 16-/24-Bit, Sigma-Delta ADCs
REV. B
AD7788 AD-AD7788 Datasheet
382Kb / 20P
   Low Power, 16-/24-Bit, Sigma-Delta ADCs
REV. B
logo
Texas Instruments
ADS131M04 TI1-ADS131M04 Datasheet
993Kb / 78P
[Old version datasheet]   4-channel, simultaneously-sampling, 24-bit, delta-sigma ADC
ADS131M04-Q1 TI-ADS131M04-Q1 Datasheet
2Mb / 91P
[Old version datasheet]   ADS131M04-Q1 Automotive, 4-Channel, 64-kSPS, Simultaneous-Sampling, 24-Bit, Delta-Sigma ADC
REVISED AUGUST 2022
ADS8528, TI1-ADS8528,_16 Datasheet
1Mb / 57P
[Old version datasheet]   16-Bit, 8-Channel, Simultaneous Sampling ADCs
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com