Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MAX6802UR29D3-T Datasheet(PDF) 3 Page - Maxim Integrated Products

Part # MAX6802UR29D3-T
Description  3-Pin, Low-Power uP Reset Circuits
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX6802UR29D3-T Datasheet(HTML) 3 Page - Maxim Integrated Products

  MAX6802UR29D3-T Datasheet HTML 1Page - Maxim Integrated Products MAX6802UR29D3-T Datasheet HTML 2Page - Maxim Integrated Products MAX6802UR29D3-T Datasheet HTML 3Page - Maxim Integrated Products MAX6802UR29D3-T Datasheet HTML 4Page - Maxim Integrated Products MAX6802UR29D3-T Datasheet HTML 5Page - Maxim Integrated Products MAX6802UR29D3-T Datasheet HTML 6Page - Maxim Integrated Products MAX6802UR29D3-T Datasheet HTML 7Page - Maxim Integrated Products  
Zoom Inzoom in Zoom Outzoom out
 3 / 7 page
background image
3-Pin, Low-Power
µP Reset Circuits
_______________________________________________________________________________________
3
3.0
4.0
3.5
5.0
4.5
6.0
5.5
6.5
-50
0
25
-25
50
75
100
125
SUPPLY CURRENT vs. TEMPERATURE
TEMPERATURE (
°C)
VCC = +5.0V
VCC = +3.3V
0.950
0.980
0.970
0.960
1.000
0.990
1.040
1.030
1.020
1.010
1.050
-50
-25
0
25
50
75
100
125
NORMALIZED RESET TIMEOUT PERIOD
vs. TEMPERATURE
TEMPERATURE (
°C)
0
30
20
10
50
40
90
80
70
60
100
-50
-25
0
25
50
75
100
125
VCC FALLING PROPAGATION DELAY
vs. TEMPERATURE
TEMPERATURE (
°C)
VCC = FALLING AT 1V/ms
VCC = FALLING AT 10V/ms
100
1000
0
100
200
400
300
500
600
0.1
1
10
MAXIMUM TRANSIENT DURATION
vs. RESET COMPARATOR OVERDRIVE
RESET COMPARATOR OVERDRIVE (mV)
RESET OCCURS
RESET DOES
NOT OCCUR
100
75
50
25
0
1.0
2.0
1.5
2.5
3.0
RESET (VOH)
vs. SUPPLY VOLTAGE
VCC (V)
TA = +25
°C
TA = -40
°C
TA = +125
°C
TA = +85
°C
VTH = 2.93V
ISOURCE = 100
µA
RESET ASSERTED
(MAX6800)
80
60
40
20
0
1.0
1.5
2.0
2.5
3.0
RESET (VOL)
vs. SUPPLY VOLTAGE
VCC (V)
TA = +125
°C
TA = +85
°C
TA = +25
°C
TA = -40
°C
VTH = 2.93V
ISINK = 500
µA
RESET ASSERTED
MAX6801/MAX6802
Typical Operating Characteristics
(Reset not asserted, TA = +25°C, unless otherwise noted.)
Pin Description
PIN
NAME
FUNCTION
MAX6800
MAX6801/
MAX6802
1
1
GND
Ground
2
RESET
Active-Low Reset Output. RESET is asserted while VCC is below the reset
threshold and remains asserted for a reset timeout period (tRP) after VCC
rises above the reset threshold. RESET on the MAX6801 is push/pull.
RESET on the MAX6802 is open-drain.
2
RESET
Active-High Reset Output. RESET is asserted while VCC is below the reset
threshold and remains asserted for a reset timeout period (tRP) after VCC
rises above the reset threshold. RESET on the MAX6800 is push/pull.
3
3
VCC
Supply Voltage Input


Similar Part No. - MAX6802UR29D3-T

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX6802UR29D3-T MAXIM-MAX6802UR29D3-T Datasheet
147Kb / 7P
   3-Pin, Low-Power 關P Reset Circuits
Rev 1; 2/01
More results

Similar Description - MAX6802UR29D3-T

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX6800 MAXIM-MAX6800_05 Datasheet
550Kb / 7P
   3-Pin, Low-Power uP Reset Circuits
19-1933 Rev 2; 12/05
MXD1810-MXD1818 MAXIM-MXD1810-MXD1818 Datasheet
198Kb / 11P
   Low-Power UP Reset Circuits in 3-Pin
Rev 0; 10/01
MAX6332 MAXIM-MAX6332_05 Datasheet
147Kb / 6P
   3-Pin, Ultra-Low-Voltage, Low-Power uP Reset Circuits
Rev 2; 12/05
MAX6803 MAXIM-MAX6803_05 Datasheet
554Kb / 8P
   4-Pin, Low-Power uP Reset Circuits with Manual Reset
19-1946; Rev 2; 12/05
MAX6800 MAXIM-MAX6800_12 Datasheet
123Kb / 7P
   3-Pin, Low-Power μP Reset Circuits
Rev 4; 3/12
logo
Vishay Siliconix
GS6332 VISHAY-GS6332 Datasheet
56Kb / 6P
   3 Pin, Low-Power, P Reset Circuits
22-May-02
logo
Maxim Integrated Produc...
MAX6800 MAXIM-MAX6800 Datasheet
147Kb / 7P
   3-Pin, Low-Power 關P Reset Circuits
Rev 1; 2/01
MAX6800 MAXIM-MAX6800_V01 Datasheet
901Kb / 8P
   3-Pin, Low-Power 關P Reset Circuits
2016
MAX6335 MAXIM-MAX6335_05 Datasheet
181Kb / 7P
   4-Pin, Ultra-Low-Voltage, Low-Power uP Reset Circuits with Manual Reset
Rev 2; 12/05
logo
TelCom Semiconductor, I...
TCM809 TELCOM-TCM809 Datasheet
60Kb / 4P
   3-PIN UP RESET MONITORS
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com