Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MAX11132 Datasheet(PDF) 9 Page - Maxim Integrated Products

Part # MAX11132
Description  3Msps, Low-Power, Serial 12-/10-Bit, 8-/16-Channel ADCs
Download  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX11132 Datasheet(HTML) 9 Page - Maxim Integrated Products

Back Button MAX11132 Datasheet HTML 5Page - Maxim Integrated Products MAX11132 Datasheet HTML 6Page - Maxim Integrated Products MAX11132 Datasheet HTML 7Page - Maxim Integrated Products MAX11132 Datasheet HTML 8Page - Maxim Integrated Products MAX11132 Datasheet HTML 9Page - Maxim Integrated Products MAX11132 Datasheet HTML 10Page - Maxim Integrated Products MAX11132 Datasheet HTML 11Page - Maxim Integrated Products MAX11132 Datasheet HTML 12Page - Maxim Integrated Products MAX11132 Datasheet HTML 13Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 36 page
background image
����������������������������������������������������������������� Maxim Integrated Products 9
MAX11129–MAX11132
3Msps, Low-Power, Serial 12-/10-Bit,
8-/16-Channel ADCs
Figure 1. Detailed Serial-Interface Timing Diagram
Typical Operating Characteristics
(MAX11131ATI+/MAX11132ATI+, TA = +25°C, unless otherwise noted.)
tCSS
tCH
tCP
tCSH
tDOT
tDS
tDH
tDOD
tDOE
CS
SCLK
DIN
DOUT
16TH
CLOCK
1ST
CLOCK
tCSBW
INTEGRAL NONLINEARITY
vs. DIGITAL OUTPUT CODE
-0.8
-0.6
-0.4
-0.2
0
0.2
0.4
0.6
0.8
1.0
-1.0
DIGITAL OUTPUT CODE (DECIMAL)
3072
2048
1024
0
4096
fSAMPLE = 3.0Msps
DIFFERENTIAL NONLINEARITY
vs. OUTPUT CODE
DIGITAL OUTPUT CODE (DECIMAL)
3072
2048
1024
-0.5
0
0.5
1.0
-1.0
0
4096
fSAMPLE = 3.0Msps
OFFSET ERROR vs. TEMPERATURE
TEMPERATURE (°C)
110
95
80
65
50
35
20
5
-10
-25
-2.0
-1.0
0
1.0
2.0
3.0
-3.0
-40
125


Similar Part No. - MAX11132

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX11132 MAXIM-MAX11132 Datasheet
2Mb / 36P
   3Msps, Low-Power, Serial 12-/10-Bit,8-/16-Channel ADCs
Rev 4; 6/12
MAX11132ATI++ MAXIM-MAX11132ATI+ Datasheet
3Mb / 36P
   3Msps, Low-Power, Serial 12-/10-Bit,8-/16-Channel ADCs
Rev 3; 4/12
MAX11132ATI++ MAXIM-MAX11132ATI+ Datasheet
2Mb / 36P
   3Msps, Low-Power, Serial 12-/10-Bit,8-/16-Channel ADCs
Rev 4; 6/12
More results

Similar Description - MAX11132

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX11129_V4 MAXIM-MAX11129_V4 Datasheet
2Mb / 36P
   3Msps, Low-Power, Serial 12-/10-Bit,8-/16-Channel ADCs
Rev 4; 6/12
MAX11129 MAXIM-MAX11129_12 Datasheet
3Mb / 36P
   3Msps, Low-Power, Serial 12-/10-Bit,8-/16-Channel ADCs
Rev 3; 4/12
MAX11102 MAXIM-MAX11102_V01 Datasheet
2Mb / 30P
   2Msps/3Msps, Low-Power, Serial 12-/10-/8-Bit ADCs
2013
MAX11102 MAXIM-MAX11102 Datasheet
2Mb / 25P
   2Msps/3Msps, Low-Power, Serial 12-/10-/8-Bit ADCs
Rev 0; 4/10
MAX11102 MAXIM-MAX11102_12 Datasheet
2Mb / 30P
   2Msps/3Msps, Low-Power, Serial 12-/10-/8-Bit ADCs
Rev 7; 9/12
MAX11102_1108 MAXIM-MAX11102_1108 Datasheet
2Mb / 30P
   2Msps/3Msps, Low-Power, Serial 12-/10-/8-Bit ADCs
Rev 5; 8/11
MAX11120 MAXIM-MAX11120 Datasheet
3Mb / 40P
   1Msps, Low-Power, Serial 12-/10-/8-Bit, 4-/8-/16-Channel ADCs
Rev 0; 12/11
MAX11120_V2 MAXIM-MAX11120_V2 Datasheet
3Mb / 40P
   1Msps, Low-Power, Serial 12-/10-/8-Bit, 4-/8-/16-Channel ADCs
Rev 2; 6/12
MAX11135_V1 MAXIM-MAX11135_V1 Datasheet
3Mb / 40P
   500ksps, Low-Power, Serial 12-/10-/8-Bit,4-/8-/16-Channel ADCs
Rev 1; 7/12
MAX11120 MAXIM-MAX11120_V01 Datasheet
1Mb / 40P
   1Msps, Low-Power, Serial 12-/10-/8-Bit, 4-/8-/16-Channel ADCs
2019
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com