Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MAX15006_1111 Datasheet(PDF) 1 Page - Maxim Integrated Products

Part # MAX15006_1111
Description  40V, Ultra-Low Quiescent-Current Linear Regulators in 6-Pin TDFN/8-Pin SO
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX15006_1111 Datasheet(HTML) 1 Page - Maxim Integrated Products

  MAX15006_1111 Datasheet HTML 1Page - Maxim Integrated Products MAX15006_1111 Datasheet HTML 2Page - Maxim Integrated Products MAX15006_1111 Datasheet HTML 3Page - Maxim Integrated Products MAX15006_1111 Datasheet HTML 4Page - Maxim Integrated Products MAX15006_1111 Datasheet HTML 5Page - Maxim Integrated Products MAX15006_1111 Datasheet HTML 6Page - Maxim Integrated Products MAX15006_1111 Datasheet HTML 7Page - Maxim Integrated Products MAX15006_1111 Datasheet HTML 8Page - Maxim Integrated Products MAX15006_1111 Datasheet HTML 9Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 14 page
background image
General Description
The MAX15006/MAX15007 ultra-low quiescent-current
linear regulators are ideal for use in automotive and bat-
tery-operated systems. These devices operate from an
input voltage of 4V to 40V, deliver up to 50mA of output
current, and consume only 10μA of quiescent current at
no load. The internal p-channel pass device keeps the
quiescent current low even at full load. The MAX15007
consumes only 3μA current when in shutdown.
The MAX15006A/MAX15007A have a fixed 3.3V output
while the MAX15006B/MAX15007B have a fixed 5V out-
put voltage. The MAX15006C/MAX15007C feature an
adjustable output from 1.8V to 10V. The MAX15007
includes an enable input to turn the device on or off. All
devices are short-circuit protected and include thermal
shutdown.
The MAX15006/MAX15007 operate over the -40°C to
+125°C automotive temperature range. These devices
are available in space-saving 3mm x 3mm 6-pin TDFN
and 8-pin SO thermally enhanced packages.
Applications
Automotive
Tire-Pressure Monitoring
Industrial
Telecom
Networking
Features
♦ Wide Operating Input Voltage Range (4V to 40V)
♦ Guaranteed 50mA Output Current
♦ Low Quiescent Current
10µA (No Load) and 90µA (Full Load)
♦ Operates Through Cold-Crank Condition
♦ Withstands 45V Load Dump
♦ Low Dropout Voltage of 300mV
(MAX15006B/MAX15007B)
♦ Stable Operation with Tiny 2.2µF Output Capacitor
♦ Enable Input (MAX15007)
♦ Preset 3.3V and 5.0V Output Voltages
♦ 1.8V to 10V Adjustable Output (MAX15006C/
MAX15007C)
♦ Thermal and Short-Circuit Protection
♦ -40°C to +125°C Operating Temperature Range
♦ Thermally Enhanced 3mm x 3mm 6-Pin TDFN/
8-Pin SO Packages
40V, Ultra-Low Quiescent-Current
Linear Regulators in 6-Pin TDFN/8-Pin SO
________________________________________________________________
Maxim Integrated Products
1
IN
OUT
GND
N.C.
IN
OUT (FB)
MAX15006A
MAX15006B
MAX15006C
123
EP
654
TDFN
+
+
TOP VIEW
N.C.
GND
EP
N.C.
1
2
8
7
OUT
N.C. (FB)
N.C.
N.C.
IN
( ) FOR MAX15006C ONLY.
SO
3
4
6
5
MAX15006A
MAX15006B
MAX15006C
Pin Configurations
19-0663; Rev 5; 11/11
For pricing, delivery, and ordering information, please contact Maxim Direct at 1-888-629-4642,
or visit Maxim’s website at www.maxim-ic.com.
Pin Configurations continued at end of data sheet.
Ordering Information
Ordering Information continued at end of data sheet.
+
Denotes a lead(Pb)-free/RoHS-compliant package.
/V denotes an automotive qualified part.
*
EP = Exposed pad.
PART
TEMP RANGE
PIN-
PACKAGE
TOP
MARK
MAX15006AASA+
-40°C to +125°C 8 SO-EP*
MAX15006AASA/V+ -40°C to +125°C 8 SO-EP*
MAX15006AATT+
-40°C to +125°C 6 TDFN-EP*
APE
MAX15006AATT/V+ -40°C to +125°C 6 TDFN-EP*
AUR


Similar Part No. - MAX15006_1111

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX15006 MAXIM-MAX15006_11 Datasheet
313Kb / 14P
   40V, Ultra-Low Quiescent-Current Linear Regulators in 6-Pin TDFN/8-Pin SO
Rev 4; 7/11
More results

Similar Description - MAX15006_1111

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX15006 MAXIM-MAX15006_09 Datasheet
258Kb / 14P
   40V, Ultra-Low Quiescent-Current Linear Regulators in 6-Pin TDFN/8-Pin SO
Rev 2; 11/09
MAX15006 MAXIM-MAX15006_10 Datasheet
313Kb / 14P
   40V, Ultra-Low Quiescent-Current Linear Regulators in 6-Pin TDFN/8-Pin SO
Rev 3; 12/10
MAX15006 MAXIM-MAX15006_11 Datasheet
313Kb / 14P
   40V, Ultra-Low Quiescent-Current Linear Regulators in 6-Pin TDFN/8-Pin SO
Rev 4; 7/11
MAX15006 MAXIM-MAX15006 Datasheet
313Kb / 15P
   40V, Ultra-Low Quiescent-Current Linear Regulators in 6-Pin TDFN/8-Pin SO
Rev 0; 10/06
MAX15006 MAXIM-MAX15006_13 Datasheet
437Kb / 14P
   40V, Ultra-Low Quiescent-Current Linear Regulators in 6-Pin TDFN/8-Pin SO
Rev 6; 1/13
logo
Monolithic Power System...
MPQ2013-AEC1 MPS-MPQ2013-AEC1 Datasheet
509Kb / 13P
   40V, 150mA, Low Quiescent Current Linear Regulator without EN Pin, MPQ2013A-AEC1 with EN Pin
logo
Intersil Corporation
ISL80136IBEAJZ INTERSIL-ISL80136IBEAJZ Datasheet
500Kb / 10P
   40V, Low Quiescent Current, 50mA Linear Regulator
August 11, 2015
ISL80138 INTERSIL-ISL80138_14 Datasheet
336Kb / 9P
   40V, Low Quiescent Current, 150mA Linear Regulator
January 11, 2012
logo
Monolithic Power System...
MP2013 MPS-MP2013 Datasheet
668Kb / 15P
   40V, 150mA, Low Quiescent Current Linear Regulator
logo
Intersil Corporation
ISL80138 INTERSIL-ISL80138 Datasheet
418Kb / 9P
   40V, Low Quiescent Current, 150mA Linear Regulator
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com