Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MAX15070B Datasheet(PDF) 6 Page - Maxim Integrated Products

Part # MAX15070B
Description  7A Sink, 3A Source, 12ns, SOT23 MOSFET Drivers
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX15070B Datasheet(HTML) 6 Page - Maxim Integrated Products

  MAX15070B Datasheet HTML 1Page - Maxim Integrated Products MAX15070B Datasheet HTML 2Page - Maxim Integrated Products MAX15070B Datasheet HTML 3Page - Maxim Integrated Products MAX15070B Datasheet HTML 4Page - Maxim Integrated Products MAX15070B Datasheet HTML 5Page - Maxim Integrated Products MAX15070B Datasheet HTML 6Page - Maxim Integrated Products MAX15070B Datasheet HTML 7Page - Maxim Integrated Products MAX15070B Datasheet HTML 8Page - Maxim Integrated Products MAX15070B Datasheet HTML 9Page - Maxim Integrated Products  
Zoom Inzoom in Zoom Outzoom out
 6 / 9 page
background image
7A Sink, 3A Source,
12ns, SOT23 MOSFET Drivers
6
Pin Description
Functional Diagram
Pin Configuration
6V+
5
P_OUT
1
IN+
SOT23
TOP VIEW
GND 2
IN- 3
N_OUT
4
MAX15070A
MAX15070B
+
N
N_OUT
P_OUT
IN-
V+
GND
P
BREAK-
BEFORE-
MAKE
CONTROL
IN+
MAX15070A
MAX15070B
PIN
NAME
FUNCTION
1
IN+
Noninverting Logic Input. Connect IN+ to V+ when not used.
2
GND
Ground
3
IN-
Inverting Logic Input. Connect IN- to GND when not used.
4
N_OUT
Driver Sink Output. Open-drain n-channel output. Sinks current for power MOSFET turn-off.
5
P_OUT
Driver Source Output. Open-drain p-channel output. Sources current for power MOSFET turn-on.
6
V+
Power-Supply Input. Bypass V+ to GND with a 1FF low-ESR ceramic capacitor.


Similar Part No. - MAX15070B

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX15070BAUT MAXIM-MAX15070BAUT Datasheet
1Mb / 9P
   7A Sink, 3A Source, 12ns, SOT23 MOSFET Drivers
Rev 3; 5/13
MAX15070BAUT++ MAXIM-MAX15070BAUT+ Datasheet
829Kb / 10P
   7A Sink, 3A Source, 12ns, SOT23 MOSFET Drivers
2019
More results

Similar Description - MAX15070B

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX15070A MAXIM-MAX15070A_V01 Datasheet
829Kb / 10P
   7A Sink, 3A Source, 12ns, SOT23 MOSFET Drivers
2019
MAX15070A MAXIM-MAX15070A_13 Datasheet
1Mb / 9P
   7A Sink, 3A Source, 12ns, SOT23 MOSFET Drivers
Rev 3; 5/13
MAX25615 MAXIM-MAX25615 Datasheet
808Kb / 9P
   7A Sink, 3A Source, 12ns, SOT23 MOSFET Driver
Rev 2; 11/18
MAX17600 MAXIM-MAX17600_17 Datasheet
1Mb / 13P
   4A Sink/Source Current, 12ns, Dual MOSFET Drivers
Rev 2; 6/17
MAX17600 MAXIM-MAX17600 Datasheet
2Mb / 12P
   4A Sink /Source Current, 12ns, Dual MOSFET Drivers
Rev 1; 5/12
MAX5048C MAXIM-MAX5048C Datasheet
1Mb / 11P
   7A Sink/3A Source Current
Rev 1; 1/15
MAX5048 MAXIM-MAX5048 Datasheet
292Kb / 9P
   7.6A, 12ns, SOT23 MOSFET Driver
Rev 2; 5/03
MAX5048A MAXIM-MAX5048A Datasheet
267Kb / 11P
   7.6A, 12ns, SOT23/TDFN, MOSFET Driver
Rev 6; 10/14
MAX5048 MAXIM-MAX5048_05 Datasheet
661Kb / 11P
   7.6A, 12ns, SOT23/TDFN, MOSFET Driver
Rev 4; 7/05
MAX5048BAUTTG16 MAXIM-MAX5048BAUTTG16 Datasheet
257Kb / 11P
   7.6A, 12ns, SOT23/TDFN, MOSFET Driver
Rev 5; 11/12
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com