Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MAX16020 Datasheet(PDF) 6 Page - Maxim Integrated Products

Part # MAX16020
Description  Low-Power uP Supervisory Circuits with Battery-Backup Circuit and Chip-Enable Gating
Download  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX16020 Datasheet(HTML) 6 Page - Maxim Integrated Products

Back Button MAX16020 Datasheet HTML 2Page - Maxim Integrated Products MAX16020 Datasheet HTML 3Page - Maxim Integrated Products MAX16020 Datasheet HTML 4Page - Maxim Integrated Products MAX16020 Datasheet HTML 5Page - Maxim Integrated Products MAX16020 Datasheet HTML 6Page - Maxim Integrated Products MAX16020 Datasheet HTML 7Page - Maxim Integrated Products MAX16020 Datasheet HTML 8Page - Maxim Integrated Products MAX16020 Datasheet HTML 9Page - Maxim Integrated Products MAX16020 Datasheet HTML 10Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 21 page
background image
Low-Power µP Supervisory Circuits with
Battery-Backup Circuit and Chip-Enable Gating
6
_______________________________________________________________________________________
VCC SUPPLY CURRENT
vs. SUPPLY VOLTAGE
SUPPLY VOLTAGE (V)
5.0
4.5
4.0
3.5
3.0
2.5
2.0
1
2
3
4
5
0
1.5
5.5
MAX16020PTEZ+
VCC SUPPLY CURRENT
vs. TEMPERATURE (IOUT = 0mA)
TEMPERATURE (
°C)
-15
60
35
10
1
2
3
4
5
6
0
-40
85
MAX16020PTEZ+
BATT SUPPLY CURRENT
vs. SUPPLY VOLTAGE
SUPPLY VOLTAGE (V)
5.0
3.0
0.5
4.5
1.0
0.1
0.2
0.3
0.4
0.5
0.6
0.7
0
0
5.5
2.0
1.5
4.0
3.5
2.5
MAX16020PTEZ+
VBATT = 2.5V
BATTERY SUPPLY CURRENT
vs. TEMPERATURE (VCC = 0V)
TEMPERATURE (
°C)
-15
60
35
10
0.1
0.2
0.3
0.4
0.5
0
-40
85
VBATT = 3.0V
BATT STANDBY CURRENT
vs. TEMPERATURE
TEMPERATURE (
°C)
-15
60
35
10
-4
0
2
3
5
-5
4
-1
-3
1
-2
-40
85
VCC = 3.2V
VBATT = 3.0V
VCC TO OUT ON-RESISTANCE
vs. SUPPLY VOLTAGE
SUPPLY VOLTAGE (V)
2.5
2.0
3.0
1.0
0.5
1.5
2.0
2.5
3.0
3.5
4.0
0
1.5
5.5
5.0
3.5
4.5
4.0
MAX16020PTEZ+
IOUT = 25mA
IOUT = 10mA
Typical Operating Characteristics
(VCC = 5V, VBATT = 0V, TA = +25°C, unless otherwise noted.)
Table 2. Low-Line Threshold Ranges
LOW-LINE THRESHOLD RANGES (V)
SUFFIX
MIN
TYP
MAX
L
4.627
4.806
4.955
M
4.378
4.543
4.683
T
3.075
3.181
3.274
S
2.922
3.023
3.111
R
2.620
2.409
2.787
Z
2.309
2.383
2.450
Y
2.180
2.246
2.311
W
1.653
1.704
1.752
V
1.563
1.612
1.657


Similar Part No. - MAX16020

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX16020 MAXIM-MAX16020 Datasheet
214Kb / 21P
   Low-Power 關P Supervisory Circuits with Battery-Backup Circuit and Chip-Enable Gating
Rev 2; 10/08
MAX16020 MAXIM-MAX16020 Datasheet
209Kb / 21P
   Low-Power 關P Supervisory Circuits with Battery-Backup Circuit and Chip-Enable Gating
Rev 3; 12/08
MAX16020_TE_+T MAXIM-MAX16020_TE_+T Datasheet
214Kb / 21P
   Low-Power 關P Supervisory Circuits with Battery-Backup Circuit and Chip-Enable Gating
Rev 2; 10/08
MAX16020_TE_+T MAXIM-MAX16020_TE_+T Datasheet
209Kb / 21P
   Low-Power 關P Supervisory Circuits with Battery-Backup Circuit and Chip-Enable Gating
Rev 3; 12/08
More results

Similar Description - MAX16020

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX16016 MAXIM-MAX16016_11 Datasheet
262Kb / 21P
   Low-Power μP Supervisory Circuits with Battery-Backup Circuit and Chip-Enable Gating
Rev 5; 4/11
MAX16016_0812 MAXIM-MAX16016_0812 Datasheet
209Kb / 21P
   Low-Power 關P Supervisory Circuits with Battery-Backup Circuit and Chip-Enable Gating
Rev 3; 12/08
MAX16016 MAXIM-MAX16016 Datasheet
214Kb / 21P
   Low-Power 關P Supervisory Circuits with Battery-Backup Circuit and Chip-Enable Gating
Rev 2; 10/08
MAX6365 MAXIM-MAX6365_11 Datasheet
175Kb / 15P
   SOT23, Low-Power μP Supervisory Circuits with Battery Backup and Chip-Enable Gating
Rev 5; 10/11
MAX6365 MAXIM-MAX6365_09 Datasheet
248Kb / 15P
   SOT23, Low-Power μP Supervisory Circuits with Battery Backup and Chip-Enable Gating
Rev 4; 5/09
MAX6365 MAXIM-MAX6365 Datasheet
221Kb / 15P
   SOT23, Low-Power 關P Supervisory Circuits with Battery Backup and Chip-Enable Gating
Rev 1; 6/01
MAX6361 MAXIM-MAX6361_05 Datasheet
178Kb / 12P
   SOT23, Low-Power μP Supervisory Circuits with Battery Backup
Rev 3; 11/05
MAX6361 MAXIM-MAX6361_11 Datasheet
124Kb / 11P
   SOT23, Low-Power μP Supervisory Circuits with Battery Backup
Rev 4; 10/11
MAX6361 MAXIM-MAX6361 Datasheet
104Kb / 8P
   SOT23, Low-Power 關P Supervisory Circuits with Battery Backup
Rev 0; 1/00
MAX703 MAXIM-MAX703 Datasheet
351Kb / 8P
   Low-Cost 關P Supervisory Circuits with Battery Backup
Rev 1; 4/94
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com