Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MAX6732UTWGD3-T Datasheet(PDF) 8 Page - Maxim Integrated Products

Part # MAX6732UTWGD3-T
Description  Single-/Dual-/Triple-Voltage uP Supervisory Circuits with Independent Watchdog Output
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX6732UTWGD3-T Datasheet(HTML) 8 Page - Maxim Integrated Products

Back Button MAX6732UTWGD3-T Datasheet HTML 4Page - Maxim Integrated Products MAX6732UTWGD3-T Datasheet HTML 5Page - Maxim Integrated Products MAX6732UTWGD3-T Datasheet HTML 6Page - Maxim Integrated Products MAX6732UTWGD3-T Datasheet HTML 7Page - Maxim Integrated Products MAX6732UTWGD3-T Datasheet HTML 8Page - Maxim Integrated Products MAX6732UTWGD3-T Datasheet HTML 9Page - Maxim Integrated Products MAX6732UTWGD3-T Datasheet HTML 10Page - Maxim Integrated Products MAX6732UTWGD3-T Datasheet HTML 11Page - Maxim Integrated Products MAX6732UTWGD3-T Datasheet HTML 12Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 15 page
background image
Detailed Description
Supply Voltages
The MAX6730–MAX6735 microprocessor (µP) supervi-
sors maintain system integrity by alerting the µP to fault
conditions. The MAX6730–MAX6735 monitor one to
three supply voltages in µP-based systems and assert
an active-low reset output when any monitored supply
voltage drops below its preset threshold. The output
state remains valid for VCC1 or VCC2 greater than +0.8V.
Threshold Levels
The two-letter code in the Reset Voltage Threshold
Suffix Guide (Table 1) indicates the threshold level
combinations for VCC1 and VCC2.
Reset Output
The MAX6730–MAX6735 feature an active-low reset out-
put (RST). RST asserts when the voltage at either VCC1 or
VCC2 falls below the voltage threshold level, VRSTIN
drops below its threshold, or MR is driven low (Figure 1).
RST remains low for the reset timeout period (Table 2)
after VCC1, VCC2, and RSTIN increase above their
respective thresholds and after MR releases high.
Whenever VCC1, VCC2, or RSTIN go below the reset
threshold before the end of the reset timeout period, the
internal timer restarts. The MAX6730/MAX6732/ MAX6734
provide an open-drain RST output, and the MAX6731/
MAX6733/MAX6735 provide a push-pull RST output.
Single-/Dual-/Triple-Voltage µP Supervisory
Circuits with Independent Watchdog Output
8
_______________________________________________________________________________________
Table 1. Reset Voltage Threshold Suffix Guide**
PART NO. SUFFIX
VCC1 NOMINAL
VOLTAGE
THRESHOLD(V)
VCC2 NOMINAL
VOLTAGE
THRESHOLD (V)
LT
4.625
3.075
MS
4.375
2.925
MR
4.375
2.625
TZ
3.075
2.313
SY
2.925
2.188
RY
2.625
2.188
TW
3.075
1.665
SV
2.925
1.575
RV
2.625
1.575
TI
3.075
1.388
SH
2.925
1.313
RH
2.625
1.313
TG
3.075
1.110
SF
2.925
1.050
RF
2.625
1.050
TE
3.075
0.833
SD
2.925
0.788
RD
2.625
0.788
ZW
2.313
1.665
YV
2.188
1.575
ZI
2.313
1.388
YH
2.188
1.313
ZG
2.313
1.110
YF
2.188
1.050
ZE
2.313
0.833
YD
2.188
0.788
WI
1.665
1.388
VH
1.575
1.313
WG
1.665
1.110
VF
1.575
1.050
WE
1.665
0.833
VD
1.575
0.788
**
Standard versions are shown in bold and are available in a
D3 timeout option only. Standard versions require 2500-piece
order increments and are typically held in sample stock. There
is a 10,000-piece order increment on nonstandard versions.
Other threshold voltages may be available; contact factory
for availability.
Table 2. Reset Timeout Period Suffix Guide
ACTIVE TIMEOUT PERIOD
TIMEOUT
PERIOD SUFFIX
MIN (ms)
MAX (ms)
D1
1.1
2.2
D2
8.8
17.6
D3
140
280
D5
280
560
D6
560
1120
D4
1120
2240


Similar Part No. - MAX6732UTWGD3-T

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX6732UTWGD3-T MAXIM-MAX6732UTWGD3-T Datasheet
244Kb / 16P
   Single-/Dual-/Triple-Voltage uP Supervisory Circuits with Independent Watchdog Output
Rev 2; 1/03
More results

Similar Description - MAX6732UTWGD3-T

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX6730 MAXIM-MAX6730 Datasheet
244Kb / 16P
   Single-/Dual-/Triple-Voltage uP Supervisory Circuits with Independent Watchdog Output
Rev 2; 1/03
MAX6730A MAXIM-MAX6730A Datasheet
459Kb / 16P
   Single-/Dual-/Triple-Voltage μP Supervisory Circuits with Independent Watchdog Output
Rev 0; 8/06
MAX6730 MAXIM-MAX6730_09 Datasheet
205Kb / 15P
   Single-/Dual-/Triple-Voltage 關P Supervisory Circuits with Independent Watchdog Output
Rev 5; 3/09
logo
Analog Devices
ADM6316DZ26ARJZ-R7 AD-ADM6316DZ26ARJZ-R7 Datasheet
254Kb / 16P
   Supervisory Circuits with Watchdog
Rev. F
logo
Maxim Integrated Produc...
MAX6736 MAXIM-MAX6736_05 Datasheet
664Kb / 16P
   Low-Power Dual-/Triple-Voltage SC70 uP Supervisory Circuits
19-2531; Rev 2; 12/05
MAX6715A MAXIM-MAX6715A Datasheet
184Kb / 18P
   Dual/Triple, Ultra-Low-Voltage, SOT23 uP Supervisory Circuits
Rev 3; 9/08
logo
Analog Devices
ADM6316CY29ARJZ-R7 AD-ADM6316CY29ARJZ-R7 Datasheet
254Kb / 16P
   Supervisory Circuits with Watchdog
Rev. F
logo
ams AG
AS1910 AMSCO-AS1910 Datasheet
158Kb / 2P
   Dual-Voltage Microprocessor Supervisory Circuits with Reset and Watchdog
logo
Maxim Integrated Produc...
MAX6715 MAXIM-MAX6715_05 Datasheet
720Kb / 19P
   Dual/Triple Ultra-Low-Voltage SOT23 uP Supervisory Circuits
19-2325; Rev 5; 12/05
MAX6718UKTGD3 MAXIM-MAX6718UKTGD3 Datasheet
720Kb / 19P
   Dual/Triple Ultra-Low-Voltage SOT23 uP Supervisory Circuits
Rev 5; 12/05
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com