Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MAX17135 Datasheet(PDF) 10 Page - Maxim Integrated Products

Part # MAX17135
Description  Multi-Output DC-DC Power Supply with VCOM Amplifier and Temperature Sensor for E-Paper Applications
Download  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX17135 Datasheet(HTML) 10 Page - Maxim Integrated Products

Back Button MAX17135 Datasheet HTML 6Page - Maxim Integrated Products MAX17135 Datasheet HTML 7Page - Maxim Integrated Products MAX17135 Datasheet HTML 8Page - Maxim Integrated Products MAX17135 Datasheet HTML 9Page - Maxim Integrated Products MAX17135 Datasheet HTML 10Page - Maxim Integrated Products MAX17135 Datasheet HTML 11Page - Maxim Integrated Products MAX17135 Datasheet HTML 12Page - Maxim Integrated Products MAX17135 Datasheet HTML 13Page - Maxim Integrated Products MAX17135 Datasheet HTML 14Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 23 page
background image
10
Multi-Output DC-DC Power Supply with
VCOM Amplifier and Temperature Sensor for
E-Paper Applications
Pin Configuration
Pin Description
MAX17135
TQFN
TOP VIEW
29
30
28
27
12
11
13
14
12
HVINP
45
67
23
24
22
20
19 18
LXP
PGND
DXP
SDA
SCL
VDD
3
21
31
10
FBP
DN
32
9
IN
PGVEE
EP
+
INN
26
15 DXN
LXN
25
16 EN
8
17
HVINN
PIN
NAME
FUNCTION
1
DP
Regulated Charge-Pump Driver for GVDD. Connect to flying capacitor.
2
PGVDD
Supplies the HVINP Voltage for the Positive Charge Pump. Connect as shown in Figure 2.
3
FBPG
Feedback Input for GVDD
4
DGVDD
GVDD Discharge. Connect the output of the positive charge pump to DGVDD as shown in Figure 2.
5
POK
Power-OK. Driven high when the outputs of the gate- and source-driver power supplies are all in
regulation.
6
DGVEE
GVEE Discharge. Connect the output of the negative charge pump to DGVEE as shown in Figure 2.
7
REF
Voltage Reference. Bypass to GND with a minimum 0.1FF ceramic capacitor.
8
FBNG
Feedback Input for GVEE
9
PGVEE
Supplies the HVINN Voltage to the Negative Charge Pump for the GVEE Output. Connect as shown in
Figure 2.
10
DN
Regulated Charge-Pump Driver for GVEE. Connect to flying capacitor.
11
VDD
Logic Supply Input for the I2C. Bypass to GND through a minimum 0.1FF capacitor.
12
SCL
I2C Serial Clock Input
13
SDA
I2C Serial Data Input/Output
14
DXP
External Temperature-Sensing Diode Anode Connection. Bypass DXP to DXN with a 2200pF ceramic
capacitor.


Similar Part No. - MAX17135

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX17135 MAXIM-MAX17135 Datasheet
1Mb / 23P
   Multi-Output DC-DC Power Supply with VCOM Amplifier and Temperature Sensor for E-Paper Applications
Rev 2; 5/12
MAX17135 MAXIM-MAX17135 Datasheet
2Mb / 12P
   Measures Remote Diode Temperature
Rev 1; 1/12
MAX17135ETJ++ MAXIM-MAX17135ETJ+ Datasheet
1Mb / 23P
   Multi-Output DC-DC Power Supply with VCOM Amplifier and Temperature Sensor for E-Paper Applications
Rev 2; 5/12
MAX17135EVKIT MAXIM-MAX17135EVKIT Datasheet
2Mb / 12P
   Measures Remote Diode Temperature
Rev 1; 1/12
MAX17135EVKIT# MAXIM-MAX17135EVKIT# Datasheet
2Mb / 12P
   Measures Remote Diode Temperature
Rev 1; 1/12
More results

Similar Description - MAX17135

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX17135_1205 MAXIM-MAX17135_1205 Datasheet
1Mb / 23P
   Multi-Output DC-DC Power Supply with VCOM Amplifier and Temperature Sensor for E-Paper Applications
Rev 2; 5/12
logo
Anpec Electronics Corop...
APW7223 ANPEC-APW7223 Datasheet
394Kb / 28P
   Multi-Output Power Supply with VCOM Amplifier for EPD
logo
Good Will Instrument Co...
GPP-1326 GWINSTEK-GPP-1326 Datasheet
501Kb / 2P
   MULTI-OUTPUT PROGRAMMABLE DC POWER SUPPLY
logo
Semtech Corporation
SC1110 SEMTECH-SC1110_04 Datasheet
295Kb / 12P
   Sink and Source DC/DC Controller for Termination Power Supply Applications
logo
Maxim Integrated Produc...
MAX17126 MAXIM-MAX17126 Datasheet
2Mb / 34P
   Multi-Output Power Supplies with VCOM Amplifier and High-Voltage Gamma Reference for LCD TVs
Rev 1; 3/10
logo
Semtech Corporation
SC1110 SEMTECH-SC1110 Datasheet
96Kb / 7P
   SINK AND SOURCE DC/DC CONTROLLER FOR TERMINATION POWER SUPPLY APPLICATIONS
logo
Maxim Integrated Produc...
MAX17126B MAXIM-MAX17126B Datasheet
2Mb / 34P
   Multi-Output Power Supplies with VCOM Amplifier and High-Voltage Gamma Reference for LCD TVs
Rev 0; 9/11
logo
Renesas Technology Corp
VPA2000 RENESAS-VPA2000 Datasheet
1Mb / 25P
   TFT-LCD Power Supply with VCOM Amplifier
2019
logo
Semtech Corporation
SC1102 SEMTECH-SC1102 Datasheet
146Kb / 10P
   SYNCHRONOUS DC/DC CONTROLLER FOR DISTRIBUTED POWER SUPPLY APPLICATIONS
logo
List of Unclassifed Man...
RT9237 ETC-RT9237 Datasheet
323Kb / 15P
   MULTI-PHASE DC/DC CONTROLLER FOR CPU CORE POWER SUPPLY
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com