Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MAX17497B Datasheet(PDF) 7 Page - Maxim Integrated Products

Part # MAX17497B
Description  AC-DC and DC-DC Peak-Current-Mode Converters with Integrated Step-Down Regulator
Download  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX17497B Datasheet(HTML) 7 Page - Maxim Integrated Products

Back Button MAX17497B Datasheet HTML 3Page - Maxim Integrated Products MAX17497B Datasheet HTML 4Page - Maxim Integrated Products MAX17497B Datasheet HTML 5Page - Maxim Integrated Products MAX17497B Datasheet HTML 6Page - Maxim Integrated Products MAX17497B Datasheet HTML 7Page - Maxim Integrated Products MAX17497B Datasheet HTML 8Page - Maxim Integrated Products MAX17497B Datasheet HTML 9Page - Maxim Integrated Products MAX17497B Datasheet HTML 10Page - Maxim Integrated Products MAX17497B Datasheet HTML 11Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 30 page
background image
 Maxim Integrated Products 7
AC-DC and DC-DC Peak-Current-Mode Converters
with Integrated Step-Down Regulator
MAX17497A/MAX17497B
Typical Operating Characteristics (continued)
(VIN = +15V, VEN/UVLO = +2V, COMPF = open, CIN = 1FF, CVCC = 1FF, TA = TJ = -40NC to +125NC, unless otherwise noted. Typical
values are at TA = +25NC.)
LXF AND PRIMARY
CURRENT WAVEFORM
MAX17497A/B toc10
2µs/div
VLXF
100V/div
IPRI
1A/div
MAX17497A/B toc12
4ms/div
ENABLE SHUTDOWN WAVEFORM
(FULL LOAD)
VDC
200V/div
VOUTF
10V/div
VOUTB
2V/div
EN/UVLO
5V/div
PEAK CURRENT LIMIT (ILIMF)
vs. RLIMF AT ROOM TEMPERATURE
RLIMF AT ROOM TEMPERATURE (kI)
70
60
40
50
20
30
10
200
400
600
800
1000
1200
1400
1600
1800
0
080
ENABLE STARTUP WAVEFORM
(FULL LOAD)
MAX17497A/B toc11
4ms/div
VDC
200V/div
VOUTF
10V/div
VOUTB
2V/div
EN/UVLO
5V/div
RESETN WAVEFORM
MAX17497A/B toc13
2ms/div
VRESETN
5V/div
VOUTF
5V/div
VOUTB
2V/div
PEAK-CURRENT LIMIT AT RLIMF = 100kI
vs. TEMPERATURE
MAX17497A/B toc15
TEMPERATURE (°C)
100
80
60
40
20
0
-20
1.95
1.96
1.97
1.98
1.99
2.00
1.94
-40
120


Similar Part No. - MAX17497B

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX17497B MAXIM-MAX17497B Datasheet
3Mb / 30P
   AC-DC and DC-DC Peak-Current-Mode Converters with Integrated Step-Down Regulator
Rev 1; 1/12
MAX17497BATE++ MAXIM-MAX17497BATE+ Datasheet
3Mb / 30P
   AC-DC and DC-DC Peak-Current-Mode Converters with Integrated Step-Down Regulator
Rev 1; 1/12
More results

Similar Description - MAX17497B

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX17497A MAXIM-MAX17497A_12 Datasheet
3Mb / 30P
   AC-DC and DC-DC Peak-Current-Mode Converters with Integrated Step-Down Regulator
Rev 1; 1/12
MAX17497A MAXIM-MAX17497A_13 Datasheet
3Mb / 30P
   AC-DC and DC-DC Peak Current-Mode Converters with Integrated Step-Down Regulator
Rev 3; 4/13
MAX17498A MAXIM-MAX17498A Datasheet
2Mb / 28P
   AC-DC and DC-DC Peak-Current-Mode Converters for Flyback/Boost Applications
Rev 1; 3/12
MAX17498A MAXIM-MAX17498A_13 Datasheet
1Mb / 20P
   AC-DC and DC-DC Peak Current-Mode Converters for Flyback/Boost Applications
Rev 3; 4/13
MAX17498AATE MAXIM-MAX17498AATE Datasheet
1Mb / 20P
   AC-DC and DC-DC Peak Current-Mode Converters for Flyback/Boost Applicatio
Rev 3; 4/13
MAX17498A MAXIM-MAX17498A_V01 Datasheet
1Mb / 20P
   AC-DC and DC-DC Peak Current-Mode Converters for Flyback/Boost Applications
2020
MAX748A MAXIM-MAX748A Datasheet
135Kb / 12P
   3.3V, Step-Down, Current-Mode PWM DC-DC Converters
Rev 0; 9/93
logo
STMicroelectronics
ST763A STMICROELECTRONICS-ST763A Datasheet
252Kb / 10P
   3.3V STEP DOWN CURRENT MODE PWM DC-DC CONVERTERS
ST750A STMICROELECTRONICS-ST750A_07 Datasheet
266Kb / 14P
   Adjustable step-down, current-mode PWM DC-DC converters
ST730A STMICROELECTRONICS-ST730A Datasheet
260Kb / 9P
   5V STEP-DOWN, CURRENT-MODE PWM DC-DC CONVERTERS
January 2003
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com