Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MAX31855 Datasheet(PDF) 4 Page - Maxim Integrated Products

Part # MAX31855
Description  Cold-Junction Compensated Thermocouple-to-Digital Converter
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX31855 Datasheet(HTML) 4 Page - Maxim Integrated Products

  MAX31855 Datasheet HTML 1Page - Maxim Integrated Products MAX31855 Datasheet HTML 2Page - Maxim Integrated Products MAX31855 Datasheet HTML 3Page - Maxim Integrated Products MAX31855 Datasheet HTML 4Page - Maxim Integrated Products MAX31855 Datasheet HTML 5Page - Maxim Integrated Products MAX31855 Datasheet HTML 6Page - Maxim Integrated Products MAX31855 Datasheet HTML 7Page - Maxim Integrated Products MAX31855 Datasheet HTML 8Page - Maxim Integrated Products MAX31855 Datasheet HTML 9Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 13 page
background image
����������������������������������������������������������������� Maxim Integrated Products 4
MAX31855
Cold-Junction Compensated
Thermocouple-to-Digital Converter
Note 2: All voltages are referenced to GND. Currents entering the IC are specified positive, and currents exiting the IC are negative.
Note 3: Guaranteed by design; not production tested.
Note 4: Not including cold-junction temperature error or thermocouple nonlinearity.
Note 5: Specification is 100% tested at TA = +25NC. Specification limits over temperature (TA = TMIN to TMAX) are guaranteed by
design and characterization; not production tested.
Note 6: Because the thermocouple temperature conversions begin at VPOR, depending on VCC slew rates, the first thermocouple
temperature conversion may not produce an accurate result. Therefore, the tCONV_PU specification is required after VCC is
greater than VCCMIN to guarantee a valid thermocouple temperature conversion result.
Note 7: For all pins except T+ and T- (see the Thermocouple Input Bias Current parameter in the DC Electrical Characteristics
table).
SERIAL-INTERFACE TIMING CHARACTERISTICS
(See Figure 1 and Figure 2.)
THERMAL CHARACTERISTICS (continued)
(3.0V P VCC P 3.6V, TA = -40NC to +125NC, unless otherwise noted.) (Note 4)
PARAMETER
SYMBOL
CONDITIONS
MIN
TYP
MAX
UNITS
Input Leakage Current
ILEAK
(Note 7)
-1
+1
µA
Input Capacitance
CIN
8
pF
Serial-Clock Frequency
fSCL
5
MHz
SCK Pulse-High Width
tCH
100
ns
SCK Pulse-Low Width
tCL
100
ns
SCK Rise and Fall Time
200
ns
CS Fall to SCK Rise
tCSS
100
ns
SCK to CS Hold
100
ns
CS Fall to Output Enable
tDV
100
ns
CS Rise to Output Disable
tTR
40
ns
SCK Fall to Output Data Valid
tDO
40
ns
CS Inactive Time
(Note 3)
200
ns
PARAMETER
SYMBOL
CONDITIONS
MIN
TYP
MAX
UNITS
Thermocouple Temperature Data
Resolution
0.25
N
C
Internal Cold-Junction
Temperature Error
TA = -20NC to +85NC (Note 3)
-2
+2
N
C
TA = -40NC to +125NC (Note 3)
-3
+3
Cold-Junction Temperature Data
Resolution
TA = -40NC to +125NC
0.0625
N
C
Temperature Conversion Time
(Thermocouple, Cold Junction,
Fault Detection)
tCONV
(Note 5)
70
100
ms
Thermocouple Conversion
Power-Up Time
tCONV_PU (Note 6)
200
ms


Similar Part No. - MAX31855

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX31855 MAXIM-MAX31855 Datasheet
1Mb / 13P
   Cold-Junction Compensated Thermocouple-to-Digital Converter
Rev 0; 3/11
MAX31855 MAXIM-MAX31855 Datasheet
1Mb / 13P
   Cold-Junction Compensated Thermocouple-to-Digital Converter
Rev 2; 2/12
MAX31855 MAXIM-MAX31855 Datasheet
918Kb / 12P
   Includes Everything Needed to Evaluate a K-Type Thermocouple
19-6072; Rev 0; 10/11
MAX31855 MAXIM-MAX31855 Datasheet
568Kb / 13P
   Cold-Junction Compensated Thermocouple-to-Digital Converter
19-5793; Rev 5; 1/15
MAX31855EASA MAXIM-MAX31855EASA Datasheet
1Mb / 13P
   Cold-Junction Compensated Thermocouple-to-Digital Converter
Rev 0; 3/11
More results

Similar Description - MAX31855

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX31855 MAXIM-MAX31855_12 Datasheet
1Mb / 13P
   Cold-Junction Compensated Thermocouple-to-Digital Converter
Rev 2; 2/12
MAX31855 MAXIM-MAX31855 Datasheet
1Mb / 13P
   Cold-Junction Compensated Thermocouple-to-Digital Converter
Rev 0; 3/11
MAX31855 MAXIM-MAX31855_V01 Datasheet
568Kb / 13P
   Cold-Junction Compensated Thermocouple-to-Digital Converter
19-5793; Rev 5; 1/15
MAX6674 MAXIM-MAX6674 Datasheet
131Kb / 8P
   Cold-Junction-Compensated K-Thermocouple to-Digital Converter (0째C to 128째C)
Rev 1; 8/02
MAX6675 MAXIM-MAX6675_V01 Datasheet
556Kb / 8P
   Cold-Junction-Compensated K-Thermocouple to-Digital Converter (0째C to 1024째C)
19-2235; Rev 3; 6/21
MAX6674 MAXIM-MAX6674_V01 Datasheet
559Kb / 8P
   Cold-Junction-Compensated K-Thermocouple to-Digital Converter (0째C to 128째C)
19-2241; Rev 2; 4/14
MAX31850 MAXIM-MAX31850 Datasheet
1Mb / 25P
   Cold-Junction Compensated, 1-Wire Thermocouple-to-Digital Converters
Rev 0; 6/13
MAX6675ISA MAXIM-MAX6675ISA Datasheet
411Kb / 8P
   Cold-Junction-Compensated K-Thermocouple to-digital converter (0°C to 1024°C)
Rev 1; 3/02
MAX6675 MAXIM-MAX6675 Datasheet
130Kb / 8P
   Cold-Junction-Compensated K-Thermocoupleto-Digital Converter (0째C to 1024째C)
Rev 1; 3/02
logo
Linear Technology
LT1025 LINER-LT1025_15 Datasheet
203Kb / 12P
   Micropower Thermocouple Cold Junction Compensator
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com