Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MAX44251 Datasheet(PDF) 11 Page - Maxim Integrated Products

Part # MAX44251
Description  20V, Ultra-Precision, Low-Noise Op Amps
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX44251 Datasheet(HTML) 11 Page - Maxim Integrated Products

Back Button MAX44251 Datasheet HTML 7Page - Maxim Integrated Products MAX44251 Datasheet HTML 8Page - Maxim Integrated Products MAX44251 Datasheet HTML 9Page - Maxim Integrated Products MAX44251 Datasheet HTML 10Page - Maxim Integrated Products MAX44251 Datasheet HTML 11Page - Maxim Integrated Products MAX44251 Datasheet HTML 12Page - Maxim Integrated Products MAX44251 Datasheet HTML 13Page - Maxim Integrated Products MAX44251 Datasheet HTML 14Page - Maxim Integrated Products MAX44251 Datasheet HTML 15Page - Maxim Integrated Products  
Zoom Inzoom in Zoom Outzoom out
 11 / 15 page
background image
���������������������������������������������������������������� Maxim Integrated Products 11
MAX44251/MAX44252
20V, Ultra-Precision, Low-Noise Op Amps
Error Budget Example
When using the ICs as an ADC buffer in strain gauge
application, the temperature drift should be taken into
consideration to determine maximum input signal. A
typical strain gauge has sensitivity specification of just
2mV/V at rated out load. This means that when the strain
gauge load cell is powered with 10V, the full-scale output
voltage is 20mV. In this application, both offset voltage
and drift are critical parameters that directly affect the
accuracy of measurement. Even though offset voltage
could be calibrated out, its drift over temperature is still
a problem.
The ICs, with a typical offset drift of 5nV/°C, guarantee
that the drift over a 10°C range is only 50nV. Setting this
equal to 0.5 LSB in a 18-bit system yields a full-scale
range of 13mV. With a single 10V supply, an acceptable
closed-loop gain of 770V/V provides sufficient gain while
maintaining headroom.
Precision Low-Side Current Sensing
The ICs’ autozero feature produces ultra-low offset
voltage and drift, making them ideal for precision cur-
rent-sensing applications. Figure 2 shows the ICs in
a low-side current-sense configuration. This circuit pro-
duces an accurate output voltage, VOUT equal to ILOAD
x RSENSE x R2/R1.
Figure 2. Low-Side Current Sensing
Ordering Information
+Denotes a lead(Pb)-free/RoHS-compliant package.
*Future product—contact factory for availability.
Chip Information
PROCESS: BiCMOS
Functional Diagrams
PART
TEMP RANGE
PIN-
PACKAGE
TOP
MARK
MAX44251AKA+
-40NC to +125NC
8 SOT23
AERC
MAX44251AUA+
-40NC to +125NC
8 FMAX
MAX44252ASD+*
-40NC to +125NC
14 SOIC
VSUPPLY
OUT
ILOAD
RSENSE
R1
R2
MAX44251
MAX44252
5
6
7
10
9
8
INB-
INB+
VSS
1
2
8
7
VDD
OUTB
INA-
INA+
OUTA
TOP VIEW
3
4
6
5
MAX44251
+
IND+
VSS
VDD
INB+
1
2
14
13
OUTD
IND-
INA-
INA+
INB-
OUTB
OUTA
3
4
12
11
INC+
INC-
OUTC
MAX44252
+


Similar Part No. - MAX44251

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX44251 MAXIM-MAX44251 Datasheet
2Mb / 17P
   20V, Ultra-Precision, Low-Noise Op Amps
Rev 2; 8/12
MAX44251AKA MAXIM-MAX44251AKA Datasheet
2Mb / 14P
   20V, Ultra-Precision, Low-Noise Op Amps
Rev 3; 4/13
MAX44251AKA++ MAXIM-MAX44251AKA+ Datasheet
2Mb / 17P
   20V, Ultra-Precision, Low-Noise Op Amps
Rev 2; 8/12
MAX44251AKA++ MAXIM-MAX44251AKA+ Datasheet
1Mb / 14P
   20V, Ultra-Precision, Low-Noise Op Amps
2017
MAX44251AUA MAXIM-MAX44251AUA Datasheet
2Mb / 14P
   20V, Ultra-Precision, Low-Noise Op Amps
Rev 3; 4/13
More results

Similar Description - MAX44251

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX44250 MAXIM-MAX44250_13 Datasheet
2Mb / 14P
   20V, Ultra-Precision, Low-Noise Op Amps
Rev 3; 4/13
MAX44252ASD-T MAXIM-MAX44252ASD-T Datasheet
2Mb / 14P
   20V, Ultra-Precision, Low-Noise Op Amps
Rev 3; 4/13
MAX44250 MAXIM-MAX44250_V01 Datasheet
1Mb / 14P
   20V, Ultra-Precision, Low-Noise Op Amps
2017
MAX44250 MAXIM-MAX44250 Datasheet
2Mb / 17P
   20V, Ultra-Precision, Low-Noise Op Amps
Rev 2; 8/12
logo
Linear Technology
LT1028 LINER-LT1028 Datasheet
439Kb / 20P
   Ultra Low Noise Precision High Speed Op Amps
logo
Maxim Integrated Produc...
MAX427 MAXIM-MAX427 Datasheet
406Kb / 12P
   Low Noise, High-Precision Op Amps
19-0095; Rev 0; 11/92
MAX4104 MAXIM-MAX4104 Datasheet
128Kb / 12P
   350MHz, Ultra-Low-Noise Op Amps
19-0442; Rev 1; 11/95
MAX4106 MAXIM-MAX4106 Datasheet
128Kb / 12P
   350MHz, Ultra-Low-Noise Op Amps
Rev 1; 11/95
logo
3PEAK INC.
TP2311 3PEAK-TP2311 Datasheet
1Mb / 20P
   10MHz Bandwidth, Low Noise Precision Op-amps
logo
Linear Technology
LT1113 LINER-LT1113 Datasheet
244Kb / 16P
   Dual Low Noise, Precision, JFET Input Op Amps
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com