Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MAX44252 Datasheet(PDF) 2 Page - Maxim Integrated Products

Part # MAX44252
Description  20V, Ultra-Precision, Low-Noise Op Amps
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX44252 Datasheet(HTML) 2 Page - Maxim Integrated Products

  MAX44252 Datasheet HTML 1Page - Maxim Integrated Products MAX44252 Datasheet HTML 2Page - Maxim Integrated Products MAX44252 Datasheet HTML 3Page - Maxim Integrated Products MAX44252 Datasheet HTML 4Page - Maxim Integrated Products MAX44252 Datasheet HTML 5Page - Maxim Integrated Products MAX44252 Datasheet HTML 6Page - Maxim Integrated Products MAX44252 Datasheet HTML 7Page - Maxim Integrated Products MAX44252 Datasheet HTML 8Page - Maxim Integrated Products MAX44252 Datasheet HTML 9Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 15 page
background image
����������������������������������������������������������������� Maxim Integrated Products 2
MAX44251/MAX44252
20V, Ultra-Precision, Low-Noise Op Amps
Supply Voltage (VDD to VSS).................................-0.3V to +22V
All Other Pins..................................(VSS - 0.3V) to (VDD + 0.3V)
Short-Circuit Duration to Either Supply Rail ............................ 1s
Continuous Input Current (any pin)................................. ±20mA
Differential Input Voltage...................................................... ±6V
Maximum Power Dissipation (TA = +70°C)
SOT23 (derate 9.1 mW/°C above +70°C)...................727mW
µMAX (derate 4.5 mW/°C above +70°C) ....................362mW
SOIC (derate 8.3 mW/°C above +70°C) ..................666.7mW
Operating Temperature Range........................ -40°C to +125NC
Junction Temperature .....................................................+150NC
Storage Temperature Range............................ -65°C to +150NC
Lead Temperature (soldering, 10s) .............................. +300NC
Soldering Temperature (reflow) .................................... +260NC
SOT23
Junction-to-Ambient Thermal Resistance (ΘJA) ....... 196°C/W
Junction-to-Case Thermal Resistance (ΘJC) ...............70°C/W
µMAX
Junction-to-Ambient Thermal Resistance (ΘJA) ........221°C/W
Junction-to-Case Thermal Resistance (ΘJC) ...............42°C/W
SOIC
Junction-to-Ambient Thermal Resistance (ΘJA) ........120°C/W
Junction-to-Case Thermal Resistance (ΘJC) ...............37°C/W
ABSOLUTE MAXIMUM RATINGS
Note 1: Package thermal resistances were obtained using the method described in JEDEC specification JESD51-7, using a four-
layer board. For detailed information on package thermal considerations, refer to www.maxim-ic.com/thermal-tutorial.
Stresses beyond those listed under “Absolute Maximum Ratings” may cause permanent damage to the device. These are stress ratings only, and functional opera-
tion of the device at these or any other conditions beyond those indicated in the operational sections of the specifications is not implied. Exposure to absolute
maximum rating conditions for extended periods may affect device reliability.
PACKAGE THERMAL CHARACTERISTICS (Note 1)
ELECTRICAL CHARACTERISTICS
(VDD = 10V, VSS = 0V, VIN+ = VIN- = VDD/2, RL = 10kI to VDD/2, TA = -40°C to +125°C, unless otherwise noted. Typical values are
at +25°C.) (Note 2)
PARAMETER
SYMBOL
CONDITIONS
MIN
TYP
MAX
UNITS
POWER SUPPLY
Supply Voltage Range
VDD
Guaranteed by PSRR
2.7
20
V
Power-Supply Rejection Ratio
(Note 3)
PSRR
VDD = 2.7V to 20V, VCM = 0V
140
145
dB
Quiescent Current per Amplifier
IDD
RL = J
TA = +25NC
1.15
1.55
mA
-40NC < TA < +125NC
1.75
Power-Up Time
tON
25
F
s
DC SPECIFICATIONS
Input Common-Mode Range
VCM
Guaranteed by CMRR test
VSS -
0.05
VDD -
1.5
V
Common-Mode Rejection Ratio
(Note 3)
CMRR
TA = +25NC, VCM = -0.05V to (VDD -
1.5V)
133
140
dB
-40NC < TA < +125NC
130


Similar Part No. - MAX44252

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX44252 MAXIM-MAX44252 Datasheet
2Mb / 17P
   20V, Ultra-Precision, Low-Noise Op Amps
Rev 2; 8/12
MAX44252ASD MAXIM-MAX44252ASD Datasheet
2Mb / 14P
   20V, Ultra-Precision, Low-Noise Op Amps
Rev 3; 4/13
MAX44252ASD++ MAXIM-MAX44252ASD+ Datasheet
2Mb / 17P
   20V, Ultra-Precision, Low-Noise Op Amps
Rev 2; 8/12
MAX44252ASD++ MAXIM-MAX44252ASD+ Datasheet
1Mb / 14P
   20V, Ultra-Precision, Low-Noise Op Amps
2017
MAX44252ASD-T MAXIM-MAX44252ASD-T Datasheet
2Mb / 14P
   20V, Ultra-Precision, Low-Noise Op Amps
Rev 3; 4/13
More results

Similar Description - MAX44252

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX44250 MAXIM-MAX44250_13 Datasheet
2Mb / 14P
   20V, Ultra-Precision, Low-Noise Op Amps
Rev 3; 4/13
MAX44252ASD-T MAXIM-MAX44252ASD-T Datasheet
2Mb / 14P
   20V, Ultra-Precision, Low-Noise Op Amps
Rev 3; 4/13
MAX44250 MAXIM-MAX44250_V01 Datasheet
1Mb / 14P
   20V, Ultra-Precision, Low-Noise Op Amps
2017
MAX44250 MAXIM-MAX44250 Datasheet
2Mb / 17P
   20V, Ultra-Precision, Low-Noise Op Amps
Rev 2; 8/12
logo
Linear Technology
LT1028 LINER-LT1028 Datasheet
439Kb / 20P
   Ultra Low Noise Precision High Speed Op Amps
logo
Maxim Integrated Produc...
MAX427 MAXIM-MAX427 Datasheet
406Kb / 12P
   Low Noise, High-Precision Op Amps
19-0095; Rev 0; 11/92
MAX4104 MAXIM-MAX4104 Datasheet
128Kb / 12P
   350MHz, Ultra-Low-Noise Op Amps
19-0442; Rev 1; 11/95
MAX4106 MAXIM-MAX4106 Datasheet
128Kb / 12P
   350MHz, Ultra-Low-Noise Op Amps
Rev 1; 11/95
logo
3PEAK INC.
TP2311 3PEAK-TP2311 Datasheet
1Mb / 20P
   10MHz Bandwidth, Low Noise Precision Op-amps
logo
Linear Technology
LT1113 LINER-LT1113 Datasheet
244Kb / 16P
   Dual Low Noise, Precision, JFET Input Op Amps
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com