Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MAX97003 Datasheet(PDF) 1 Page - Maxim Integrated Products

Part # MAX97003
Description  High-Efficiency, Low-Noise Audio Subsystem
Download  48 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX97003 Datasheet(HTML) 1 Page - Maxim Integrated Products

  MAX97003 Datasheet HTML 1Page - Maxim Integrated Products MAX97003 Datasheet HTML 2Page - Maxim Integrated Products MAX97003 Datasheet HTML 3Page - Maxim Integrated Products MAX97003 Datasheet HTML 4Page - Maxim Integrated Products MAX97003 Datasheet HTML 5Page - Maxim Integrated Products MAX97003 Datasheet HTML 6Page - Maxim Integrated Products MAX97003 Datasheet HTML 7Page - Maxim Integrated Products MAX97003 Datasheet HTML 8Page - Maxim Integrated Products MAX97003 Datasheet HTML 9Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 48 page
background image
MAX97003
High-Efficiency, Low-Noise Audio Subsystem
����������������������������������������������������������������� Maxim Integrated Products 1
General Description
The MAX97003 audio subsystem combines a mono
speaker amplifier with a stereo headphone amplifier. The
headphone and speaker amplifiers have independent
volume and on/off controls. The four inputs are configu-
rable as two differential or four single-ended inputs.
To minimize output noise, both the headphone and
speaker outputs utilize a downward expander/noise gate
to attenuate noise when no desired input signal is present.
The speaker output incorporates an adjustable dynamic
range compressor (DRC) and distortion limiter to protect
the speaker and maximize loudness. This allows high
gain for low-level signals without compromising the qual-
ity of large signals.
All controls are performed using the two-wire I2C inter-
face. The IC operates in the extended -40NC to +85NC
temperature range, and is available in the 2.0mm x
2.4mm, 20-bump WLP package (0.4mm pitch).
Applications
Cell Phones
Portable Media Players
Features
S
2.7V to 5.5V Speaker Supply Voltage
S
1.8V Headphone Supply Voltage
S
1.0W Speaker Output (VPVDD = 4.2V, ZSPK = 8I +
68µH, 1% THD+N)
S
32mW/Channel Headphone Output (RHP = 32I)
S
Active Emissions Limiting for Enhanced EMI
Reduction
S
Efficient Class H Headphone Amplifier
S
Ground-Referenced Headphone Outputs
S
Headphone Ground Sense
S
2 Stereo Single-Ended/Mono Differential Inputs
S
Integrated Expander/Noise Gate for Low Output
Noise
S
Integrated DRC (Speaker Outputs)
S
Integrated Distortion Limiter (Speaker Outputs)
S
Extensive Click-and-Pop Reduction Circuitry
S
TDMA Noise Free
S
2.0mm x 2.4mm, 20-Bump WLP Package (0.4mm
Pitch)
Simplified Block Diagram
19-6044; Rev 0; 9/11
Ordering Information appears at end of data sheet.
For related parts and recommended products to use with this part, refer to: www.maxim-ic.com/MAX97003.related.
STEREO/
MONO
INPUT
STEREO/
MONO
INPUT
CLASS D
AMPLIFIER
CHARGE
PUMP
POWER SUPPLY
1.8V
BATTERY
CONTROL
I2C
HEADPHONE
GROUND
SENSE
LIMITER
DRC AND
EXPANDER
EXPANDER
VOLUME
VOLUME
CLASS H
AMPLIFIER
MAX97003
For pricing, delivery, and ordering information, please contact Maxim Direct at 1-888-629-4642,
or visit Maxim’s website at www.maxim-ic.com.


Similar Part No. - MAX97003

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX97003 MAXIM-MAX97003 Datasheet
2Mb / 14P
   2.7V to 5.5V Single-Supply Operation
19-6217; Rev 0; 2/12
MAX97003EVKIT MAXIM-MAX97003EVKIT Datasheet
2Mb / 14P
   2.7V to 5.5V Single-Supply Operation
19-6217; Rev 0; 2/12
MAX97003EVKIT# MAXIM-MAX97003EVKIT# Datasheet
2Mb / 14P
   2.7V to 5.5V Single-Supply Operation
19-6217; Rev 0; 2/12
More results

Similar Description - MAX97003

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
ISL99203 RENESAS-ISL99203 Datasheet
1Mb / 16P
   High Efficiency Audio Subsystem
logo
Intersil Corporation
ISL99203 INTERSIL-ISL99203 Datasheet
406Kb / 17P
   High Efficiency Audio Subsystem
logo
Wolfson Microelectronic...
WM9090 WOLFSON-WM9090 Datasheet
1Mb / 81P
   Ultra Low Power Audio Subsystem
WM9093 WOLFSON-WM9093 Datasheet
1Mb / 84P
   Ultra Low Power Audio Subsystem
logo
National Semiconductor ...
LM4931 NSC-LM4931_06 Datasheet
1Mb / 48P
   Audio Subsystem with Mono High Efficiency Loudsperker and Stereo Headphone Amplifiers
LM4931 NSC-LM4931 Datasheet
1Mb / 47P
   Audio Subsystem with Mono High Efficiency Loudspeaker and Stereo Headphone Amplifiers
logo
Texas Instruments
TLC320AD80 TI1-TLC320AD80 Datasheet
235Kb / 37P
[Old version datasheet]   Audio Processor Subsystem
TLC320AD80C TI-TLC320AD80C Datasheet
219Kb / 36P
[Old version datasheet]   Audio Processor Subsystem
LM49155 TI1-LM49155 Datasheet
222Kb / 8P
[Old version datasheet]   Uplink Noise Suppression & Downlink SNR Enhancement Analog Audio Subsystem
LM49155 TI1-LM49155_15 Datasheet
724Kb / 10P
[Old version datasheet]   Uplink Noise Suppression & Downlink SNR Enhancement Analog Audio Subsystem
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com